Electronic Components Datasheet Search |
|
MIC94093 Datasheet(PDF) 3 Page - Micrel Semiconductor |
|
MIC94093 Datasheet(HTML) 3 Page - Micrel Semiconductor |
3 / 16 page Micrel, Inc. MIC94090/1/2/3/4/5 March 2009 3 M9999-033109-A Absolute Maximum Ratings (1) Input Voltage (VIN) ...................................................... +6V Enable Voltage (VEN) ................................................. +6V Continuous Drain Current (ID) (3) TA = 25°C (MLF ®).............................................. ±1.2A TA = 25°C (SC-70) ............................................ ±1.2A Pulsed Drain Current (IDP) (4) .................................... ±6.0A Continuous Diode Current (IS) (5)............................ –50mA Storage Temperature (Ts) ..................... –55°C to +150°C ESD Rating – HBM (6)...................................................3kV Operating Ratings (2) Input Voltage (VIN)....................................... +1.7 to +5.5V Junction Temperature (TJ) .....................–40°C to +125°C Package Thermal Resistance Thin MLF ® ( θ JC) (3) ............................................60°C/W Thin MLF ® ( θ JA) (3)..........................................140°C/W SC-70-6 ( θ JC) ................................................100°C/W SC-70-6 ( θ JA) ................................................240°C/W Electrical Characteristics TA = 25°C, bold values indicate –40°C< TA < +85°C, unless noted. Symbol Parameter Condition Min Typ Max Units VEN_TH Enable Threshold Voltage VIN = 1.7V to 4.5V, ID = –250μA 0.4 1.25 V VIN = VEN = 5.5V, ID = OPEN Measured on VIN MIC94090/1 0.1 1 µA IQ Quiescent Current Measured on the VIN Pin VIN = VEN = 5.5V, ID = OPEN Measured on VIN MIC94092/3/4/5 8 15 µA IEN Enable Input Current VIN = VEN = 5.5V, ID = OPEN 2.5 4 µA ISD Shutdown Current VIN = +5.5V, VEN = 0V, ID = OPEN Measured on the VIN pin (7) 0.01 1 µA ISHUT-SWITCH OFF State Leakage Current VIN = +5.5V, VEN = 0V, ID = SHORT Measured on VOUT (7) 0.01 1 µA VIN = +5.0V, ID = –100mA, VEN = 1.5V 130 225 m Ω VIN = +4.5V, ID = –100mA, VEN = 1.5V 135 235 m Ω VIN = +3.6V, ID = –100mA, VEN = 1.5V 140 255 m Ω VIN = +2.5V, ID = –100mA, VEN = 1.5V 170 315 m Ω VIN = +1.8V, ID = –100mA, VEN = 1.5V 235 355 m Ω RDS(ON) P-Channel Drain to Source ON Resistance VIN = +1.7V, ID = –100mA, VEN = 1.5V 260 375 m Ω RSHUTDOWN Turn-Off Resistance VIN = +3.6V, ITEST = 1mA, VEN = 0V MIC94091/3/5 250 400 Ω |
Similar Part No. - MIC94093 |
|
Similar Description - MIC94093 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |