Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV1100 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LV1100
Description  Digital Surround Audio Signal-Processing IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV1100 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LV1100 Datasheet HTML 1Page - Sanyo Semicon Device LV1100 Datasheet HTML 2Page - Sanyo Semicon Device LV1100 Datasheet HTML 3Page - Sanyo Semicon Device LV1100 Datasheet HTML 4Page - Sanyo Semicon Device LV1100 Datasheet HTML 5Page - Sanyo Semicon Device LV1100 Datasheet HTML 6Page - Sanyo Semicon Device LV1100 Datasheet HTML 7Page - Sanyo Semicon Device LV1100 Datasheet HTML 8Page - Sanyo Semicon Device LV1100 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Block Diagram
Functional Description
1.INPUT PHASE SELECT
Selects either the input summation signal (L+R) or the input difference signal (L-R). When set to low, L+R is selected,
and when set to high, L-R is selected.
2.INPUT SELECT
Selects either the IN-L and IN-R input signals, or the IN-A input signal.
3.INPUT FILTER
Selects whether the signal input from either IN-L and IN-R or IN-A is passed through a 7-kHz low-pass filter, or
whether it is directly input to the delay block.
4.DELAY
In clock fast mode, creates one of six delayed signals with delays of 10 to 60 ms in 10-ms steps.
In clock slow mode, creates one of six delayed signals with delays of 20 to 120 ms in 20-ms steps.
5.VOL (effect volume)
Selects the amount of the front L and R signals added to the delayed signal. Possible settings are +3 dB, 0 dB, –3 dB,
and –
∞.
6.OUTPUT PHASE SELECT
Selects in-phase (+ setting) or out-of-phase (– setting) with respect to the left channel for the right channel of the VOL
output signal.
7.REVERVE SW
Set this switch to the on position to specify that the surround system output signal be fed back.
8.IN-A OUTPUT FILTER
Allows the signal to be output after passing through a 3-kHz low-pass filter.
No. 5506-4/10
LV1100


Similar Part No. - LV1100

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV1110NM SANYO-LV1110NM Datasheet
351Kb / 22P
   Digital Surround Processor IC
LV1115 SANYO-LV1115 Datasheet
322Kb / 15P
   Surround Processor ICs for Electronic Volume Control
LV1115M SANYO-LV1115M Datasheet
322Kb / 15P
   Surround Processor ICs for Electronic Volume Control
LV1116N SANYO-LV1116N Datasheet
514Kb / 4P
   Surround Processor ICs for Electronic Volume Control
LV1116N SANYO-LV1116N Datasheet
372Kb / 18P
   Surround Processor ICs for Electronic Volume Control
More results

Similar Description - LV1100

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA2610 SANYO-LA2610 Datasheet
39Kb / 5P
   Analog Surround Processing IC
logo
NXP Semiconductors
SAA7740H PHILIPS-SAA7740H Datasheet
142Kb / 28P
   Digital Audio Processing IC DAPIC
1997 May 30
logo
STMicroelectronics
TDA7590 STMICROELECTRONICS-TDA7590 Datasheet
341Kb / 40P
   Digital signal processing IC for speech and audio applications
TDA7550 STMICROELECTRONICS-TDA7550 Datasheet
118Kb / 12P
   DIGITAL SIGNAL PROCESSING IC FOR SPEECH AND AUDIO APPLICATIONS
TDA7590 STMICROELECTRONICS-TDA7590_09 Datasheet
326Kb / 42P
   Digital signal processing IC for speech and audio applications
logo
Sanyo Semicon Device
LC99063-LF2 SANYO-LC99063-LF2 Datasheet
121Kb / 8P
   CCD Digital Signal Processing IC
LA71730EM SANYO-LA71730EM Datasheet
624Kb / 2P
   VIDEO AND AUDIO SIGNAL-PROCESSING IC
LA71750EM SANYO-LA71750EM Datasheet
621Kb / 2P
   Video and Audio Signal-Processing IC
logo
Panasonic Semiconductor
AN7090FHQ PANASONIC-AN7090FHQ Datasheet
138Kb / 14P
   Peripheral analog IC for audio signal processing
AN12942B PANASONIC-AN12942B Datasheet
577Kb / 31P
   Audio signal processing IC for notebook PC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com