Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LM8562 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part No. LM8562
Description  Digital Alarm Clock
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 6 page
background image
9.
50/60 Hz INPUT Pin
The LM8562 contains a Schmitt circuit so that a simple CR filter can be used to remove the noise of commercial frequency
50/60 Hz.
10. 12/24-Hour Mode, 50/60 Hz Select
The 3-level input MODE SELECT pin provides the following combinations.
MODE SELECT Pin Input
Select
VDD
12-hour mode & 60 Hz
OPEN
12-hour mode & 50 Hz
VSS
24-hour mode & 50 Hz
Sample Application Circuit
LM8562
No.2658-6/7




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM8363Dual - Alarm Digital Clock 1 2 3 4 5 MoreSanyo Semicon Device
MM5316Digital Alarm Clock 1 2 3 4 5 National Semiconductor (TI)
NTE2062Integrated Circuit PMOS Digital Alarm Clock 1 2 3 4 5 NTE Electronics
LC85632Digital Alarm Clock 1 2 3 4 5 MoreSanyo Semicon Device
LM8560NDigital Alarm Clock 1 2 3 4 5 MoreSanyo Semicon Device
SC8560The SC8560 is an alarm equipped digital clock IC with built-in drivers capable of directly driving LED display equipment. 1 2 3 4 5 MoreSilan Microelectronics Joint-stock
LM8460ALARM CLOCK CLOCK RADIO.ETC 1 Sanyo Semicon Device
NTE1537Integrated Circuit CMOS Digital Frequency Indicator w/Clock LED Function 1 2 3 4 NTE Electronics
LC7267Digital Display of Clock/Receiving Frequency for Radio Set Applications 1 2 3 4 5 MoreSanyo Semicon Device
FS6011-02DIGITAL AUDIO/VIDEO CLOCK GENERATOR IC 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl