Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LM8562 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LM8562
Description  Digital Alarm Clock
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 1 page
background image
Digital Alarm Clock
Overview
The LM8562 is a digital clock-use LSI having features such as
easy setting, two alarms. Since the LM8562 is designed to be
able to direct drive an LED panel of duplex type, the package
in which the LM8562 is placed is a 28-pin shrink DIP with a
small mounting area.
Features
(1) Duplex LED display (LM8560-use LED panel usable)
(2) Two alarms on chip (600 Hz, 1200 Hz)
(3) Up, down/fast, slow time setting available (easy setting)
(4) 12/24-hour mode, 50/60 Hz selectable (provided that it is
impossible to select the combination of 24-hour mode and
60 Hz)
(5) On-chip CR oscillator for backup use at the time of power
failure
(6) Power failure indicator
(7) 59-minute alarm/sleep timer
(8) 6-minute snooze function
(9) Radio output function
(10) P-channel ED MOS
(11) Pin 28 dual-in-line shrink package
(12) Wide operating voltage/operating temperature range
VDD= –14 to –8 V / –20 to +70°C
Package Dimensions
unit : mm
3029A-DIP28S
[LM8562]
SANYO : DIP28S
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS =0 V
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VDD max
–17.0 to +0.3
V
Input voltage
VIN
–17.0 to +0.3
V
Output voltage
VOUT
–17.0 to +0.3
V
Allowable power dissipation
Pd max
Ta = 70°C
0.7
W
Operating temperature
Topr
–20 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Ordering number: EN 2658A
PMOS LSI
LM8562
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
D2897HA (II)/6209TA No.2658-1/7




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM8363Dual - Alarm Digital Clock 1 2 3 4 5 MoreSanyo Semicon Device
MM5316Digital Alarm Clock 1 2 3 4 5 National Semiconductor (TI)
NTE2062Integrated Circuit PMOS Digital Alarm Clock 1 2 3 4 5 NTE Electronics
LC85632Digital Alarm Clock 1 2 3 4 5 MoreSanyo Semicon Device
LM8560NDigital Alarm Clock 1 2 3 4 5 MoreSanyo Semicon Device
SC8560The SC8560 is an alarm equipped digital clock IC with built-in drivers capable of directly driving LED display equipment. 1 2 3 4 5 MoreSilan Microelectronics Joint-stock
LM8460ALARM CLOCK CLOCK RADIO.ETC 1 Sanyo Semicon Device
NTE1537Integrated Circuit CMOS Digital Frequency Indicator w/Clock LED Function 1 2 3 4 NTE Electronics
LC7267Digital Display of Clock/Receiving Frequency for Radio Set Applications 1 2 3 4 5 MoreSanyo Semicon Device
FS6011-02DIGITAL AUDIO/VIDEO CLOCK GENERATOR IC 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl