Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7545 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 7545
Description  Standard Characteristics
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7545 Datasheet(HTML) 2 Page - Renesas Technology Corp

  7545_06 Datasheet HTML 1Page - Renesas Technology Corp 7545_06 Datasheet HTML 2Page - Renesas Technology Corp 7545_06 Datasheet HTML 3Page - Renesas Technology Corp 7545_06 Datasheet HTML 4Page - Renesas Technology Corp 7545_06 Datasheet HTML 5Page - Renesas Technology Corp 7545_06 Datasheet HTML 6Page - Renesas Technology Corp 7545_06 Datasheet HTML 7Page - Renesas Technology Corp 7545_06 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
7545 Group Standard Characteristics
M37545G4-XXXGP,M37545G6-XXXGP, M37545G8-XXXGP
M37545G4GP,M37545G6GP, M37545G8GP
(2) Port Standard characteristics Example (VOH-IOH)
VOH-IOH (Vcc = 3.0 V, Ports P00-P07,P10-P11,P20-P27,P30-P37,P40,P41)
VOH-IOH (Ta = 25 °C, Ports P00-P07,P10-P11,P20-P27,P30-P37,P40,P41)
Fig. 4. VOH-IOH (Vcc = 3.0 V)
Fig. 5. VOH-IOH (Ta = 25 °C)
VOH-IOH (Vcc = 3.0 V, Ports P42)
VOH-IOH (Ta = 25 °C, Ports P42)
Fig. 6. VOH-IOH (Vcc = 3.0 V)
Fig. 7. VOH-IOH (Ta = 25 °C)
QzROM version
QzROM version
"H" Output Voltage VOH [V]
"H" Output Voltage VOH [V]
QzROM version
QzROM version
"H" Output Voltage VOH [V]
"H" Output Voltage VOH [V]
-30
-20
-10
0
01
23
Ta = -20 °C
Ta = 25 °C
Ta = 85 °C
-40
-30
-20
-10
0
01
23
4
Vcc = 1.5V
Vcc = 2.0V
Vcc = 2.5V
Vcc = 3.0V
Vcc = 3.5V
Vcc = 4.0V
-40
-30
-20
-10
0
01
23
Ta = -20 °C
Ta = 25 °C
Ta = 85 °C
-60
-50
-40
-30
-20
-10
0
01
23
4
Vcc = 1.5V
Vcc = 2.0V
Vcc = 2.5V
Vcc = 3.0V
Vcc = 3.5V
Vcc = 4.0V
REJ99B1148-0100
©2006. Renesas Technology Corp., All rights reserved.
July 2006
Page 2 of 6


Similar Part No. - 7545_06

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75450-0001 MOLEX-75450-0001 Datasheet
141Kb / 2P
   0.80mm (.031?? Pitch SFP Stacked Multi-Port Connectors
75450-5001 MOLEX-75450-5001 Datasheet
60Kb / 2P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
75451-0001 MOLEX-75451-0001 Datasheet
141Kb / 2P
   0.80mm (.031?? Pitch SFP Stacked Multi-Port Connectors
logo
Texas Instruments
75452 TI-75452 Datasheet
377Kb / 17P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
logo
Molex Electronics Ltd.
75454-0001 MOLEX-75454-0001 Datasheet
141Kb / 2P
   0.80mm (.031?? Pitch SFP Stacked Multi-Port Connectors
More results

Similar Description - 7545_06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3858 RENESAS-3858_08 Datasheet
169Kb / 8P
   Standard Characteristics
38D2 RENESAS-38D2_07 Datasheet
395Kb / 28P
   Standard Characteristics
4508 RENESAS-4508_06 Datasheet
245Kb / 26P
   Standard Characteristics
4559 RENESAS-4559_08 Datasheet
234Kb / 18P
   Standard Characteristics
3823 RENESAS-3823_07 Datasheet
353Kb / 26P
   Standard Characteristics
7548 RENESAS-7548_07 Datasheet
255Kb / 18P
   Standard Characteristics
4571 RENESAS-4571_08 Datasheet
161Kb / 14P
   Standard Characteristics
7546 RENESAS-7546_07 Datasheet
199Kb / 14P
   Standard Characteristics
M16C29 RENESAS-M16C29_07 Datasheet
288Kb / 17P
   Standard Characteristics
M16C26A-SC RENESAS-M16C26A-SC Datasheet
249Kb / 17P
   Standard Characteristics
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com