Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7J321882C Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K7J321882C
Description  1Mx36 & 2Mx18 DDR II SIO b2 SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7J321882C Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K7J321882C Datasheet HTML 6Page - Samsung semiconductor K7J321882C Datasheet HTML 7Page - Samsung semiconductor K7J321882C Datasheet HTML 8Page - Samsung semiconductor K7J321882C Datasheet HTML 9Page - Samsung semiconductor K7J321882C Datasheet HTML 10Page - Samsung semiconductor K7J321882C Datasheet HTML 11Page - Samsung semiconductor K7J321882C Datasheet HTML 12Page - Samsung semiconductor K7J321882C Datasheet HTML 13Page - Samsung semiconductor K7J321882C Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
1Mx36 & 2Mx18 DDR II SIO b2 SRAM
- 10 -
Rev. 1.1 August 2006
K7J323682C
K7J321882C
DC ELECTRICAL CHARACTERISTICS
Notes: 1. Minimum cycle. IOUT=0mA.
2. |IOH|=(VDDQ/2)/(RQ/5)
±15% for 175Ω ≤ RQ ≤ 350Ω.
3. |IOL|=(VDDQ/2)/(RQ/5)
±15% for 175Ω ≤ RQ ≤ 350Ω.
4. Minimum Impedance Mode when ZQ pin is connected to VDD.
5. Operating current is calculated with 50% read cycles and 50% write cycles.
6. Standby Current is only after all pending read and write burst operations are completed.
7. Programmable Impedance Mode.
8. These are DC test criteria. DC design criteria is VREF
±50mV. The AC VIH/VIL levels are defined separately for measuring
timing parameters.
9. VIL (Min.) DC=
-0.3V, VIL (Min)AC=-1.5V(pulse width ≤ 3ns).
10. VIH (Max)DC=
VDDQ+0.3, VIH (Max)AC=VDDQ+0.85V(pulse width ≤ 3ns).
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT NOTES
Input Leakage Current
IIL
VDD=Max; VIN=VSS to VDDQ
-2
+2
µA
Output Leakage Current
IOL
Output Disabled,
-2
+2
µA
Operating Current (x36)
ICC
VDD=Max, IOUT=0mA
Cycle Time
≥ tKHKH Min.
-33
750
mA
1,5
-30
-
700
-25
-
650
Operating Current (x18)
ICC
VDD=Max, IOUT=0mA
Cycle Time
≥ tKHKH Min.
-33
700
mA
1,5
-30
-
650
-25
-
600
Standby Current (NOP)
ISB1
Device deselected, IOUT=0mA, f=Max,
All Inputs
0.2V or ≥ VDD-0.2V
-33
300
mA
1,6
-30
-
280
-25
-
250
Output High Voltage
VOH1
VDDQ/2-0.12 VDDQ/2+0.12
V
2,7
Output Low Voltage
VOL1
VDDQ/2-0.12 VDDQ/2+0.12
V
3,7
Output High Voltage
VOH2
IOH=-1.0mA
VDDQ-0.2
VDDQ
V4
Output Low Voltage
VOL2
IOL=1.0mA
VSS
0.2
V
4
Input Low Voltage
VIL
-0.3
VREF-0.1
V
8,9
Input High Voltage
VIH
VREF+0.1
VDDQ+0.3
V
8,10
ABSOLUTE MAXIMUM RATINGS*
*Note: 1. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operating sections of this specification
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
2. VDDQ must not exceed VDD during normal operation.
PARAMETER
SYMBOL
RATING
UNIT
Voltage on VDD Supply Relative to VSS
VDD
-0.5 to 2.9
V
Voltage on VDDQ Supply Relative to VSS
VDDQ
-0.5 to VDD
V
Voltage on Input Pin Relative to VSS
VIN
-0.5 to VDD+0.3
V
Storage Temperature
TSTG
-65 to 150
°C
Operating Temperature
Commercial / Industrial
TOPR
0 to 70 / -40 to 85
°C
Storage Temperature Range Under Bias
TBIAS
-10 to 85
°C
OPERATING CONDITIONS
PARAMETER
SYMBOL
Min.
MAX
UNIT
Supply Voltage
VDD
1.7
1.9
V
VDDQ
1.4
1.9
V
Reference Voltage
VREF
0.68
0.95
V


Similar Part No. - K7J321882C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7J321882M SAMSUNG-K7J321882M Datasheet
305Kb / 17P
   1Mx36 & 2Mx18 DDR II SIO b2 SRAM
More results

Similar Description - K7J321882C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7J323682M SAMSUNG-K7J323682M Datasheet
305Kb / 17P
   1Mx36 & 2Mx18 DDR II SIO b2 SRAM
DS_K7R323682M SAMSUNG-DS_K7R323682M Datasheet
201Kb / 19P
   1Mx36 & 2Mx18 & 4Mx9 QDRTM II b2 SRAM
K7R323682C SAMSUNG-K7R323682C Datasheet
458Kb / 20P
   1Mx36 & 2Mx18 & 4Mx9 QDR II b2 SRAM
K7J643682M SAMSUNG-K7J643682M_07 Datasheet
434Kb / 18P
   2Mx36 & 4Mx18 DDR II SIO b2 SRAM
K7J163682B SAMSUNG-K7J163682B Datasheet
411Kb / 18P
   512Kx36 & 1Mx18 DDR II SIO b2 SRAM
K7J161882B SAMSUNG-K7J161882B Datasheet
374Kb / 17P
   512Kx36 & 1Mx18 DDR II SIO b2 SRAM
K7I323682M SAMSUNG-K7I323682M Datasheet
377Kb / 17P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
K7K3236T2C SAMSUNG-K7K3236T2C Datasheet
406Kb / 19P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
K7K3236U2C SAMSUNG-K7K3236U2C Datasheet
406Kb / 19P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
K7I323682C SAMSUNG-K7I323682C Datasheet
418Kb / 18P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com