Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4508 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 4508
Description  Standard Characteristics
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4508 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 4508_06 Datasheet HTML 7Page - Renesas Technology Corp 4508_06 Datasheet HTML 8Page - Renesas Technology Corp 4508_06 Datasheet HTML 9Page - Renesas Technology Corp 4508_06 Datasheet HTML 10Page - Renesas Technology Corp 4508_06 Datasheet HTML 11Page - Renesas Technology Corp 4508_06 Datasheet HTML 12Page - Renesas Technology Corp 4508_06 Datasheet HTML 13Page - Renesas Technology Corp 4508_06 Datasheet HTML 14Page - Renesas Technology Corp 4508_06 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Standard Characteristics
4508/4509 Group
4-4. "L" output current (VOL-IOL) characteristics D0,D1,D4,D5 pins
(D4, D5 only for 4509 Group)
conditions: VDD=5V
4-5. "L" output current (VOL-IOL) characteristics D2,D3 pins
conditions: VDD=5V
Standard characteristics are just examples and are not guaranteed.
For each parameter's limits, refer to electrical characteristics of Datasheet.
These MCUs have the equal characteristics as the above expression.
M34509G4FP
M34509G4-XXXFP
M34509G4HFP
M34509G4H-XXXFP
M34508G4FP
M34508G4-XXXFP
M34508G4GP
M34508G4-XXXGP
M34508G4HFP
M34508G4H-XXXFP M34508G4HGP
M34508G4H-XXXGP
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VOL [V]
Ta=-20°C
Ta=25°C
Ta=85°C
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VOL [V]
Ta=-20°C
Ta=25°C
Ta=85°C
REJ99B0054-0101
©2006. Renesas Technology Corp., All rights reserved.
2006.04
Page 11 of 24


Similar Part No. - 4508_06

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
4508-440-AL RAF-4508-440-AL Datasheet
92Kb / 1P
   3/16 HEX MALE FEMALE STANDOFFS
4508-440-SS RAF-4508-440-SS Datasheet
92Kb / 1P
   3/16 HEX MALE FEMALE STANDOFFS
4508-632-AL RAF-4508-632-AL Datasheet
98Kb / 1P
   3/16 HEX MALE FEMALE STANDOFFS
logo
Alpha Wire
45080/15 ALPHAWIRE-45080/15 Datasheet
98Kb / 4P
   Customer Specification
12/5/2022
45080/25 ALPHAWIRE-45080/25 Datasheet
93Kb / 4P
   Customer Specification
1/5/2023
More results

Similar Description - 4508_06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3858 RENESAS-3858_08 Datasheet
169Kb / 8P
   Standard Characteristics
38D2 RENESAS-38D2_07 Datasheet
395Kb / 28P
   Standard Characteristics
4559 RENESAS-4559_08 Datasheet
234Kb / 18P
   Standard Characteristics
3823 RENESAS-3823_07 Datasheet
353Kb / 26P
   Standard Characteristics
7545 RENESAS-7545_06 Datasheet
100Kb / 8P
   Standard Characteristics
7548 RENESAS-7548_07 Datasheet
255Kb / 18P
   Standard Characteristics
4571 RENESAS-4571_08 Datasheet
161Kb / 14P
   Standard Characteristics
7546 RENESAS-7546_07 Datasheet
199Kb / 14P
   Standard Characteristics
M16C29 RENESAS-M16C29_07 Datasheet
288Kb / 17P
   Standard Characteristics
M16C26A-SC RENESAS-M16C26A-SC Datasheet
249Kb / 17P
   Standard Characteristics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com