Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LE28FV4001R-25 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LE28FV4001R-25
Description  4MEG (52488 x 8 Bits) Flash Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE28FV4001R-25 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LE28FV4001R-25 Datasheet HTML 1Page - Sanyo Semicon Device LE28FV4001R-25 Datasheet HTML 2Page - Sanyo Semicon Device LE28FV4001R-25 Datasheet HTML 3Page - Sanyo Semicon Device LE28FV4001R-25 Datasheet HTML 4Page - Sanyo Semicon Device LE28FV4001R-25 Datasheet HTML 5Page - Sanyo Semicon Device LE28FV4001R-25 Datasheet HTML 6Page - Sanyo Semicon Device LE28FV4001R-25 Datasheet HTML 7Page - Sanyo Semicon Device LE28FV4001R-25 Datasheet HTML 8Page - Sanyo Semicon Device LE28FV4001R-25 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
3. Byte programming operation
The byte programming operation is started by writing a setup command (10H) to the command register.
Once the setup command is executed, the execute command is started by the next WE pulse transition. Figure 7
shows the timing waveforms for this operation. The address and the data are latched internally on the falling edge
and rising edge of the WE pulse, respectively. The WE rising edge also corresponds to the start of the programming
operation. The programming operation is automatically completed under internal timing control. Figures 2 and 7
show the programming characteristics and waveforms.
As mentioned previously, this two-stage sequence in which a setup command and a following execute operation, are
required guarantees that memory cells will not be programmed accidentally.
4. Byte programming flowchart
Data is stored into the device (i.e., the device is programmed) by the byte programming flowchart shown in Figure 2.
The byte programming command sets up the byte for writing. The address is latched on the falling edge of WE or
CE, whichever falls last. The data is latched on the rising edge of WE or CE, whichever rises first, and the
programming operation starts. The application can detect the completion of the write by Data polling or by using the
toggle bit.
5. Reset operation
The reset command is a procedure for safely terminating an erase or programming command sequences. Writing
FFH to the command register after issuing an erase or programming setup command will safely cancel that operation.
The contents of memory will not be changed. The device goes to read mode after executing a reset command. The
reset command cannot activate the software data protect function. Figure 8 shows the timing wavefroms.
6. Read operation
A read operation is performed by setting CE and OE, and then WE to read mode. Figure 3 shows the read mode
timing waveforms, and the read mode conditions are shown as “function logic”. A read cycle from the host searches
for the memory array data. The device remains in the read state until another command is written to the command
register.
As a default, the device will be in read mode in the write protect state from the time power is first applied until a
command is written to the command register. The unprotect sequence must be executed to perform a write operation
(erase or programming).
The read operation is controlled by CE and OE, and both must be set to the logic low level to activate the read
function. When CE is at the logic high level, the chip is in the unselected state and only draws the standby current.
OE controls the output pins. The device output pins will be in the high-impedance state if either CE or OE is at the
logic high level.
7. Read ID operation
The read ID operation consists of a single command, 90H. A read operation from address 0000H will then return the
manufacturer code, BFH and a read operation from address 0001H will return the device code, 04H. This operation
is terminated by writing any other valid command to the command register.
Protecting Data from Unintentional Writes
To protect the accumulated stored data that the user intends to be nonvolatile, the LE28FV4001 Series products provide
both hardware and software functions to prevent unintentional writes when power is applied or cut off.
1. Hardware data protection
The LE28FV4001 Series products incorporate a hardware data function that prevents unintentional writes.
• Write inhibit mode: Write operations are disabled if either OE is at the low logic level, CE is at the high logic level,
or WE is at the high logic level.
• Noise and glitch protection: WE pulses shorter than 15 ns will not execute a write operation.
• The LE28FV4001 Series products were designed to hold unintentional writes to a minimum by setting the device
to read mode as the default when power is first applied.
No. 5468-5/14
LE28FV4001M, T, R-20/25


Similar Part No. - LE28FV4001R-25

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE28FV4001CTS-20 SANYO-LE28FV4001CTS-20 Datasheet
158Kb / 15P
   4M-Bit (512k 횞 8) Flash EEPROM
More results

Similar Description - LE28FV4001R-25

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K8G08U1M SAMSUNG-K9K8G08U1M Datasheet
1Mb / 41P
   512M x 8 Bits / 1G x 8 Bits NAND Flash Memory
K9T1G08U0M SAMSUNG-K9T1G08U0M Datasheet
888Kb / 38P
   128M x 8 Bits NAND Flash Memory
K9E2G08U0M SAMSUNG-K9E2G08U0M Datasheet
888Kb / 38P
   256M x 8 Bits NAND Flash Memory
K9E2G08B0M SAMSUNG-K9E2G08B0M Datasheet
896Kb / 38P
   256M x 8 Bits NAND Flash Memory
K9F1208X0C SAMSUNG-K9F1208X0C Datasheet
824Kb / 38P
   64M x 8 Bits NAND Flash Memory
logo
Toshiba Semiconductor
TC58FVT800FT-85 TOSHIBA-TC58FVT800FT-85 Datasheet
1Mb / 28P
   8 MBIT (1M X 8 BITS / 512K X 16 BITS) CMOS FLASH MEMORY
logo
Sanyo Semicon Device
LE28CV1001M SANYO-LE28CV1001M Datasheet
276Kb / 14P
   1MEG (131072 words x 8 bits) Flash Memory
LE28C1001M SANYO-LE28C1001M Datasheet
281Kb / 14P
   1MEG (131072 words x 8 bits) Flash Memory
logo
Toshiba Semiconductor
TC58FVB160AF TOSHIBA-TC58FVB160AF Datasheet
539Kb / 41P
   16-MBIT (2M x 8 BITS / 1M x 16 BITS) CMOS FLASH MEMORY
TC58FVM7B2 TOSHIBA-TC58FVM7B2 Datasheet
649Kb / 68P
   128-MBIT (16M X 8 BITS / 8M X 16 BITS) CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com