Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3850HA Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 3850HA
Description  Difference between Spec.H and Spec.A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3850HA Datasheet(HTML) 4 Page - Renesas Technology Corp

  3850HA Datasheet HTML 1Page - Renesas Technology Corp 3850HA Datasheet HTML 2Page - Renesas Technology Corp 3850HA Datasheet HTML 3Page - Renesas Technology Corp 3850HA Datasheet HTML 4Page - Renesas Technology Corp 3850HA Datasheet HTML 5Page - Renesas Technology Corp 3850HA Datasheet HTML 6Page - Renesas Technology Corp 3850HA Datasheet HTML 7Page - Renesas Technology Corp 3850HA Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
-4-
REJ99B0046-0100
Mask version
Flash/PROM version
12.5MHz
8.0MHz
6.0MHz
4.0MHz
5.5V
4.0V
2.7V
PROM
(Standard/
Spec.H)
FLASH
(Spec.A)
f(Xin)
Vcc
12.5MHz
(
Φ=6.25MHz)
8.0MHz
6.0MHz
(
Φ=3.0MHz)
4.0MHz
5.5V
4.0V
2.7V
Standard
Spec.H
Spec.A
f(Xin)
Vcc
high-speed mode
high-speed mode
2.7V
12.5MHz
(
Φ=1.56MHz)
8.0MHz
(
Φ=1.0MHz)
5.5V
Standard
Spec.H
Spec.A
f(Xin)
Vcc
middle-speed mode
2.7V
12.5MHz
8.0MHz
5.5V
Spec.A
f(Xin)
Vcc
middle-speed mode
PROM
(Standard/
Spec.H)
Improvement of Operating Frequency Characteristics
in 3850 Groups
Improvement of Operating Frequency Characteristics
in 3850 Groups


Similar Part No. - 3850HA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3850H RENESAS-3850H Datasheet
2Mb / 287P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
More results

Similar Description - 3850HA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3850SA RENESAS-3850SA Datasheet
123Kb / 9P
   Difference between Standard ver. and Spec.A
logo
National Semiconductor ...
ADC10D1X00 NSC-ADC10D1X00 Datasheet
150Kb / 4P
   The only difference on the pin-out between
logo
Renesas Technology Corp
3850 RENESAS-3850_05 Datasheet
552Kb / 20P
   (Spec.A) Standard characteristics
logo
MERITEK ELECTRONICS COR...
RWSF MERITEK-RWSF Datasheet
85Kb / 1P
   Between Terminals and Case
logo
ON Semiconductor
AN1568 ONSEMI-AN1568 Datasheet
86Kb / 10P
   Interfacing Between LVDS and ECL
October, 2003 ??Rev. 8
logo
Texas Instruments
INA143 TI1-INA143 Datasheet
331Kb / 15P
[Old version datasheet]   DIFFERENCE AMPLIFIERS
logo
STMicroelectronics
AN1318 STMICROELECTRONICS-AN1318 Datasheet
63Kb / 9P
   INTERFACING BETWEEN LVDS AND HIGH
logo
CUI INC
SJ1-3523N CUI-SJ1-3523N Datasheet
140Kb / 3P
   between terminal and mating plug between terminal in a closed circuit
logo
Linear Technology
LT1193 LINER-LT1193 Datasheet
565Kb / 12P
   Video Difference Amplifier
logo
Pulse A Technitrol Comp...
PE-68386NLT PULSE-PE-68386NLT Datasheet
1Mb / 5P
   1500VDC isolation between Gate and Drive
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com