Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2845A-MGYMT Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2845A-MGYMT
Description  High Efficiency 6 Channel Linear WLED Driver with DAM?? Ultra Fast PWM??Control and Dual Low IQ LDOs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2845A-MGYMT Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2845A-MGYMT Datasheet HTML 1Page - Micrel Semiconductor MIC2845A-MGYMT Datasheet HTML 2Page - Micrel Semiconductor MIC2845A-MGYMT Datasheet HTML 3Page - Micrel Semiconductor MIC2845A-MGYMT Datasheet HTML 4Page - Micrel Semiconductor MIC2845A-MGYMT Datasheet HTML 5Page - Micrel Semiconductor MIC2845A-MGYMT Datasheet HTML 6Page - Micrel Semiconductor MIC2845A-MGYMT Datasheet HTML 7Page - Micrel Semiconductor MIC2845A-MGYMT Datasheet HTML 8Page - Micrel Semiconductor MIC2845A-MGYMT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Micrel Inc.
MIC2845A
April 2010
3
M9999-041210-C
Ordering Information
Part Number
Mark Code
(1)
LDO1
VOUT
LDO2
VOUT
Temperature Range
Package
(2)
MIC2845A-MFYMT
YNMF
2.8V
1.5V
–40°C to +125°C
14-Pin 2.5mm x 2.5mm Thin MLF
®
MIC2845A-MGYMT
YNMG
2.8V
1.8V
–40°C to +125°C
14-Pin 2.5mm x 2.5mm Thin MLF
®
MIC2845A-PGYMT
YNPG
3.0V
1.8V
–40°C to +125°C
14-Pin 2.5mm x 2.5mm Thin MLF
®
MIC2845A-PPYMT
YNPP
3.0V
3.0V
–40°C to +125°C
14-Pin 2.5mm x 2.5mm Thin MLF
®
MIC2845A-SCYMT
YNSC
3.3V
1.0V
–40°C to +125°C
14-Pin 2.5mm x 2.5mm Thin MLF
®
Notes:
1. Thin MLF
® ▲ = Pin 1 identifier.
2. Thin MLF
® is a GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is halogen free.
3. Contact Micrel for other voltage options.
Pin Configuration
VIN
LDO2
EN2
D4
GND
D3
EPAD
14-Pin 2.5mm x 2.5mm Thin MLF
® (MT)
(Top View)
Pin Description
Pin Number
Pin Name
Pin Function
1
VIN
Voltage Input. Connect at least 1µF ceramic capacitor between VIN and GND.
2
LDO2
Output of LDO2. Connect at least 1µF ceramic output capacitor.
3
EN2
Enable Input for LDO2. Active High Input. Logic High = On; Logic Low = Off; Do not leave floating.
4
END
Enable for LED driver. Can be used as a PWM input for dimming of LEDs. Do not leave floating.
5
RSET
An internal 1.27V reference sets the nominal maximum LED current. Example, apply a 20.5kΩ
resistor between RSET and GND to set LED current to 20mA at 100% duty cycle.
6
D1
LED1 driver. Connect LED anode to VIN and cathode to this pin.
7
D2
LED2 driver. Connect LED anode to VIN and cathode to this pin.
8
D3
LED3 driver. Connect LED anode to VIN and cathode to this pin.
9
GND
Ground.
10
D4
LED4 driver. Connect LED anode to VIN and cathode to this pin.
11
D5
LED5 driver. Connect LED anode to VIN and cathode to this pin.
12
D6
LED6 driver. Connect LED anode to VIN and cathode to this pin.
13
EN1
Enable Input for LDO1. Active High Input. Logic High = On; Logic Low = Off; Do not leave floating.
14
LDO1
Output of LDO1. Connect at least 1µF ceramic output capacitor.
EPAD
HS PAD
Heat sink pad. Not internally connected. Connect to ground.


Similar Part No. - MIC2845A-MGYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2845 MICREL-MIC2845 Datasheet
1Mb / 21P
   6 Channel High Side Current Source WLED driver
MIC2845-MFYMT MICREL-MIC2845-MFYMT Datasheet
1Mb / 21P
   6 Channel High Side Current Source WLED driver
MIC2845-MGYMT MICREL-MIC2845-MGYMT Datasheet
1Mb / 21P
   6 Channel High Side Current Source WLED driver
More results

Similar Description - MIC2845A-MGYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2846A MICREL-MIC2846A Datasheet
1Mb / 19P
   High Efficiency 6 Channel Linear WLED Driver with DAM?? Digital Control and Dual Low IQ LDOs
MIC2843A MICREL-MIC2843A Datasheet
905Kb / 13P
   High Efficiency 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC2841A MICREL-MIC2841A Datasheet
901Kb / 13P
   High Efficiency 4 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4811 MICREL-MIC4811 Datasheet
563Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4811_1104 MICREL-MIC4811_1104 Datasheet
648Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4812 MICREL-MIC4812 Datasheet
589Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4812_1104 MICREL-MIC4812_1104 Datasheet
688Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC2843 MICREL-MIC2843 Datasheet
1Mb / 15P
   High-Efficiency 6-Channel Linear WLED Driver with Ultra-Fast PWM??Control
MIC4802 MICREL-MIC4802 Datasheet
539Kb / 12P
   High Efficiency 800mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC4801 MICREL-MIC4801 Datasheet
560Kb / 12P
   High Efficiency 600mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com