Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

890-009-15PT-BRT2J Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 890-009-15PT-BRT2J
Description  Nanominiature Connectors Single Row Right Angle Printed Circuit Board
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

890-009-15PT-BRT2J Datasheet(HTML) 1 Page - Glenair, Inc.

  890-009-15PT-BRT2J Datasheet HTML 1Page - Glenair, Inc. 890-009-15PT-BRT2J Datasheet HTML 2Page - Glenair, Inc. 890-009-15PT-BRT2J Datasheet HTML 3Page - Glenair, Inc. 890-009-15PT-BRT2J Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
23
E-Mail: sales@glenair.com
890-008 and -009
Series 89 Nanominiature Connectors
Single Row Right Angle Printed Circuit Board
HOW TO ORDER RIGHT ANGLE PCB CONNECTORS
Series
Insert
Arrangement/
Contact Type
Shell Material
and Finish
Termination Type
PC Tail Length
Hardware
890-008
Plug, Pin Contacts,
Single Row, Right
Angle Thru-Hole PCB
Nanominiature
890-009
Receptacle, Socket
Contacts, Single Row,
Right Angle Thru-Hole
PCB Nanominiature
Plugs (890-008)
9P
15P
21P
25P
31P
37P
51P
Receptacles (890-009)
9S
15S
21S
25S
31S
37S
51S
A1
Aluminum Shell,
Cadmium Plating
A2
Aluminum Shell,
Electroless Nickel
Plating
T
Titanium Shell,
Unplated
S
Stainless Steel Shell,
Passivated
BRT
”Board Right Angle
Thru-Hole”
1
.110 Inch (2.79 mm)
2
.172 Inch (4.37 mm)
J
Jackscrew, #0-80
T
#0-80
Female Thread
Sample Part Number
890-008
– 51P
A2
– BRT
1
T
Right Angle Thru Hole PCB Nano Connectors feature
gold alloy TwistPin contacts. These nanomimiature
connectors offer premium performance and reliability
for demanding applications. Available with #0-80 female
threads, or with jackscrews for use with flexible circuits.
Pre-Tinned PC Tails are coated with Sn63Pb37 tin-lead
for excellent solderability.
Choose Aluminum, Titanium or Stainless Steel Shells
in seven layouts from 9 to 51 contacts. Complies to the
requirements of MIL-DTL-32139. These connectors are
intermateable with any corresponding Glenair Series 890
single row metal shell nanominiature connector.
SPECIFICATIONS
Durability
200 Cycles Minimum
Current Rating
1 AMP Maximum
Voltage Rating (DWV)
300 VAC RMS Sea Level
Insulation Resistance
5000 Megohms Minimum
Operating Temperature
-55° C. to +125° C.
Contact Resistance
71 mV. @1 AMP #30 AWG Wire
Thermal Vacuum Outgassing
1.0% Max TML, 0.1% Max. VCM
MATERIALS AND FINISHES
Connector Shell
See Ordering Information
Insulator
Liquid Crystal Polymer (LCP),30% Glass-Filled
Contacts
Gold Alloy, Unplated
Hardware
300 Series Stainless Steel
PC Tails
#30 (.010 Dia.) Copper Wire, Solder Dipped
PCB Trays
Liquid Crystal Polymer (LCP) or Epoxy
Encapsulant
Epoxy


Similar Part No. - 890-009-15PT-BRT2J

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
890-001 GLENAIR-890-001 Datasheet
153Kb / 2P
   Single Row Insulated Wire Pigtail Assemblies
890-003 GLENAIR-890-003 Datasheet
134Kb / 2P
   Single Row Uninsulated Wire Pigtail Assemblies
890-004 GLENAIR-890-004 Datasheet
134Kb / 2P
   Single Row Uninsulated Wire Pigtail Assemblies
890-005 GLENAIR-890-005 Datasheet
126Kb / 2P
   Nanominiature Connectors
890-005 GLENAIR-890-005 Datasheet
926Kb / 2P
   Single Row Nano
More results

Similar Description - 890-009-15PT-BRT2J

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
891-008 GLENAIR-891-008 Datasheet
155Kb / 4P
   Nanominiature Connectors Double Row Thru Hole Right Angle Printed Circuit Board
890-006 GLENAIR-890-006 Datasheet
181Kb / 4P
   Nanominiature Connectors Single Row Vertical Mount Printed Circuit Board
790-036PD-7P2MNA GLENAIR-790-036PD-7P2MNA Datasheet
1Mb / 11P
   Right Angle Printed Circuit Board Connectors
790-041PJ25P2M GLENAIR-790-041PJ25P2M Datasheet
1Mb / 10P
   Right Angle Printed Circuit Board Connectors
790-042S-L6P6ME GLENAIR-790-042S-L6P6ME Datasheet
1Mb / 10P
   Right Angle Printed Circuit Board Connectors
891-006 GLENAIR-891-006 Datasheet
159Kb / 4P
   Nanominiature Connectors Double Row Thru Hole Vertical Mount Printed Circuit Board
790-037SH-5P5MENA GLENAIR-790-037SH-5P5MENA Datasheet
1Mb / 11P
   Right Angle Printed Circuit Board Connectors
890-012 GLENAIR-890-012 Datasheet
131Kb / 4P
   Nanominiature Connectors Single Row Right Angle Surface Mount PCB
240-034-1-9PC GLENAIR-240-034-1-9PC Datasheet
307Kb / 4P
   Micro-D Filter Connectors Right Angle Printed Circuit Board
891-012 GLENAIR-891-012 Datasheet
81Kb / 4P
   Nanominiature Connectors Double Row Right Angle Surface Mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com