Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LE28C1001T-15 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LE28C1001T-15
Description  1MEG (131072 words x 8 bits) Flash Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE28C1001T-15 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LE28C1001T-15 Datasheet HTML 1Page - Sanyo Semicon Device LE28C1001T-15 Datasheet HTML 2Page - Sanyo Semicon Device LE28C1001T-15 Datasheet HTML 3Page - Sanyo Semicon Device LE28C1001T-15 Datasheet HTML 4Page - Sanyo Semicon Device LE28C1001T-15 Datasheet HTML 5Page - Sanyo Semicon Device LE28C1001T-15 Datasheet HTML 6Page - Sanyo Semicon Device LE28C1001T-15 Datasheet HTML 7Page - Sanyo Semicon Device LE28C1001T-15 Datasheet HTML 8Page - Sanyo Semicon Device LE28C1001T-15 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Device Operation
This Sanyo 1 MEG flash memory allows electrical rewrites using a 5 V single-voltage power supply. The LE28C1001M,
T series products are pin and function compatible with the industry standards for this type of product.
Read
The LE28C1001M, T series read operations are controlled by CE and OE. The host must set both pins to the low level to
acquire the output data. CE is used for chip selection. When CE is at the high level, the chip will be in the unselected
state and only draw the standby current. OE is used for output control. The output pins go to the high-impedance state
when either CE or OE is high. See the timing waveforms (Figure 1) for details.
Page Write Operation
The write operation starts when both CE and WE are at the low level, and furthermore OE is at the high level. The write
operation is executed in two stages. The first stage is a byte load cycle in which the host writes to the LE28C1001M, T
series internal page buffers. The second stage is an internal programming cycle in which the data in the page buffer is
written to the nonvolatile memory cell array. In the byte load cycle, the address is latched on the falling edge of either
CE or WE, whichever occurs later. The input data is latched on the rising edge of either CE or WE, whichever occurs
first. The internal programming cycle starts if either WE or CE remains high for 200 µs (tBLCO). Once this programming
cycle starts, the operation continues until the programming operation is completely done. This operation executes within
5 ms (typical). Figures 2 and 3 show the WE and CE control write cycle timing diagrams, and Figure 10 shows the
flowchart for this operation.
In the page write operation, 128 bytes of data can be written to the LE28C1001M, T series internal page buffer before
the internal programming cycle. All the data in the page buffer is written to the memory cell array during the 5 ms
(typical) internal programming cycle. Therefore the LE28C1001M, T series page write function can rewrite all memory
cells in 5 seconds (typical). The host can perform any other activities desired, such as moving data at other locations
within the system and preparing the data required for the next page write, during the period prior to the completion of the
internal programming cycle. In a given page write operation, all the data bytes loaded into the page buffers must be for
the same page address specified by address lines A7 through A16. All data that was not explicitly loaded into the page
buffer is set to FFH.
Figure 2 shows the page write cycle timing diagram. If the host loads the second data byte into the page buffer within the
100 µs byte load cycle time (tBLC) after the first byte load cycle the LE28C1001M, T series stop in the page load cycle
thus allowing data to be loaded continuously. The page load cycle terminates if additional data is not loaded into the
internal page buffer within 200 µs (tBLCO) after the previous byte load cycle, as in the case where WE does not switch
from high to low after the last WE rising edge. The data in the page buffer can be rewritten in the next byte load cycle.
The page load period can continue indefinitely as long as the host continues to load data into the device within the 100 µs
byte load cycle. The page that is loaded is determined by the page address of the last byte loaded.
Detecting the Write Operation State
The LE28C1001M, T series products provide two functions for detecting the completion of the write cycle. These
functions are used to optimize the system write cycle time. These functions are based on detecting the states of the Data
polling bit (DQ7) and the toggle bit (DQ6).
Data Polling (DQ7)
The LE28C1001M, T series products output to DQ7 the inverse of the last data loaded during the page and byte load
cycles when the internal programming cycle is in progress. The last data loaded can be read from DQ7 when the internal
programming cycle completes. Figure 4 shows the Data polling cycle timing diagram and Figure 11 shows the flowchart
for this operation.
Toggle Bit (DQ6)
Data values of 0 and 1 are output alternately for DQ6, that is DQ6 is toggled between 0 and 1, during the internal
programming cycle. When the internal programming cycle completes this toggling is stopped and the device becomes
ready to execute the next operation. Figure 5 shows the toggle bit timing diagram and Figure 11 shows the flowchart for
this operation.
No. 5129-4/14
LE28C1001M, T-90/12/15


Similar Part No. - LE28C1001T-15

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE28CV1001M SANYO-LE28CV1001M Datasheet
276Kb / 14P
   1MEG (131072 words x 8 bits) Flash Memory
LE28CV1001T SANYO-LE28CV1001T Datasheet
276Kb / 14P
   1MEG (131072 words x 8 bits) Flash Memory
LE28CV1001T-12 SANYO-LE28CV1001T-12 Datasheet
276Kb / 14P
   1MEG (131072 words x 8 bits) Flash Memory
LE28CV1001T-15 SANYO-LE28CV1001T-15 Datasheet
276Kb / 14P
   1MEG (131072 words x 8 bits) Flash Memory
More results

Similar Description - LE28C1001T-15

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE28CV1001M SANYO-LE28CV1001M Datasheet
276Kb / 14P
   1MEG (131072 words x 8 bits) Flash Memory
LC338128P SANYO-LC338128P Datasheet
194Kb / 10P
   1MEG (131072 WORDS X 8BITS) PSEUDO-SRAM
LC361000AMLL SANYO-LC361000AMLL Datasheet
158Kb / 8P
   1 MEG (131072 words X 8 bits) SRAM
LE28F4001M SANYO-LE28F4001M Datasheet
219Kb / 14P
   4 MEG (524288 words x 8 bits) Flash Memory
logo
List of Unclassifed Man...
HN28F101 ETC-HN28F101 Datasheet
106Kb / 18P
   131072-word x 8-bit CMOS Flash Memory
logo
Samsung semiconductor
K9K8G08U1M SAMSUNG-K9K8G08U1M Datasheet
1Mb / 41P
   512M x 8 Bits / 1G x 8 Bits NAND Flash Memory
logo
Sanyo Semicon Device
LC371100SP SANYO-LC371100SP Datasheet
80Kb / 5P
   1 MEG (131072 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
logo
Samsung semiconductor
K9T1G08U0M SAMSUNG-K9T1G08U0M Datasheet
888Kb / 38P
   128M x 8 Bits NAND Flash Memory
K9E2G08U0M SAMSUNG-K9E2G08U0M Datasheet
888Kb / 38P
   256M x 8 Bits NAND Flash Memory
logo
Sanyo Semicon Device
LE28FV4001M SANYO-LE28FV4001M Datasheet
230Kb / 14P
   4MEG (52488 x 8 Bits) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com