Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7D161874B-HC27 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K7D161874B-HC27
Description  512Kx36 & 1Mx18 SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7D161874B-HC27 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K7D161874B-HC27 Datasheet HTML 5Page - Samsung semiconductor K7D161874B-HC27 Datasheet HTML 6Page - Samsung semiconductor K7D161874B-HC27 Datasheet HTML 7Page - Samsung semiconductor K7D161874B-HC27 Datasheet HTML 8Page - Samsung semiconductor K7D161874B-HC27 Datasheet HTML 9Page - Samsung semiconductor K7D161874B-HC27 Datasheet HTML 10Page - Samsung semiconductor K7D161874B-HC27 Datasheet HTML 11Page - Samsung semiconductor K7D161874B-HC27 Datasheet HTML 12Page - Samsung semiconductor K7D161874B-HC27 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Rev 1.1
512Kx36 & 1Mx18 SRAM
- 9 -
Jan. 2005
K7D161874B
K7D163674B
PIN CAPACITANCE
NOTE : Periodically sampled and not 100% tested.(TA=25
°C, f=1MHz)
Parameter
Symbol
Test Condition
TYP
Max
Unit
Input Capacitance
CIN
VIN=0V
-
4
pF
Data Output Capacitance
COUT
VOUT=0V
-
5
pF
AC TEST CONDITIONS(TA=0 to 70°C, VDD=1.7 -2.63V, VDDQ=1.5V)
Parameter
Symbol
Value
Unit
Note
Input High/Low Level
VIH/VIL
1.25/0.25
V
-
Input Reference Level
VREF
0.75
V
-
Input Rise/Fall Time
TR/TF
0.5/0.5
ns
-
Output Timing Reference Level
0.75
V
-
Clock Input Timing Reference Level
Cross Point
V
-
Output Load
See Below
-
AC INPUT CHARACTERISTICS
Parameter
Symbol
Min
Max
Unit
Note
AC Input Logic High
VIH (AC)
VREF + 0.4
V
-
AC Input Logic Low
VIL (AC)
VREF - 0.4
V
-
Clock Input Differential Voltage
VDIF (AC)
0.8
V
-
VREF Peak-to-Peak AC Voltage
VREF (AC)
5% VREF (DC)
V
-
CK
CK
VIH(AC)
VREF
VIL(AC)
AC INPUT DEFINITION
Setup
Time
Hold
Time
VDIF(AC)


Similar Part No. - K7D161874B-HC27

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7D321874A SAMSUNG-K7D321874A Datasheet
485Kb / 19P
   32Mb A-die DDR SRAM Specification
K7D321874A-HC33 SAMSUNG-K7D321874A-HC33 Datasheet
485Kb / 19P
   32Mb A-die DDR SRAM Specification
K7D321874A-HC37 SAMSUNG-K7D321874A-HC37 Datasheet
485Kb / 19P
   32Mb A-die DDR SRAM Specification
K7D321874A-HC40 SAMSUNG-K7D321874A-HC40 Datasheet
485Kb / 19P
   32Mb A-die DDR SRAM Specification
K7D321874A-HGC33 SAMSUNG-K7D321874A-HGC33 Datasheet
485Kb / 19P
   32Mb A-die DDR SRAM Specification
More results

Similar Description - K7D161874B-HC27

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM736V989 SAMSUNG-KM736V989 Datasheet
536Kb / 20P
   512Kx36 & 1Mx18 Synchronous SRAM
K7B163625A SAMSUNG-K7B163625A Datasheet
263Kb / 19P
   512Kx36 & 1Mx18 Synchronous SRAM
K7B163635B SAMSUNG-K7B163635B Datasheet
442Kb / 20P
   512Kx36 & 1Mx18 Synchronous SRAM
K7Q163664B SAMSUNG-K7Q163664B_10 Datasheet
635Kb / 17P
   512Kx36 & 1Mx18 QDRTM b4 SRAM
K7A163630B SAMSUNG-K7A163630B Datasheet
419Kb / 19P
   512Kx36 & 1Mx18 Synchronous SRAM
K7Q163662B SAMSUNG-K7Q163662B Datasheet
337Kb / 17P
   512Kx36 & 1Mx18 QDRTM b2 SRAM
K7Q161882 SAMSUNG-K7Q161882 Datasheet
503Kb / 17P
   512Kx36 & 1Mx18 QDR b2 SRAM
K7I163684B SAMSUNG-K7I163684B Datasheet
422Kb / 18P
   512Kx36 & 1Mx18 DDRII CIO b4 SRAM
K7R163684B SAMSUNG-K7R163684B Datasheet
418Kb / 18P
   512Kx36 & 1Mx18 QDR II b4 SRAM
K7Q163664B SAMSUNG-K7Q163664B Datasheet
344Kb / 17P
   512Kx36 & 1Mx18 QDR TM b4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com