Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV70728PDCKT Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV70728PDCKT
Description  200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70728PDCKT Datasheet(HTML) 2 Page - Texas Instruments

  TLV70728PDCKT Datasheet HTML 1Page - Texas Instruments TLV70728PDCKT Datasheet HTML 2Page - Texas Instruments TLV70728PDCKT Datasheet HTML 3Page - Texas Instruments TLV70728PDCKT Datasheet HTML 4Page - Texas Instruments TLV70728PDCKT Datasheet HTML 5Page - Texas Instruments TLV70728PDCKT Datasheet HTML 6Page - Texas Instruments TLV70728PDCKT Datasheet HTML 7Page - Texas Instruments TLV70728PDCKT Datasheet HTML 8Page - Texas Instruments TLV70728PDCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
TLV707 Series
SBVS153
– FEBRUARY 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
VOUT
(2)
TLV707xx(x)Pyyyz
XX(X) is the nominal output voltage. For output voltages with a resolution of 100mV, two digits are used in the
ordering number; otherwise, three digits are used (for example, 18 = 1.8V, 285 = 2.85V).
P is optional; devices with P have an LDO regulator with an active output discharge.
YYY is the package designator.
Z is package quantity. Use R for reel (3000 pieces), and T for tape (250 pieces).
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
(2)
Output voltages from 1.2 V to 5.0 V in 50-mV increments are available. Contact factory for details and availability.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
MIN
MAX
UNIT
IN
–0.3
+6.0
V
Voltage(2)
EN
–0.3
+6.0
V
OUT
–0.3
+6.0
V
Current (source)
OUT
Internally limited
Output short-circuit duration
Indefinite
Operating junction, TJ
–55
+150
°C
Temperature
Storage, Tstg
–55
+150
°C
Human body model (HBM) QSS 009-105 (JESD22-A114A)
2
kV
Electrostatic Discharge
Ratings(3)
Charged device model (CDM) QSS 009-147 (JESD22-C101B.01)
500
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods my affect device reliability.
(2)
All voltages are with respect to network ground terminal.
(3)
ESD testing is performed according to the respective JESD22 JEDEC standard.
THERMAL INFORMATION
TLV707xx, TLV707xxP
THERMAL METRIC(1)
DQN
DCK
UNITS
4 PINS
5 PINS
θJA
Junction-to-ambient thermal resistance
249.9
354.4
θJCtop
Junction-to-case (top) thermal resistance
N/A
108.2
θJB
Junction-to-board thermal resistance
N/A
136.5
°C/W
ψJT
Junction-to-top characterization parameter
6.0
2.9
ψJB
Junction-to-board characterization parameter
N/A
135.3
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953A.
DISSIPATION RATINGS
PACKAGE
RθJA
TA < +25°C
TA = +70°C
TA = +85°C
DQN
249.9
°C/W
400 mW
220 mW
160 mW
DCK
354.4
°C/W
282 mW
155.2 mW
112.9 mW
2
Submit Documentation Feedback
© 2011, Texas Instruments Incorporated


Similar Part No. - TLV70728PDCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70728PDQNR TI1-TLV70728PDQNR Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV70728PDQNR TI-TLV70728PDQNR Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV70728PDQNR TI1-TLV70728PDQNR Datasheet
1Mb / 41P
[Old version datasheet]   Low-Noise, Low-Dropout Regulator for Portable Devices
TLV70728PDQNR TI1-TLV70728PDQNR Datasheet
1Mb / 41P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV70728PDQNR TI1-TLV70728PDQNR Datasheet
1Mb / 42P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
More results

Similar Description - TLV70728PDCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70712P TI1-TLV70712P Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI1-TLV707_17 Datasheet
1Mb / 41P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI-TLV707_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI1-TLV707_18 Datasheet
1Mb / 42P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com