Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV70225DSER Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70225DSER
Description  300-mA, Low-IQ, Low-Dropout Regulator High PSRR: 68 dB at 1 kHz
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70225DSER Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV70225DSER Datasheet HTML 7Page - Texas Instruments TLV70225DSER Datasheet HTML 8Page - Texas Instruments TLV70225DSER Datasheet HTML 9Page - Texas Instruments TLV70225DSER Datasheet HTML 10Page - Texas Instruments TLV70225DSER Datasheet HTML 11Page - Texas Instruments TLV70225DSER Datasheet HTML 12Page - Texas Instruments TLV70225DSER Datasheet HTML 13Page - Texas Instruments TLV70225DSER Datasheet HTML 14Page - Texas Instruments TLV70225DSER Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
P =(V
V
)
I
-
´
D
IN
OUT
OUT
TLV702xx
www.ti.com
SLVSAG6B
– SEPTEMBER 2010 – REVISED FEBRUARY 2011
DROPOUT VOLTAGE
The internal protection circuitry of the TLV702xx has
been designed to protect against overload conditions.
The TLV702xx uses a PMOS pass transistor to
It was not intended to replace proper heatsinking.
achieve low dropout. When (VIN – VOUT) is less than
Continuously running the TLV702xx into thermal
the dropout voltage (VDO), the PMOS pass device is
shutdown degrades device reliability.
in
the
linear
region
of
operation
and
the
input-to-output resistance is the RDS(ON) of the PMOS
POWER DISSIPATION
pass element. VDO scales approximately with output
current because the PMOS device behaves as a
The ability to remove heat from the die is different for
resistor in dropout.
each
package
type,
presenting
different
considerations in the printed circuit board (PCB)
As with any linear regulator, PSRR and transient
layout. The PCB area around the device that is free
response are degraded as (VIN – VOUT) approaches
of other components moves the heat from the device
dropout. This effect is shown in Figure 15 in the
to the ambient air.
Typical Characteristics section.
Thermal
performance
data
for
TLV702xx
were
TRANSIENT RESPONSE
gathered using the TLV700 evaluation module (EVM),
a 2-layer board with two ounces of copper per side.
As with any regulator, increasing the size of the
The dimensions and layout for the SOT23-5 (DBV)
output capacitor reduces over-/undershoot magnitude
EVM are shown in Figure 25 and Figure 26.
but increases the duration of the transient response.
Corresponding thermal performance data are given in
Table 1. Note that this board has provision for
UNDERVOLTAGE LOCKOUT (UVLO)
soldering not only the SOT23-5 package on the
bottom layer, but also the SC-70 package on the top
The TLV702xx uses an undervoltage lockout circuit to
layer. The dimensions and layout of the SON-6 (DSE)
keep the output shut off until internal circuitry is
EVM
is
shown
in
Figure
27
and
Figure
28.
operating properly.
Corresponding thermal performance data is again
given in Table 1. Using heavier copper increases the
THERMAL INFORMATION
effectiveness in removing heat from the device. The
Thermal protection disables the output when the
addition of plated through-holes to heat-dissipating
junction temperature rises to approximately +165
°C,
layers also improves heatsink effectiveness.
allowing the device to cool. When the junction
Power dissipation depends on input voltage and load
temperature cools to approximately +145
°C, the
conditions. Power dissipation (PD) is equal to the
output circuitry is again enabled. Depending on power
product of the output current and the voltage drop
dissipation,
thermal
resistance,
and
ambient
across the output pass element, as shown in
temperature, the thermal protection circuit may cycle
Equation 2.
on and off. This cycling limits the dissipation of the
regulator, protecting it from damage as a result of
(2)
overheating.
PACKAGE MOUNTING
Any tendency to activate the thermal protection circuit
indicates
excessive
power
dissipation
or
an
Solder
pad
footprint
recommendations
for
the
inadequate heatsink. For reliable operation, junction
TLV702xx are available from the Texas Instruments
temperature should be limited to +125
°C maximum.
web site at www.ti.com. The recommended land
pattern for the DBV and DSE packages are shown in
To estimate the margin of safety in a complete design
Figure 29 and Figure 30, respectively.
(including
heatsink),
increase
the
ambient
temperature until the thermal protection is triggered;
use worst-case loads and signal conditions.
Table 1. EVM Dissipation Ratings
PACKAGE
RθJA
TA < +25°C
TA = +70°C
TA = +85°C
DBV
200
°C/W
500mW
275mW
200mW
DSE
180
°C/W
555mW
305mW
222mW
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - TLV70225DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70225DSER TI1-TLV70225DSER Datasheet
855Kb / 27P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70225DSER TI1-TLV70225DSER Datasheet
1Mb / 28P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70225DSER TI1-TLV70225DSER Datasheet
1Mb / 31P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
TLV70225DSER TI1-TLV70225DSER Datasheet
1Mb / 32P
[Old version datasheet]   TLV702 300-mA, Low-IQ, Low-Dropout Regulator
TLV70225DSER TI1-TLV70225DSER Datasheet
1Mb / 33P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
More results

Similar Description - TLV70225DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70012-Q1 TI1-TLV70012-Q1 Datasheet
642Kb / 19P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702XX TI1-TLV702XX Datasheet
855Kb / 27P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1 Datasheet
1,014Kb / 25P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70018-Q1 TI-TLV70018-Q1_15 Datasheet
858Kb / 20P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703_17 Datasheet
862Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702 TI1-TLV702_17 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703_18 Datasheet
938Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1_18 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703 Datasheet
857Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com