Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7B403625B Datasheet(PDF) 7 Page - Samsung semiconductor

Part # K7B403625B
Description  128Kx36 & 256Kx18 Synchronous SRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7B403625B Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button K7B403625B Datasheet HTML 3Page - Samsung semiconductor K7B403625B Datasheet HTML 4Page - Samsung semiconductor K7B403625B Datasheet HTML 5Page - Samsung semiconductor K7B403625B Datasheet HTML 6Page - Samsung semiconductor K7B403625B Datasheet HTML 7Page - Samsung semiconductor K7B403625B Datasheet HTML 8Page - Samsung semiconductor K7B403625B Datasheet HTML 9Page - Samsung semiconductor K7B403625B Datasheet HTML 10Page - Samsung semiconductor K7B403625B Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
128Kx36 & 256Kx18 Synchronous SRAM
- 7 -
Rev. 3.0 July 2006
K7B401825B
K7B403625B
FUNCTION DESCRIPTION
The K7B403625B and K7B401825B are synchronous SRAM designed to support the burst address accessing sequence of the Pen-
tium and Power PC based microprocessor. All inputs (with the exception of OE, LBO and ZZ) are sampled on rising clock edges. The
start and duration of the burst access is controlled by ADSC, ADSP and ADV and chip select pins.
When ZZ is pulled high, the SRAM will enter a Power Down State. At this time, internal state of the SRAM is preserved. When ZZ
returns to low, the SRAM normally operates after 2cycles of wake up time. ZZ pin is pulled down internally.
Read cycles are initiated with ADSP(or ADSC) using the new external address clocked into the on-chip address register when both
GW and BW are high or when BW is low and WEa, WEb, WEc, and WEd are high. When ADSP is sampled low, the chip selects are
sampled active, and the output buffer is enabled with OE. the data of cell array accessed by the current address are projected to the
output pins.
Write cycles are also initiated with ADSP(or ADSC) and are differentiated into two kinds of operations; All byte write operation and
individual byte write operation.
All byte write occurs by enabling GW(independent of BW and WEx.), and individual byte write is performed only when GW is high
and BW is low. In K7B403625B, a 128Kx36 organization, WEa controls DQa0 ~ DQa7 and DQPa, WEb controls DQb0 ~ DQb7 and
DQPb, WEc controls DQc0 ~ DQc7 and DQPc and WEd controls DQd0 ~ DQd7 and DQPd.
CS1 is used to enable the device and conditions internal use of ADSP and is sampled only when a new external address is loaded.
ADV is ignored at the clock edge when ADSP is asserted, but can be sampled on the subsequent clock edges. The address
increases internally for the next access of the burst when ADV is sampled low.
Addresses are generated for the burst access as shown below, The starting point of the burst sequence is provided by the external
address. The burst address counter wraps around to its initial state upon completion. The burst sequence is determined by the state
of the LBO pin. When this pin is Low, linear burst sequence is selected. And this pin is High, Interleaved burst sequence is selected.
BURST SEQUENCE TABLE
(Interleaved Burst)
Note : 1. LBO pin must be tied to high or low, and floating state must not be allowed.
LBO PIN
HIGH
Case 1
Case 2
Case 3
Case 4
A1
A0
A1
A0
A1
A0
A1
A0
First Address
Fourth Address
0
0
1
1
0
1
0
1
0
0
1
1
1
0
1
0
1
1
0
0
0
1
0
1
1
1
0
0
1
0
1
0
BURST SEQUENCE TABLE
(Linear Burst)
Note : 1. LBO pin must be tied to high or low, and floating state must not be allowed.
LBO PIN
LOW
Case 1
Case 2
Case 3
Case 4
A1
A0
A1
A0
A1
A0
A1
A0
First Address
Fourth Address
0
0
1
1
0
1
0
1
0
1
1
0
1
0
1
0
1
1
0
0
0
1
0
1
1
0
0
1
1
0
1
0
ASYNCHRONOUS TRUTH TABLE
(See Notes 1 and 2):
OPERATION
ZZ
OE
I/O STATUS
Sleep Mode
H
X
High-Z
Read
LL
DQ
L
H
High-Z
Write
L
X
Din, High-Z
Deselected
L
X
High-Z
Notes
1. X means "Don't Care".
2. ZZ pin is pulled down internally
3. For write cycles that following read cycles, the output buffersmust
be disabled with OE, otherwise data bus contention will occur.
4. Sleep Mode means power down state of which stand-by current
does not depend on cycle time.
5. Deselected means power down state of which stand-by current
depends on cycle time.


Similar Part No. - K7B403625B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7B403625B SAMSUNG-K7B403625B Datasheet
470Kb / 18P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7B403625B-QC SAMSUNG-K7B403625B-QC Datasheet
470Kb / 18P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
More results

Similar Description - K7B403625B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7A403609B SAMSUNG-K7A403609B_06 Datasheet
419Kb / 19P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7P403622M SAMSUNG-K7P403622M Datasheet
240Kb / 12P
   128Kx36 & 256Kx18 Synchronous Pipelined SRAM
KM736FV4021 SAMSUNG-KM736FV4021 Datasheet
350Kb / 12P
   128Kx36 & 256Kx18 Synchronous Pipelined SRAM
K7P403622B SAMSUNG-K7P403622B Datasheet
280Kb / 13P
   128Kx36 & 256Kx18 Synchronous Pipelined SRAM
K7A403600B SAMSUNG-K7A403600B Datasheet
470Kb / 18P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7A403600B SAMSUNG-K7A403600B_06 Datasheet
418Kb / 19P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7P403623B SAMSUNG-K7P403623B Datasheet
315Kb / 13P
   128Kx36 & 256Kx18 SRAM
K7A403609A SAMSUNG-K7A403609A Datasheet
466Kb / 17P
   128Kx36 & 256Kx18-Bit Synchronous Pipelined Burst SRAM
K7N403609B SAMSUNG-K7N403609B_06 Datasheet
404Kb / 19P
   128Kx36 & 256Kx18 Pipelined NtRAM
K7A401800M SAMSUNG-K7A401800M Datasheet
408Kb / 15P
   256Kx18 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com