Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6R4016C1D-TP0810 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K6R4016C1D-TP0810
Description  1Mx4 Bit High Speed Static RAM(5.0V Operating)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R4016C1D-TP0810 Datasheet(HTML) 6 Page - Samsung semiconductor

  K6R4016C1D-TP0810 Datasheet HTML 1Page - Samsung semiconductor K6R4016C1D-TP0810 Datasheet HTML 2Page - Samsung semiconductor K6R4016C1D-TP0810 Datasheet HTML 3Page - Samsung semiconductor K6R4016C1D-TP0810 Datasheet HTML 4Page - Samsung semiconductor K6R4016C1D-TP0810 Datasheet HTML 5Page - Samsung semiconductor K6R4016C1D-TP0810 Datasheet HTML 6Page - Samsung semiconductor K6R4016C1D-TP0810 Datasheet HTML 7Page - Samsung semiconductor K6R4016C1D-TP0810 Datasheet HTML 8Page - Samsung semiconductor K6R4016C1D-TP0810 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
K6R4004C1D
CMOS SRAM
PRELIMINARY
Rev. 2.0
- 6 -
July 2004
Address
Data Out
Previous Valid Data
Valid Data
TIMING DIAGRAMS
TIMING WAVEFORM OF READ CYCLE(1) (Address Controlled, CS=OE=VIL, WE=VIH)
tAA
tRC
tOH
NOTES(READ CYCLE)
1. WE is high for read cycle.
2. All read cycle timing is referenced from the last valid address to the first transition address.
3. tHZ and tOHZ are defined as the time at which the outputs achieve the open circuit condition and are not referenced to VOH or VOL
levels.
4. At any given temperature and voltage condition, tHZ(Max.) is less than tLZ(Min.) both for a given device and from device to
device.
5. Transition is measured
±200mV from steady state voltage with Load(B). This parameter is sampled and not 100% tested.
6. Device is continuously selected with CS=VIL.
7. Address valid prior to coincident with CS transition low.
8. For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and write cycle.
WRITE CYCLE*
* The above parameters are also guaranteed at industrial temperature range.
Parameter
Symbol
K6R4004C1D-10
K6R4004C1D-12
Unit
Min
Max
Min
Max
Write Cycle Time
tWC
10
-
12
-
ns
Chip Select to End of Write
tCW
7-8
-
ns
Address Set-up Time
tAS
0-0
-
ns
Address Valid to End of Write
tAW
7-8
-
ns
Write Pulse Width(OE High)
tWP
7-8
-
ns
Write Pulse Width(OE Low)
tWP1
10
-
12
-
ns
Write Recovery Time
tWR
0-0
-
ns
Write to Output High-Z
tWHZ
05
06
ns
Data to Write Time Overlap
tDW
5-6
-
ns
Data Hold from Write Time
tDH
0-0
-
ns
End of Write to Output Low-Z
tOW
3-3
-
ns
Valid Data
High-Z
tRC
CS
Address
OE
Data out
tHZ(3,4,5)
tAA
tCO
tOE
tOLZ
tLZ(4,5)
tOHZ
tPU
tPD
50%
50%
VCC
Current
ICC
ISB
tDH
TIMING WAVEFORM OF READ CYCLE(2) (WE=VIH)


Similar Part No. - K6R4016C1D-TP0810

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R4016C1D-TP10 SAMSUNG-K6R4016C1D-TP10 Datasheet
139Kb / 12P
   256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4016C1D-TP8 SAMSUNG-K6R4016C1D-TP8 Datasheet
139Kb / 12P
   256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
More results

Similar Description - K6R4016C1D-TP0810

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R4004C1C-C SAMSUNG-K6R4004C1C-C Datasheet
155Kb / 8P
   1Mx4 Bit High Speed Static RAM(5V Operating).
K6R4008C1D SAMSUNG-K6R4008C1D Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(5.0V Operating)
K64004C1D SAMSUNG-K64004C1D Datasheet
177Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R1016C1C SAMSUNG-K6R1016C1C Datasheet
190Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(5.0V Operating).
KM641003C SAMSUNG-KM641003C Datasheet
127Kb / 8P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating)
K6R1004C1C SAMSUNG-K6R1004C1C Datasheet
101Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
K6R1004C1D SAMSUNG-K6R1004C1D Datasheet
188Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
KM6161002B SAMSUNG-KM6161002B Datasheet
197Kb / 9P
   64Kx16 Bit High Speed Static RAM(5.0V Operating), Revolutionary Pin out.
logo
List of Unclassifed Man...
3DS16-325 ETC-3DS16-325 Datasheet
72Kb / 3P
   512K x 32 Bit High-Speed CMOS Static RAM-5.0V Operating
logo
Samsung semiconductor
K6R4004V1D SAMSUNG-K6R4004V1D Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com