Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV70225DBVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70225DBVR
Description  300-mA, Low-IQ, Low-Dropout Regulator High PSRR: 68 dB at 1 kHz
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70225DBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV70225DBVR Datasheet HTML 3Page - Texas Instruments TLV70225DBVR Datasheet HTML 4Page - Texas Instruments TLV70225DBVR Datasheet HTML 5Page - Texas Instruments TLV70225DBVR Datasheet HTML 6Page - Texas Instruments TLV70225DBVR Datasheet HTML 7Page - Texas Instruments TLV70225DBVR Datasheet HTML 8Page - Texas Instruments TLV70225DBVR Datasheet HTML 9Page - Texas Instruments TLV70225DBVR Datasheet HTML 10Page - Texas Instruments TLV70225DBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
50
45
40
35
30
25
20
15
10
5
0
2.1
2.6
3.1
3.6
4.1
4.6
5.1
V
(V)
IN
5.6
+125 C
°
+85 C
°
+25 C
°
-40 C
°
V
=1.8V
OUT
450
400
350
300
250
200
150
100
50
0
0
I
(mA)
OUT
300
+125 C
°
+85 C
°
+25 C
°
-40 C
°
V
=1.8V
OUT
50
150
250
100
200
50
45
40
35
30
25
20
15
10
5
0
-40
-25
-10
5
20
35
50
65
80
95
110
Temperature( C)
°
125
V
=1.8V
OUT
2.5
2
1.5
1
0.5
0
2.1
2.6
3.1
3.6
4.1
4.6
5.1
V
(V)
IN
5.6
+125 C
°
+85 C
°
+25 C
°
-40 C
°
V
=1.8V
OUT
700
600
500
400
300
200
100
0
2.3
2.7
3.1
3.5
3.9
4.3
4.7
V
(V)
IN
5.5
5.1
V
=1.8V
OUT
+125 C
°
+85 C
°
+25 C
°
-40 C
°
100
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
10M
Frequency(Hz)
I
=150mA
OUT
I
=10mA
OUT
V
V
=0.5V
IN
OUT
-
TLV702xx
www.ti.com
SLVSAG6B
– SEPTEMBER 2010 – REVISED FEBRUARY 2011
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.5 V or 2.0 V, whichever is greater;
IOUT = 10 mA, VEN = VIN, COUT = 1.0 μF, unless otherwise noted. Typical values are at TJ = +25°C.
GROUND PIN CURRENT vs INPUT VOLTAGE
GROUND PIN CURRENT vs LOAD
Figure 9.
Figure 10.
GROUND PIN CURRENT vs TEMPERATURE
SHUTDOWN CURRENT vs INPUT VOLTAGE
Figure 11.
Figure 12.
CURRENT LIMIT vs INPUT VOLTAGE
POWER-SUPPLY RIPPLE REJECTION vs FREQUENCY
Figure 13.
Figure 14.
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - TLV70225DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70225DBVR TI1-TLV70225DBVR Datasheet
855Kb / 27P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70225DBVR TI1-TLV70225DBVR Datasheet
1Mb / 28P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70225DBVR TI1-TLV70225DBVR Datasheet
1Mb / 31P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
TLV70225DBVR TI1-TLV70225DBVR Datasheet
1Mb / 32P
[Old version datasheet]   TLV702 300-mA, Low-IQ, Low-Dropout Regulator
TLV70225DBVR TI1-TLV70225DBVR Datasheet
1Mb / 33P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
More results

Similar Description - TLV70225DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70012-Q1 TI1-TLV70012-Q1 Datasheet
642Kb / 19P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702XX TI1-TLV702XX Datasheet
855Kb / 27P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1 Datasheet
1,014Kb / 25P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70018-Q1 TI-TLV70018-Q1_15 Datasheet
858Kb / 20P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703_17 Datasheet
862Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702 TI1-TLV702_17 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703_18 Datasheet
938Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1_18 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703 Datasheet
857Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com