Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6R4016C1D-KP0810 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K6R4016C1D-KP0810
Description  1Mx4 Bit High Speed Static RAM(5.0V Operating)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R4016C1D-KP0810 Datasheet(HTML) 8 Page - Samsung semiconductor

  K6R4016C1D-KP0810 Datasheet HTML 1Page - Samsung semiconductor K6R4016C1D-KP0810 Datasheet HTML 2Page - Samsung semiconductor K6R4016C1D-KP0810 Datasheet HTML 3Page - Samsung semiconductor K6R4016C1D-KP0810 Datasheet HTML 4Page - Samsung semiconductor K6R4016C1D-KP0810 Datasheet HTML 5Page - Samsung semiconductor K6R4016C1D-KP0810 Datasheet HTML 6Page - Samsung semiconductor K6R4016C1D-KP0810 Datasheet HTML 7Page - Samsung semiconductor K6R4016C1D-KP0810 Datasheet HTML 8Page - Samsung semiconductor K6R4016C1D-KP0810 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
K6R4004C1D
CMOS SRAM
PRELIMINARY
Rev. 2.0
- 8 -
July 2004
NOTES(WRITE CYCLE)
1. All write cycle timing is referenced from the last valid address to the first transition address.
2. A write occurs during the overlap of a low CS and WE. A write begins at the latest transition CS going low and WE going low ; A write
ends at the earliest transition CS going high or WE going high. tWP is measured from the beginning of write to the end of write.
3. tCW is measured from the later of CS going low to end of write.
4. tAS is measured from the address valid to the beginning of write.
5. tWR is measured from the end of write to the address change. tWR applied in case a write ends as CS or WE going high.
6. If OE, CS and WE are in the Read Mode during this period, the I/O pins are in the output low-Z state. Inputs of opposite phase of the
output must not be applied because bus contention can occur.
7. For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and write cycle.
8. If CS goes low simultaneously with WE going or after WE going low, the outputs remain high impedance state.
9. Dout is the read data of the new address.
10. When CS is low : I/O pins are in the output state. The input signals in the opposite phase leading to the output should not be applied.
FUNCTIONAL DESCRIPTION
* X means Don
t Care.
CS
WE
OE
Mode
I/O Pin
Supply Current
H
X
X*
Not Select
High-Z
ISB, ISB1
L
H
H
Output Disable
High-Z
ICC
L
H
L
Read
DOUT
ICC
LL
X
Write
DIN
ICC


Similar Part No. - K6R4016C1D-KP0810

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R4016C1D-KP10 SAMSUNG-K6R4016C1D-KP10 Datasheet
139Kb / 12P
   256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4016C1D-KP8 SAMSUNG-K6R4016C1D-KP8 Datasheet
139Kb / 12P
   256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
More results

Similar Description - K6R4016C1D-KP0810

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R4004C1C-C SAMSUNG-K6R4004C1C-C Datasheet
155Kb / 8P
   1Mx4 Bit High Speed Static RAM(5V Operating).
K6R4008C1D SAMSUNG-K6R4008C1D Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(5.0V Operating)
K64004C1D SAMSUNG-K64004C1D Datasheet
177Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R1016C1C SAMSUNG-K6R1016C1C Datasheet
190Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(5.0V Operating).
KM641003C SAMSUNG-KM641003C Datasheet
127Kb / 8P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating)
K6R1004C1C SAMSUNG-K6R1004C1C Datasheet
101Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
K6R1004C1D SAMSUNG-K6R1004C1D Datasheet
188Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
KM6161002B SAMSUNG-KM6161002B Datasheet
197Kb / 9P
   64Kx16 Bit High Speed Static RAM(5.0V Operating), Revolutionary Pin out.
logo
List of Unclassifed Man...
3DS16-325 ETC-3DS16-325 Datasheet
72Kb / 3P
   512K x 32 Bit High-Speed CMOS Static RAM-5.0V Operating
logo
Samsung semiconductor
K6R4004V1D SAMSUNG-K6R4004V1D Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com