Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LE28C1001T-90 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LE28C1001T-90
Description  1MEG (131072 words x 8 bits) Flash Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE28C1001T-90 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LE28C1001T-90 Datasheet HTML 1Page - Sanyo Semicon Device LE28C1001T-90 Datasheet HTML 2Page - Sanyo Semicon Device LE28C1001T-90 Datasheet HTML 3Page - Sanyo Semicon Device LE28C1001T-90 Datasheet HTML 4Page - Sanyo Semicon Device LE28C1001T-90 Datasheet HTML 5Page - Sanyo Semicon Device LE28C1001T-90 Datasheet HTML 6Page - Sanyo Semicon Device LE28C1001T-90 Datasheet HTML 7Page - Sanyo Semicon Device LE28C1001T-90 Datasheet HTML 8Page - Sanyo Semicon Device LE28C1001T-90 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Function Logic
Software Data Protection Command
Note: Address format A14 to A0 (hex.)
Software Chip Erase Command (5 V single-voltage power supply)
Note: Address format A14 to A0 (hex.)
Software Product ID Entry Command and Exit Command Codes
Notes on software Product ID Command Code:
1. Command Code Address format: A14 to A0 (hex.)
2. With A14 to A1 = VIL,
Manufacturer Code is read with A0 = VIL to be BFH
LE28C1001M, T series Device Code is read with A0 = VIH to be 07H
3. The device does not remain in Software Product ID Mode if powered down.
4. A16 and A15 are VIH or VIL.
No. 5129-3/14
LE28C1001M, T-90/12/15
Mode
CE
OE
WE
A16 to A0
DQ7 to DQ0
Read
VIL
VIL
VIH
AIN
DOUT
Write
VIL
VIH
VIL
AIN
DIN
Standby
VIH
X
X
X
High-Z
Write inhibit
X
VIL
X
X
High-Z/DOUT
X
X
VIH
X
High-Z/DOUT
Software chip erase (5 V, single voltage)
VIL
VIH
VIL
AIN
DIN
A16 to A10 = VIL, A8 to A1 = VIL,
Manufacturer code (BF)
A9 = 12 V, A0 = VIL
Product identification
VIL
VIL
VIH
A16 to A10 = VIL, A8 to A1 = VIL,
Device code (07)
A9 = 12 V, A0 = VIH
Byte sequence
Set protection
Reset protection
Address
Data
Address
Data
Write 0
5555
AA
5555
AA
Write 1
2AAA
55
2AAA
55
Write 2
5555
A0
5555
80
Write 3
5555
AA
Write 4
2AAA
55
Write 5
5555
20
Byte sequence
Protect ID Entry
Protect ID Exit
Address
Data
Address
Data
Write 0
5555
AA
5555
AA
Write 1
2AAA
55
2AAA
55
Write 2
5555
80
5555
F0
Write 3
5555
AA
Write 4
2AAA
55
Write 5
5555
60
Byte sequence
Address
Data
Write 0
5555
AA
Write 1
2AAA
55
Write 2
5555
80
Write 3
5555
AA
Write 4
2AAA
55
Write 5
5555
10


Similar Part No. - LE28C1001T-90

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE28CV1001M SANYO-LE28CV1001M Datasheet
276Kb / 14P
   1MEG (131072 words x 8 bits) Flash Memory
LE28CV1001T SANYO-LE28CV1001T Datasheet
276Kb / 14P
   1MEG (131072 words x 8 bits) Flash Memory
LE28CV1001T-12 SANYO-LE28CV1001T-12 Datasheet
276Kb / 14P
   1MEG (131072 words x 8 bits) Flash Memory
LE28CV1001T-15 SANYO-LE28CV1001T-15 Datasheet
276Kb / 14P
   1MEG (131072 words x 8 bits) Flash Memory
More results

Similar Description - LE28C1001T-90

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE28CV1001M SANYO-LE28CV1001M Datasheet
276Kb / 14P
   1MEG (131072 words x 8 bits) Flash Memory
LC338128P SANYO-LC338128P Datasheet
194Kb / 10P
   1MEG (131072 WORDS X 8BITS) PSEUDO-SRAM
LC361000AMLL SANYO-LC361000AMLL Datasheet
158Kb / 8P
   1 MEG (131072 words X 8 bits) SRAM
LE28F4001M SANYO-LE28F4001M Datasheet
219Kb / 14P
   4 MEG (524288 words x 8 bits) Flash Memory
logo
List of Unclassifed Man...
HN28F101 ETC-HN28F101 Datasheet
106Kb / 18P
   131072-word x 8-bit CMOS Flash Memory
logo
Samsung semiconductor
K9K8G08U1M SAMSUNG-K9K8G08U1M Datasheet
1Mb / 41P
   512M x 8 Bits / 1G x 8 Bits NAND Flash Memory
logo
Sanyo Semicon Device
LC371100SP SANYO-LC371100SP Datasheet
80Kb / 5P
   1 MEG (131072 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
logo
Samsung semiconductor
K9T1G08U0M SAMSUNG-K9T1G08U0M Datasheet
888Kb / 38P
   128M x 8 Bits NAND Flash Memory
K9E2G08U0M SAMSUNG-K9E2G08U0M Datasheet
888Kb / 38P
   256M x 8 Bits NAND Flash Memory
logo
Sanyo Semicon Device
LE28FV4001M SANYO-LE28FV4001M Datasheet
230Kb / 14P
   4MEG (52488 x 8 Bits) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com