Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

890-007-21PS-BST1J Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 890-007-21PS-BST1J
Description  Nanominiature Connectors Single Row Vertical Mount Printed Circuit Board
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

890-007-21PS-BST1J Datasheet(HTML) 1 Page - Glenair, Inc.

  890-007-21PS-BST1J Datasheet HTML 1Page - Glenair, Inc. 890-007-21PS-BST1J Datasheet HTML 2Page - Glenair, Inc. 890-007-21PS-BST1J Datasheet HTML 3Page - Glenair, Inc. 890-007-21PS-BST1J Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
19
E-Mail: sales@glenair.com
890-006 and -007
Series 89 Nanominiature Connectors
Single Row Vertical Mount Printed Circuit Board
HOW TO ORDER VERTICAL MOUNT PCB CONNECTORS
Series
Insert
Arrangement/
Contact Type
Shell Material
and Finish
Termination Type
PC Tail Length
Hardware
890-006
Plug, Pin Contacts,
Single Row, Vertical
PCB Nanominiature
890-007
Receptacle, Socket
Contacts, Single
Row, Vertical PCB
Nanominiature
Plugs (890-006)
9P
15P
21P
25P
31P
37P
51P
Receptacles (890-007)
9S
15S
21S
25S
31S
37S
51S
A1
Aluminum Shell,
Cadmium Plating
A2
Aluminum Shell,
Electroless Nickel
Plating
T
Titanium Shell,
Unplated
S
Stainless Steel Shell,
Passivated
BST
”Board Straight Thru-
Hole”
1
.110 Inch (2.79 mm)
2
.172 Inch (4.37 mm)
J
Jackscrew,
#0-80
T
#0-80
Female
Thread
Sample Part Number
890-007
– 31S
T
– BST
1
T
SPECIFICATIONS
Durability
200 Cycles Minimum
Current Rating
1 AMP Maximum
Voltage Rating (DWV)
300 VAC RMS Sea Level
Insulation Resistance
5000 Megohms Minimum
Operating Temperature
-55° C. to +125° C.
Contact Resistance
71 mV. @1 AMP #30 AWG Wire
Thermal Vacuum Outgassing
1.0% Max TML, 0.1% Max. VCM
MATERIALS AND FINISHES
Connector Shell
See Ordering Information
Insulator
Liquid Crystal Polymer (LCP),30% Glass-Filled
Contacts
Gold Alloy, Unplated
Hardware
300 Series Stainless Steel
PC Tails
#30 (.010 Dia.) Copper Wire, Solder Dipped
PCB Trays
Liquid Crystal Polymer (LCP) or Epoxy
Encapsulant
Epoxy
Vertical Mount PCB Nano Connectors feature gold
alloy TwistPin contacts. These nanomimiature connectors
offer premium performance and reliability for demanding
applications. Available with #0-80 female threads, or with
jackscrews for use with flexible circuits.
Pre-Tinned PC Tails are coated with Sn63Pb37 tin-lead
for excellent solderability.
Choose Aluminum, Titanium or Stainless Steel Shells
in seven layouts from 9 to 51 contacts. Complies to the
requirements of MIL-DTL-32139. These connectors are
intermateable with any corresponding Glenair Series 890
single row metal shell nanominiature connector.


Similar Part No. - 890-007-21PS-BST1J

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
890-001 GLENAIR-890-001 Datasheet
153Kb / 2P
   Single Row Insulated Wire Pigtail Assemblies
890-003 GLENAIR-890-003 Datasheet
134Kb / 2P
   Single Row Uninsulated Wire Pigtail Assemblies
890-004 GLENAIR-890-004 Datasheet
134Kb / 2P
   Single Row Uninsulated Wire Pigtail Assemblies
890-005 GLENAIR-890-005 Datasheet
126Kb / 2P
   Nanominiature Connectors
890-005 GLENAIR-890-005 Datasheet
926Kb / 2P
   Single Row Nano
More results

Similar Description - 890-007-21PS-BST1J

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
891-006 GLENAIR-891-006 Datasheet
159Kb / 4P
   Nanominiature Connectors Double Row Thru Hole Vertical Mount Printed Circuit Board
890-008 GLENAIR-890-008 Datasheet
77Kb / 4P
   Nanominiature Connectors Single Row Right Angle Printed Circuit Board
890-010 GLENAIR-890-010 Datasheet
70Kb / 4P
   Nanominiature Connectors Single Row Vertical Surface Mount PCB
891-008 GLENAIR-891-008 Datasheet
155Kb / 4P
   Nanominiature Connectors Double Row Thru Hole Right Angle Printed Circuit Board
891-010 GLENAIR-891-010 Datasheet
70Kb / 4P
   Nanominiature Connectors Double Row Vertical Surface Mount
891-014-9PA1 GLENAIR-891-014-9PA1 Datasheet
178Kb / 4P
   Nanominiature Connectors Straddle Mount
M32139-01-A01SCS GLENAIR-M32139-01-A01SCS Datasheet
426Kb / 2P
   Nanominiature Connectors
890-012 GLENAIR-890-012 Datasheet
131Kb / 4P
   Nanominiature Connectors Single Row Right Angle Surface Mount PCB
M32139-03-A01SCS GLENAIR-M32139-03-A01SCS Datasheet
266Kb / 2P
   Nanominiature Connectors
240-03119PC GLENAIR-240-03119PC Datasheet
201Kb / 4P
   Micro-D Filter Connectors Vertical Printed Circuit Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com