Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7A161830B-QI16 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K7A161830B-QI16
Description  512Kx36 & 1Mx18 Synchronous SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7A161830B-QI16 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button K7A161830B-QI16 Datasheet HTML 2Page - Samsung semiconductor K7A161830B-QI16 Datasheet HTML 3Page - Samsung semiconductor K7A161830B-QI16 Datasheet HTML 4Page - Samsung semiconductor K7A161830B-QI16 Datasheet HTML 5Page - Samsung semiconductor K7A161830B-QI16 Datasheet HTML 6Page - Samsung semiconductor K7A161830B-QI16 Datasheet HTML 7Page - Samsung semiconductor K7A161830B-QI16 Datasheet HTML 8Page - Samsung semiconductor K7A161830B-QI16 Datasheet HTML 9Page - Samsung semiconductor K7A161830B-QI16 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
512Kx36 & 1Mx18 Synchronous SRAM
- 6 -
K7A161830B
K7A163630B
Rev. 3.0 April 2006
PIN CONFIGURATION(TOP VIEW)
PIN NAME
Note : 1. A0 and A1 are the two least significant bits(LSB) of the address field and set the internal burst counter if burst is desired.
SYMBOL
PIN NAME
TQFP PIN NO.
SYMBOL
PIN NAME
TQFP PIN NO.
A0 - A19
ADV
ADSP
ADSC
CLK
CS1
CS2
CS2
WEx(x=a,b)
OE
GW
BW
ZZ
LBO
Address Inputs
Burst Address Advance
Address Status Processor
Address Status Controller
Clock
Chip Select
Chip Select
Chip Select
Byte Write Inputs
Output Enable
Global Write Enable
Byte Write Enable
Power Down Input
Burst Mode Control
32,33,34,35,36,37,42
43,44,45,46,47,48,49
50 80,81,82,99,100
83
84
85
89
98
97
92
93,94
86
88
87
64
31
VDD
VSS
N.C.
DQa0 ~ a7
DQb0 ~ b7
DQPa, Pb
VDDQ
VSSQ
Power Supply(+3.3V)
Ground
No Connect
Data Inputs/Outputs
Output Power Supply
(3.3V or 2.5V)
Output Ground
15,41,65,91
17,40,67,90
1,2,3,6,7,14,16,25,28,29
30,38,39,51,52,53,56,57
66,75,78,79,95,96
58,59,62,63,68,69,72,73
8,9,12,13,18,19,22,23
74,24
4,11,20,27,54,61,70,77
5,10,21,26,55,60,71,76
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
100 Pin TQFP
(20mm x 14mm)
N.C.
N.C.
N.C.
VDDQ
VSSQ
N.C.
N.C.
DQb0
DQb1
VSSQ
VDDQ
DQb2
DQb3
N.C.
VDD
N.C.
VSS
DQb4
DQb5
VDDQ
VSSQ
DQb6
DQb7
DQPb
N.C.
VSSQ
VDDQ
N.C.
N.C.
N.C.
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
N.C.
N.C.
VDDQ
VSSQ
N.C.
DQPa
DQa7
DQa6
VSSQ
VDDQ
DQa5
DQa4
VSS
N.C.
VDD
ZZ
DQa3
DQa2
VDDQ
VSSQ
DQa1
DQa0
N.C.
N.C.
VSSQ
VDDQ
N.C.
N.C.
N.C.
A10
K7A161830B(1Mx18)


Similar Part No. - K7A161830B-QI16

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7A161830B-QPC125-16 SAMSUNG-K7A161830B-QPC125-16 Datasheet
373Kb / 19P
   18MB B-DIE SYNC SRAM SPECIFICATION 100TQFP WITH PB, PB-FREE
More results

Similar Description - K7A161830B-QI16

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM736V989 SAMSUNG-KM736V989 Datasheet
536Kb / 20P
   512Kx36 & 1Mx18 Synchronous SRAM
K7B163625A SAMSUNG-K7B163625A Datasheet
263Kb / 19P
   512Kx36 & 1Mx18 Synchronous SRAM
K7B163635B SAMSUNG-K7B163635B Datasheet
442Kb / 20P
   512Kx36 & 1Mx18 Synchronous SRAM
K7P163666A SAMSUNG-K7P163666A Datasheet
321Kb / 14P
   512Kx36 AND 1Mx18 Synchronous Pipelined SRAM
K7D163674B SAMSUNG-K7D163674B Datasheet
445Kb / 16P
   512Kx36 & 1Mx18 SRAM
K7Q163664B SAMSUNG-K7Q163664B_10 Datasheet
635Kb / 17P
   512Kx36 & 1Mx18 QDRTM b4 SRAM
K7Q163662B SAMSUNG-K7Q163662B Datasheet
337Kb / 17P
   512Kx36 & 1Mx18 QDRTM b2 SRAM
K7Q161882 SAMSUNG-K7Q161882 Datasheet
503Kb / 17P
   512Kx36 & 1Mx18 QDR b2 SRAM
K7I163684B SAMSUNG-K7I163684B Datasheet
422Kb / 18P
   512Kx36 & 1Mx18 DDRII CIO b4 SRAM
K7R163684B SAMSUNG-K7R163684B Datasheet
418Kb / 18P
   512Kx36 & 1Mx18 QDR II b4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com