Electronic Components Datasheet Search |
|
121-101-2-1-12CPA Datasheet(PDF) 1 Page - Glenair, Inc. |
|
121-101-2-1-12CPA Datasheet(HTML) 1 Page - Glenair, Inc. |
|
1 / 1 page C-10 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2009 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 www.glenair.com E-Mail: sales@glenair.com A B C D E F G Series 74 TYPE D EXTERNAL SHIELD MINIMUM BEND RADIUS LENGTH (AS SPECIFIED IN FEET) TUBING SHIELD B DIA A DIA TUBING FRACTIONAL A INSIDE B DIA SIZE SIZE REF DIA MIN MAX 06 3/16 .181 (4.6) .370 (9.4) 09 9/32 .273 (6.9) .464 (11.8) 10 5/16 .306 (7.8) .500 (12.7) 12 3/8 .359 (9.1) .560 (14.2) 14 7/16 .427 (10.8) .621 (15.8) 16 1/2 .480 (12.2) .700 (17.8) 20 5/8 .603 (15.3) .820 (20.8) 24 3/4 .725 (18.4) .980 (24.9) 28 7/8 .860 (21.8) 1.123 (28.5) 32 1 .970 (24.6) 1.276 (32.4) 40 1 1/4 1.205 (30.6) 1.589 (40.4) 48 1 1/2 1.437 (36.5) 1.882 (47.8) 56 1 3/4 1.688 (42.9) 2.132 (54.2) 64 2 1.937 (49.2) 2.382 (60.5) MINIMUM BEND RADIUS .50 (12.7) .75 (19.1) .75 (19.1) .88 (22.4) 1.00 (25.4) 1.25 (31.8) 1.50 (38.1) 1.75 (44.5) 1.88 (47.8) 2.25 (57.2) 2.75 (69.9) 3.25 (82.6) 3.63 (92.2) 4.25 (108.0) TABLE I: TUBING SIZE ORDER NUMBER AND DIMENSIONS APPLICATION NOTES Metric dimensions (mm) are 1. in parentheses and are for reference only. Consult factory for thin- 2. wall, close convolution combination. For PTFE maximum lengths 3. - consult factory. Consult factory for PEEK 4. TM min/max dimensions. Class 1 - Standard Wall 2 - Thin Wall 2 Product Series 121 - Convoluted Tubing 121 - 101 - 1 - 1 - 16 B K T Basic Part Number Tubing Size (See Table I) Convolution 1 - Standard 2 - Close Color B - Black C - Natural Material K - PEEK 4 E - ETFE F - FEP P - PFA T - PTFE 3 Shield A - Composite AmberStrand® C - Stainless Steel N - Nickel/Copper S - SnCuFe T - Tin/Copper 121-101 Series 74 Helical Convoluted Tubing (AMS-T-81914) Type D: Convoluted Tubing with Single External Shield |
Similar Part No. - 121-101-2-1-12CPA |
|
Similar Description - 121-101-2-1-12CPA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |