Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ27410DRZR-G1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27410DRZR-G1
Description  System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27410DRZR-G1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ27410DRZR-G1 Datasheet HTML 5Page - Texas Instruments BQ27410DRZR-G1 Datasheet HTML 6Page - Texas Instruments BQ27410DRZR-G1 Datasheet HTML 7Page - Texas Instruments BQ27410DRZR-G1 Datasheet HTML 8Page - Texas Instruments BQ27410DRZR-G1 Datasheet HTML 9Page - Texas Instruments BQ27410DRZR-G1 Datasheet HTML 10Page - Texas Instruments BQ27410DRZR-G1 Datasheet HTML 11Page - Texas Instruments BQ27410DRZR-G1 Datasheet HTML 12Page - Texas Instruments BQ27410DRZR-G1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
bq27410-G1
www.ti.com
SLUSAF4
– MARCH 2011
CONTROL_STATUS: 0x0000
Instructs the fuel gauge to return status information to control addresses 0x00/0x01. The status word includes the
following information.
Table 3. CONTROL_STATUS Bit Definitions
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
High Byte
HIBE
FAS
SS
RSVD
CCA
RSVD
QMAXU
RESU
Low Byte
INITCOMP
HIBERNATE
FULLSLEEP
SLEEP
RSVD
RUP_DIS
VOK
RSVD
Status bit indicating that Hibernate mode has been Entered. The bit is cleared if a CLEAR_HIBERNATE subcommand is
HIBE =
received. Active when set.
FAS = Status bit indicating the bq27410 is in FULL ACCESS SEALED state. Active when set.
SS = Status bit indicating the bq27410 is in the SEALED State. Active when set.
Status bit indicating the bq27410 Coulomb Counter Auto-Calibration routine is active. The CCA routine will take place
CCA =
approximately 3 minutes and 45 seconds after the initialization. Active when set.
Status bit indicating Qmax has Updated. True when set. This bit is cleared after power on reset or when [BAT_DET] bit is
QMAXU =
set. When this bit is cleared, it enables fast learning of battery Qmax.
Status bit indicating that resistance has been updated. True when set. This bit is cleared after power on reset or when
RESU = [BAT_DET] bit is set. Also this bit can only be set after Qmax is updated or QMAXU is set. When this bit is cleared, it
enables fast learning of battery impedance.
INITCOMP = Initialization completion bit indicating the initialization completed. True when set.
HIBERNATE = Status bit indicating a request for entry into HIBERNATE from SLEEP mode has been issued. True when set. Default is 0.
Status bit indicating the BQ27410 is in FULLSLEEP mode. True when set. The state can be detected by monitoring the
FULLSLEEP =
power used by the BQ27410 because any communication will automatically clear it.
SLEEP = Status bit indicating the bq27410 is in SLEEP mode. True when set.
RSVD (bit 3) = This bit reserved and may change state at any time during device operation.
RUP_DIS = Status bit indicating the bq27410 Ra table updates are disabled. Updates disabled when set..
VOK = Status bit indicating cell voltages are OK for Qmax updates. True when set.
RSVD = Reserved for future use.
DEVICE_TYPE: 0x0001
Instructs the fuel gauge to return the device type to addresses 0x00/0x01.
FW_VERSION: 0x0002
Instructs the fuel gauge to return the firmware version to addresses 0x00/0x01.
HW_VERSION: 0x0003
Instructs the fuel gauge to return the hardware version to addresses 0x00/0x01.
PREV_MACWRITE: 0x0007
Instructs the fuel gauge to return the previous command written to addresses 0x00/0x01. The value returned is
limited to less than 0x0015.
BAT_INSERT: 0X000C
This subcommand forces the Flags() [BAT_DET] bit to set when the battery insertion detection is disabled via
OpConfig[BIE=0]. In this case, the gauge does not detect battery insertion from the BIN pin
’s logic state, but
relies on the BAT_INSERT host subcommand to indicate battery presence in the system. This subcommand also
starts Impedance Track
™ gauging.
BAT_REMOVE: 0X000D
This subcommand forces the Flags() [BAT_DET] bit to clear when the battery insertion detection is disabled via
OpConfig[BIE=0]. In this case, the gauge does not detect battery removal from the BIN pin
’s logic state, but
relies on the BAT_REMOVE host subcommand to indicate battery removal from the system.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - BQ27410DRZR-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27410EVM TI-BQ27410EVM Datasheet
18Mb / 18P
[Old version datasheet]   bq27410EVM: Single-Cell Impedance Track Technology
More results

Similar Description - BQ27410DRZR-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27510-G2 TI1-BQ27510-G2 Datasheet
844Kb / 38P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510-G1 TI1-BQ27510-G1_17 Datasheet
1Mb / 40P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Direct Battery Connection
BQ27510 TI-BQ27510_08 Datasheet
738Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510 TI-BQ27510 Datasheet
799Kb / 37P
[Old version datasheet]   System-Side Impedance-Track Fuel Gauge With Direct Battery Connection
BQ27510-G1 TI-BQ27510-G1 Datasheet
952Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510-G3 TI-BQ27510-G3 Datasheet
973Kb / 20P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Direct Battery Connection
BQ27510 TI-BQ27510_1 Datasheet
905Kb / 38P
[Old version datasheet]   System-Side Impedance TrackTM Fuel Gauge With Direct Battery Connection
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com