Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS4242 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4242
Description  Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4242 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS4242 Datasheet HTML 6Page - Texas Instruments ADS4242 Datasheet HTML 7Page - Texas Instruments ADS4242 Datasheet HTML 8Page - Texas Instruments ADS4242 Datasheet HTML 9Page - Texas Instruments ADS4242 Datasheet HTML 10Page - Texas Instruments ADS4242 Datasheet HTML 11Page - Texas Instruments ADS4242 Datasheet HTML 12Page - Texas Instruments ADS4242 Datasheet HTML 13Page - Texas Instruments ADS4242 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 97 page
background image
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
DRVDD
DA6P
DA6M
DA4P
DA4M
DA2P
DA2M
DA0P
DA0M
NC
NC
CTRL3
CTRL2
CTRL1
AVDD
AVDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DRVDD
DB4M
DB4P
DB6M
DB6P
DB8M
DB8P
DB10M
DB10P
DB12M
DB12P
RESET
SCLK
SDATA
SEN
AVDD
ThermalPad
(ConnectedtoDRGND)
ADS4222, ADS4225, ADS4226
ADS4242, ADS4245, ADS4246
SBAS533
– MARCH 2011
www.ti.com
RGC PACKAGE(3)
QFN-64
(TOP VIEW)
(3) The PowerPAD is connected to DRGND.
NOTE: NC = do not connect.
Figure 3. ADS4242/ADS4245/ADS4246 LVDS Pinout
Pin Descriptions (LVDS Mode)
PIN NAME
PIN NUMBER
# OF PINS
FUNCTION
DESCRIPTION
AVDD
16, 22, 33, 34
4
Input
Analog power supply
17, 18, 21, 24, 27, 28,
AGND
8
Input
Analog ground
31, 32
CLKP
25
1
Input
Differential clock positive input
CLKM
26
1
Input
Differential clock negative input
INP_A
29
1
Input
Differential analog positive input, channel A
INM_A
30
1
Input
Differential analog negative input, channel A
INP_B
19
1
Input
Differential analog positive input, channel B
INM_B
20
1
Input
Differential analog negative input, channel B
This pin outputs the common-mode voltage (0.95V) that can be used externally to
VCM
23
1
Output
bias the analog input pins
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): ADS4222 ADS4225 ADS4226 ADS4242 ADS4245 ADS4246


Similar Part No. - ADS4242

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4242 TI1-ADS4242 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4242 TI-ADS4242 Datasheet
902Kb / 66P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
ADS4242 TI1-ADS4242 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4242 TI1-ADS4242 Datasheet
4Mb / 105P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4242 TI-ADS4242 Datasheet
492Kb / 15P
[Old version datasheet]   EVAL MODULE FOR ADS4242
Revised June 2013
More results

Similar Description - ADS4242

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
ADS4122 TI1-ADS4122_14 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
ADS4122 TI1-ADS4122 Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
ADS4145 TI1-ADS4145_14 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
ADS4222 TI1-ADS4222 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_14 Datasheet
4Mb / 105P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4249 TI1-ADS4249 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com