Part Name
         Description
ADS4242

 Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC ( 97 Page)


TI1
100% 
Zoom Out Zoom In
 31 page
background image
SBAS533
– MARCH 2011
Register Address 45h (Default = 00h)
7
6
5
4
3
2
1
0
LVDS CLKOUT
LVDS DATA
STBY
0
0
PDN GLOBAL
0
0
STRENGTH
STRENGTH
Bit 7
STBY: Standby setting
0 = Normal operation
1 = Both channels are put in standby; wakeup time from this mode is fast (typically 50
µs).
Bit 6
LVDS CLKOUT STRENGTH: LVDS output clock buffer strength setting
0 = LVDS output clock buffer at default strength to be used with 100
Ω external termination
1 = LVDS output clock buffer has double strength to be used with 50
Ω external termination
Bit 5
LVDS DATA STRENGTH
0 = All LVDS data buffers at default strength to be used with 100
Ω external termination
1 = All LVDS data buffers have double strength to be used with 50
Ω external termination
Bits[4:3]
Always write '0'
Bit 2
PDN GLOBAL
0 = Normal operation
1 = Total power down; all ADC channels, internal references, and output buffers are powered
down. Wakeup time from this mode is slow (typically 100
µs).
Bits[1:0]
Always write '0'
Register Address 4Ah (Default = 00h)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
HIGH FREQ MODE CH B
Bits[7:1]
Always write '0'
Bit 0
HIGH FREQ MODE CH B: High-frequency mode for channel B
0 = Default
1 = Use this mode for high input frequencies
Register Address 58h (Default = 00h)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
HIGH FREQ MODE CH A
Bits[7:1]
Always write '0'
Bit 0
HIGH FREQ MODE CH A: High-frequency mode for channel A
0 = Default
1 = Use this mode for high input frequencies
Copyright
© 2011, Texas Instruments Incorporated
31



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl