Part Name
         Description
ADS4242

 Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC ( 97 Page)


TI1
100% 
Zoom Out Zoom In
 28 page
background image
SBAS533
– MARCH 2011
Register Address 2Bh (Default = 00h)
7
6
5
4
3
2
1
0
CH B GAIN
0
CH B TEST PATTERNS
Bits[7:4]
CH B GAIN: Channel B gain programmability
These bits set the gain programmability in 0.5dB steps for channel B.
0000 = 0dB gain (default after reset)
0001 = 0.5dB gain
0010 = 1dB gain
0011 = 1.5dB gain
0100 = 2dB gain
0101 = 2.5dB gain
0110 = 3dB gain
0111 = 3.5dB gain
1000 = 4dB gain
1001 = 4.5dB gain
1010 = 5dB gain
1011 = 5.5dB gain
1100 = 6dB gain
Bit 3
Always write '0'
Bits[2:0]
CH B TEST PATTERNS: Channel B data capture
These bits verify data capture for channel B.
000 = Normal operation
001 = Outputs all 0s
010 = Outputs all 1s
011 = Outputs toggle pattern.
For the ADS424x, output data D[13:0] are an alternating sequence of 10101010101010 and
01010101010101.
For the ADS422x, the output data D[11:0] are an alternating sequence of 101010101010 and
010101010101.
100 = Outputs digital ramp.
For the ADS424x, output data increment by one LSB (14-bit) every clock cycle from code 0 to code
16383.
For the ADS422x, output data increment by one LSB (12-bit) every fourth clock cycle from code 0
to code 4095.
101 = Outputs custom pattern; use registers 3Fh and 40h to set the custom pattern
110 = Unused
111 = Unused
28
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl