Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB-13TOPG-24VD-T2S-0 Datasheet(PDF) 2 Page - A-BRIGHT Inc

Part # AB-13TOPG-24VD-T2S-0
Description  Multi Lamps LED Bulb
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AB-13TOPG-24VD-T2S-0 Datasheet(HTML) 2 Page - A-BRIGHT Inc

  AB-13TOPG-24VD-T2S-0 Datasheet HTML 1Page - A-BRIGHT Inc AB-13TOPG-24VD-T2S-0 Datasheet HTML 2Page - A-BRIGHT Inc AB-13TOPG-24VD-T2S-0 Datasheet HTML 3Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
A-BRIGHT
11/27/2009
2
NOTE:
1.All dimensions are in millimeter.
2.Wedge base T20.
3.All tolerance are ±0.25mm.
17.8±0.2
13pcs Top LED
1
2
3
4
1. For stop light
2. For braking light
3. For braking light
4. For stop light
T20 Holder
20.0±0.2
XXV
Part No.: AB-13TOPG-24VD-T2S-0
Multi Lamps LED Bulb
PACKAGE DIMENSIONS︰


Similar Part No. - AB-13TOPG-24VD-T2S-0

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-13TOPG-24VD-T2S-0 A-BRIGHT-AB-13TOPG-24VD-T2S-0 Datasheet
78Kb / 3P
   MULTI LAMPS LED BULB
11/27/2009
AB-13TOPG-24VD-T2S-0 A-BRIGHT-AB-13TOPG-24VD-T2S-0_15 Datasheet
78Kb / 3P
   MULTI LAMPS LED BULB
More results

Similar Description - AB-13TOPG-24VD-T2S-0

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-33R1-12V-E A-BRIGHT-AB-33R1-12V-E Datasheet
176Kb / 3P
   MULTI LAMPS LED BULB
2/9/2007
AB-33R1-24V-E A-BRIGHT-AB-33R1-24V-E Datasheet
176Kb / 3P
   MULTI LAMPS LED BULB
10/30/2006
AB-33TR-110V-E12 A-BRIGHT-AB-33TR-110V-E12 Datasheet
187Kb / 3P
   MULTI LAMPS LED BULB
10/30/2006
AB-33W2-12V-E A-BRIGHT-AB-33W2-12V-E Datasheet
190Kb / 4P
   MULTI LAMPS LED BULB
2/9/2007
AB-125TYA-24V0-B20-0 A-BRIGHT-AB-125TYA-24V0-B20-0 Datasheet
192Kb / 3P
   MULTI LAMPS LED BULB
11/1/2006
AB-1851G0-28VD-B1G-0 A-BRIGHT-AB-1851G0-28VD-B1G-0 Datasheet
194Kb / 3P
   MULTI LAMPS LED BULB
5/3/2007
AB-1851R0-28VD-B1G-0 A-BRIGHT-AB-1851R0-28VD-B1G-0 Datasheet
194Kb / 3P
   MULTI LAMPS LED BULB
5/3/2007
AB-33Y6-24V-E A-BRIGHT-AB-33Y6-24V-E Datasheet
183Kb / 3P
   MULTI LAMPS LED BULB
10/30/2006
AB-065B40-12V0-B1G-0 A-BRIGHT-AB-065B40-12V0-B1G-0 Datasheet
191Kb / 3P
   MULTI LAMPS LED BULB
11/1/2006
AB-65W2-4 A-BRIGHT-AB-65W2-4 Datasheet
191Kb / 4P
   MULTI LAMPS LED BULB
5/15/2006
AB-73W3-3VD-P A-BRIGHT-AB-73W3-3VD-P Datasheet
192Kb / 4P
   MULTI LAMPS LED BULB
10/30/2006
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com