Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB-10TW0G4S-PCB Datasheet(PDF) 3 Page - A-BRIGHT Inc

Part # AB-10TW0G4S-PCB
Description  Multi Lamps LED Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AB-10TW0G4S-PCB Datasheet(HTML) 3 Page - A-BRIGHT Inc

  AB-10TW0G4S-PCB Datasheet HTML 1Page - A-BRIGHT Inc AB-10TW0G4S-PCB Datasheet HTML 2Page - A-BRIGHT Inc AB-10TW0G4S-PCB Datasheet HTML 3Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
A-BRIGHT
3
Part No.: AB-10TW0G4S-PCB
Multi Lamps LED Module
FEATURE:
SUPER LUMINOSITY WHITE LED (InGaN).
WATER CLEAR PACKAGE.
WIDE VIEWING ANGLE.
ELECTRIC AC/DC BI-POLAR.
ABSOLUTE MAXIMUM RATING:
Ta = 25 ℃
PEAK OPERATE VOLTAGE........................
26 V
OPERATING TEMPERATURE......................
-25 TO +85℃
STORAGE TEMPERATURE.........................
-35 TO +100℃
LED BULB LIFE………………………………..
20000 HOURS
(LUMINANCE REDUCES to 50%)
ABSOLUTE OPTICAL CHARACTERISTIC
Ta= 25℃
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Operate Voltage
V
12
-----
26
V
Luminous Intensity
IF= 100 mA
I V
30
55
-----
cd
Correlated Color Temperature
IF= 100 mA
CCT
-----
6000
-----
K
VIN= 12 V DC
-----
100
-----
Forward Current
VIN= 24 V DC
IF
-----
90
-----
mA
Viewing Angle
2
θ1/2
-----
100
-----
deg


Similar Part No. - AB-10TW0G4S-PCB

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-10TW0G4S-PCB A-BRIGHT-AB-10TW0G4S-PCB Datasheet
78Kb / 3P
   MULTI LAMPS LED MODULE
AB-10TW0G4S-PCB A-BRIGHT-AB-10TW0G4S-PCB_15 Datasheet
78Kb / 3P
   MULTI LAMPS LED MODULE
More results

Similar Description - AB-10TW0G4S-PCB

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-10TSWG4S-PCB A-BRIGHT-AB-10TSWG4S-PCB_15 Datasheet
78Kb / 3P
   MULTI LAMPS LED MODULE
AB-10TSWG4S-PCB A-BRIGHT-AB-10TSWG4S-PCB Datasheet
78Kb / 3P
   Multi Lamps LED Module
AB-10TW0G4S-PCB A-BRIGHT-AB-10TW0G4S-PCB Datasheet
78Kb / 3P
   MULTI LAMPS LED MODULE
AB-10TSWG4S-PCB A-BRIGHT-AB-10TSWG4S-PCB Datasheet
78Kb / 3P
   MULTI LAMPS LED MODULE
AB-10TW0G4S-PCB A-BRIGHT-AB-10TW0G4S-PCB_15 Datasheet
78Kb / 3P
   MULTI LAMPS LED MODULE
AB-125G3A-12V-MR16 A-BRIGHT-AB-125G3A-12V-MR16 Datasheet
209Kb / 3P
   MULTI LAMPS LED BULB
11/1/2006
AB-125G30-12V0-B20-0 A-BRIGHT-AB-125G30-12V0-B20-0 Datasheet
196Kb / 3P
   MULTI LAMPS LED BULB
11/2/2006
AB-125W3A-12VD-B3G-0 A-BRIGHT-AB-125W3A-12VD-B3G-0 Datasheet
203Kb / 4P
   MULTI LAMPS LED BULB
11/2/2006
AB-125W50-3VD-E00-0 A-BRIGHT-AB-125W50-3VD-E00-0 Datasheet
204Kb / 4P
   MULTI LAMPS LED BULB
5/16/2006
AB-33G1-6V-E A-BRIGHT-AB-33G1-6V-E Datasheet
187Kb / 3P
   MULTI LAMPS LED BULB
10/30/2006
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com