Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA-3A4-4G-KLH340 Datasheet(PDF) 5 Page - A-BRIGHT Inc

Part # AA-3A4-4G-KLH340
Description  3mm LED Assembly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AA-3A4-4G-KLH340 Datasheet(HTML) 5 Page - A-BRIGHT Inc

  AA-3A4-4G-KLH340_09 Datasheet HTML 1Page - A-BRIGHT Inc AA-3A4-4G-KLH340_09 Datasheet HTML 2Page - A-BRIGHT Inc AA-3A4-4G-KLH340_09 Datasheet HTML 3Page - A-BRIGHT Inc AA-3A4-4G-KLH340_09 Datasheet HTML 4Page - A-BRIGHT Inc AA-3A4-4G-KLH340_09 Datasheet HTML 5Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AA-3A4/4G/KLH340
Diff No. 004
3 mm
LED Assembly
Type : KLH340
2009/2/27
5


Similar Part No. - AA-3A4-4G-KLH340_09

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AA-3A4-4G-KLH340 A-BRIGHT-AA-3A4-4G-KLH340_15 Datasheet
239Kb / 5P
   LED Assembly
2009/2/27
More results

Similar Description - AA-3A4-4G-KLH340_09

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
SSA196 BOT-SSA196 Datasheet
33Kb / 2P
   3mm LED ASSEMBLY
ORD9402 BOT-ORD9402 Datasheet
37Kb / 2P
   3mm LED INTERLOCKING ASSEMBLY
ORT33 BOT-ORT33 Datasheet
32Kb / 2P
   3 Tier 3mm LED ASSEMBLY
SSA187 BOT-SSA187 Datasheet
40Kb / 3P
   3 TIER 3mm LED ASSEMBLY
SSA150 BOT-SSA150 Datasheet
33Kb / 2P
   3 TIER 3mm LED ASSEMBLY
SSA149 BOT-SSA149 Datasheet
35Kb / 2P
   2 TIER 3mm LED ASSEMBLY
ORD9202 BOT-ORD9202 Datasheet
34Kb / 2P
   3mm LED ASSEMBLY IN LINE PINNING
logo
Bivar, Inc.
H101CGDL BIVAR-H101CGDL Datasheet
120Kb / 3P
   T-1 (3MM) 90° SINGLE-LEVEL LED ASSEMBLY
03/05/04
H101CBC BIVAR-H101CBC Datasheet
120Kb / 3P
   T-1 (3MM) 90° SINGLE-LEVEL LED ASSEMBLY
03/05/04
H101CEGC2.030 BIVAR-H101CEGC2.030 Datasheet
120Kb / 3P
   T-1 (3MM) 90° SINGLE-LEVEL LED ASSEMBLY
03/05/04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com