Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

891-011-51PS-BSS Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 891-011-51PS-BSS
Description  Nanominiature Connectors Double Row Vertical Surface Mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

891-011-51PS-BSS Datasheet(HTML) 1 Page - Glenair, Inc.

  891-011-51PS-BSS Datasheet HTML 1Page - Glenair, Inc. 891-011-51PS-BSS Datasheet HTML 2Page - Glenair, Inc. 891-011-51PS-BSS Datasheet HTML 3Page - Glenair, Inc. 891-011-51PS-BSS Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
49
E-Mail: sales@glenair.com
Vertical Surface Mount PCB Nano Connectors
feature gold alloy TwistPin contacts. Contacts are precision-
crimped #30 AWG gold-plated wire. These nanomimiature
connectors offer premium performance and reliability for
demanding applications.
Choose Aluminum, Titanium or Stainless Steel
Shells in eight layouts from 9 to 51 contacts.
Complies to the requirements of MIL-DTL-32139.
891-010 and -011
Series 89 Nanominiature Connectors
Double Row Vertical Surface Mount
HOW TO ORDER VERTICAL MOUNT SMT CONNECTORS
Series
Insert
Arrangement/
Contact Type
Shell Material
and Finish
Termination Type
Hardware
891-010
Plug, Pin Contacts,
Double Row, Vertical SMT
Nanominiature
891-011
Receptacle, Socket
Contacts, Double Row,
Vertical SMT Nanominiature
Plugs (891-010)
9P
15P
21P
25P
31P
37P
51P
Receptacles (891-011)
9S
15S
21S
25S
31S
37S
51S
A1
Aluminum Shell, Cadmium
Plating
A2
Aluminum Shell, Electroless
Nickel Plating
T
Titanium Shell, Unplated
S
Stainless Steel Shell,
Passivated
BSS
”Board Surface Mount
Straight”
T
#0-80
Female Thread
Sample Part Number
891-011
— 51S
A2
—BSS
T
SPECIFICATIONS
Durability
200 Cycles Minimum
Current Rating
1 AMP Maximum
Voltage Rating (DWV)
300 VAC RMS Sea Level
Insulation Resistance
5000 Megohms Minimum
Operating Temperature
-55° C. to +125° C.
Contact Resistance
71 mV. @1 AMP #30 AWG Wire
Thermal Vacuum Outgassing
1.0% Max TML, 0.1% Max. VCM
MATERIALS AND FINISHES
Connector Shell
See Ordering Information
Insulator
Liquid Crystal Polymer (LCP),30% Glass-Filled
Contacts
Gold Alloy, Unplated
Hardware
300 Series Stainless Steel
PC Tails
#30 (.010 Dia.) Copper Wire, Solder Dipped
PCB Trays
Liquid Crystal Polymer (LCP) or Epoxy
Encapsulant
Epoxy


Similar Part No. - 891-011-51PS-BSS

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
891-012 GLENAIR-891-012 Datasheet
81Kb / 4P
   Nanominiature Connectors Double Row Right Angle Surface Mount
891-012-15PA1-BRS GLENAIR-891-012-15PA1-BRS Datasheet
81Kb / 4P
   Nanominiature Connectors Double Row Right Angle Surface Mount
891-012-15PA2-BRS GLENAIR-891-012-15PA2-BRS Datasheet
81Kb / 4P
   Nanominiature Connectors Double Row Right Angle Surface Mount
891-012-15PS-BRS GLENAIR-891-012-15PS-BRS Datasheet
81Kb / 4P
   Nanominiature Connectors Double Row Right Angle Surface Mount
891-012-15PT-BRS GLENAIR-891-012-15PT-BRS Datasheet
81Kb / 4P
   Nanominiature Connectors Double Row Right Angle Surface Mount
More results

Similar Description - 891-011-51PS-BSS

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
891-012 GLENAIR-891-012 Datasheet
81Kb / 4P
   Nanominiature Connectors Double Row Right Angle Surface Mount
890-010 GLENAIR-890-010 Datasheet
70Kb / 4P
   Nanominiature Connectors Single Row Vertical Surface Mount PCB
891-006 GLENAIR-891-006 Datasheet
159Kb / 4P
   Nanominiature Connectors Double Row Thru Hole Vertical Mount Printed Circuit Board
891-005 GLENAIR-891-005 Datasheet
205Kb / 2P
   Nanominiature Connectors Double Row Back-To-Back
890-006 GLENAIR-890-006 Datasheet
181Kb / 4P
   Nanominiature Connectors Single Row Vertical Mount Printed Circuit Board
891-014-9PA1 GLENAIR-891-014-9PA1 Datasheet
178Kb / 4P
   Nanominiature Connectors Straddle Mount
M32139-01-A01SCS GLENAIR-M32139-01-A01SCS Datasheet
426Kb / 2P
   Nanominiature Connectors
890-012 GLENAIR-890-012 Datasheet
131Kb / 4P
   Nanominiature Connectors Single Row Right Angle Surface Mount PCB
M32139-03-A01SCS GLENAIR-M32139-03-A01SCS Datasheet
266Kb / 2P
   Nanominiature Connectors
891-001 GLENAIR-891-001 Datasheet
202Kb / 2P
   Nanominiature Connectors Double Row Insulated Wire Pigtail Assemblies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com