Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M83513-05-13 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M83513-05-13
Description  Stainless Steel Jackscrew Kits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M83513-05-13 Datasheet(HTML) 1 Page - Glenair, Inc.

  M83513-05-13 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2011 Glenair, Inc.
Printed in U.S.A.
N
N-8
Stainless Steel Jackscrew Kits
with E-Rings
080-00-00-5XX
Mil Spec Jackscrew Kits feature 300 series stainless steel and
easily attach to Micro-D connectors with an e-ring.
Order One Kit Per Connector. Each kit contains two jackscrews
and e-rings. Packaged one kit (two screws) per bag.
MIL SPEC JACKSCREW KITS
Configuration
Connector
Size,
Thread Size
Part Number
Dimensions
Mil Spec
Part Number
Glenair Part
Number
Hex Head
Low Profile
Sizes 9 to 69
Contacts. Mil
Spec Size A to G
#2-56 UNC-2A
M83513/05-02
080-00-00-502
Size 100 Only
Mil Spec Size H
#4-40 UNC-2A
M83513/05-12
080-00-00-512
Slot Head
Low Profile
Sizes 9 to 69
Contacts. Mil
Spec Size A to G
#2-56 UNC-2A
M83513/05-05
080-00-00-505
Size 100 Only
Mil Spec Size H
#4-40 UNC-2A
M83513/05-15
080-00-00-515
Hex Head
Extended
Sizes 9 to 69
Contacts. Mil
Spec Size A to G
#2-56 UNC-2A
M83513/05-03
080-00-00-503
Size 100 Only
Mil Spec Size H
#4-40 UNC-2A
M83513/05-13
080-00-00-513
Slot Head
Extended
Sizes 9 to 69
Contacts. Mil
Spec Size A to G
#2-56 UNC-2A
M83513/05-06
080-00-00-506
Size 100 Only
Mil Spec Size H
#4-40 UNC-2A
M83513/05-16
080-00-00-516
.125 (3.18) DIA
.103 (2.62) MAX
.062 (1.57) HEX
.258 (6.55) MAX
#2-56 UNC 2A
.090 (2.29) MIN PERFECT THD
.083 (2.11) DIA
.140 (3.56) DIA
.187 (4.75) DIA
.062 (1.57) HEX
.098 (2.49)
.292 (7.41) MAX
#4-40 UNC 2A
.110 (2.79) MIN PERFECT THD
.125 (3.18) DIA
.103 (2.62) MAX
.258 (6.55) MAX
#2-56 UNC 2A
.090 (2.29) MIN PERFECT THD
.083 (2.11) DIA
.140 (3.56) DIA
.187 (4.75) DIA
.098 (2.49)
#4-40 UNC 2A
.110 (2.79) MIN PERFECT THD
.156 (3.96)
DIA MAX
.062 (1.57) HEX
.258 (6.55) MAX
#2-56 UNC 2A
.090 (2.29) MIN
PERFECT THD
.083 (2.11) DIA
.610 (15.49) MAX
.140 (3.56) DIA
.292 (7.41) MAX
#4-40 UNC 2A
.110 (2.79) MIN
PERFECT THD
.200 (5.08)
DIA MAX
.062 (1.57) HEX
.610 (15.49) MAX
.156 (3.96)
DIA MAX
.258 (6.55) MAX
#2-56 UNC 2A
.090 (2.29) MIN
PERFECT THD
.083 (2.11) DIA
.610 (15.49) MAX
.140 (3.56) DIA
.292 (7.41) MAX
#4-40 UNC 2A
.110 (2.79) MIN
PERFECT THD
.200 (5.08)
DIA MAX
.610 (15.49) MAX
.292 (7.41) MAX


Similar Part No. - M83513-05-13

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M83513-05-13 GLENAIR-M83513-05-13 Datasheet
114Kb / 1P
   Micro-D Hardware
More results

Similar Description - M83513-05-13

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
179-013 GLENAIR-179-013 Datasheet
208Kb / 1P
   Stainless Steel Jackscrew Kits
249-033 GLENAIR-249-033 Datasheet
112Kb / 1P
   Jackscrew/Jackpost Kits
logo
Japan Aviation Electron...
FI-X20CH-NPB-7000 JAE-FI-X20CH-NPB-7000 Datasheet
124Kb / 1P
   STAINLESS STEEL
logo
Ralston Instruments.
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
   Stainless Steel
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
   Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
   Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
   Stainless Steel
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
   Stainless Steel
QTHA-3FS1 RALSTON-QTHA-3FS1_19 Datasheet
475Kb / 1P
   Stainless Steel
QTHA-3FS0 RALSTON-QTHA-3FS0_19 Datasheet
475Kb / 1P
   Stainless Steel
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com