Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL811HS Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # SL811HS
Description  Embedded USB Host/Slave Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811HS Datasheet(HTML) 1 Page - Cypress Semiconductor

  SL811HS Datasheet HTML 1Page - Cypress Semiconductor SL811HS Datasheet HTML 2Page - Cypress Semiconductor SL811HS Datasheet HTML 3Page - Cypress Semiconductor SL811HS Datasheet HTML 4Page - Cypress Semiconductor SL811HS Datasheet HTML 5Page - Cypress Semiconductor SL811HS Datasheet HTML 6Page - Cypress Semiconductor SL811HS Datasheet HTML 7Page - Cypress Semiconductor SL811HS Datasheet HTML 8Page - Cypress Semiconductor SL811HS Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
SL811HS
Embedded USB Host/Slave Controller
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document 38-08008 Rev. *F
Revised March 25, 2011
Features
First USB Host/Slave controller for embedded systems in the
market with a standard microprocessor bus interface
Supports both full speed (12 Mbps) and low speed (1.5 Mbps)
USB transfer in both master and slave modes
Conforms to USB Specification 1.1 for full- and low speed
Operates as a single USB host or slave under software control
Automatic detection of either low- or full speed devices
8-bit bidirectional data, port I/O (DMA supported in slave mode)
On-chip SIE asnd USB transceivers
On-chip single root HUB support
256-byte internal SRAM buffer
Ping-pong buffers for improved performance
Operates from 12 or 48 MHz crystal or oscillator (built-in DPLL)
5 V-tolerant interface
Suspend/resume, wake up, and low-power modes are
supported
Auto-generation of SOF and CRC5/16
Auto-address increment mode, saves memory READ/WRITE
cycles
Development kit including source code drivers is available
3.3 V power source, 0.35 micron CMOS technology
Available in 48-pin TQFP package
Introduction
The SL811HS is an Embedded USB Host/Slave Controller
capable of communicating in either full speed or low speed. The
SL811HS interfaces to devices such as microprocessors, micro-
controllers, DSPs, or directly to a variety of buses such as ISA,
PCMCIA, and others. The SL811HS USB Host Controller
conforms to USB Specification 1.1.
The SL811HS incorporates USB Serial Interface functionality
along with internal full or low speed transceivers. The SL811HS
supports and operates in USB full speed mode at 12 Mbps, or in
low speed mode at 1.5 Mbps. When in host mode, the SL811HS
is the master and controls the USB bus and the devices that are
connected to it. In peripheral mode, otherwise known as a slave
device, the SL811HS operates as a variety of full- or low speed
devices.
The SL811HS data port and microprocessor interface provide an
8-bit data path I/O or DMA bidirectional, with interrupt support to
allow easy interface to standard microprocessors or microcon-
trollers such as Motorola or Intel CPUs and many others. The
SL811HS has 256-bytes of internal RAM which is used for
control registers and data buffer.
The available lead-free package is a 48-pin (SL811HST-AXC)
package. All packages operate at 3.3 VDC. The I/O interface
logic is 5 V-tolerant.
X1
X2
D
+
D-
INTR
nW R
nRD
nCS
nRST
D0-7
GENERATOR
USB
Root HUB
XCVRS
SERIAL
INTERFACE
ENGINE
256 Byte RAM
BUFFERS
CONTROL
REGISTERS
INTERRUPT
CLOCK
&
CONTROLLER
PROCESSOR
INTERFACE
M aster/Slave
Controller
nDRQ
nDACK
DMA
Interface
Logic Block Diagram
[+] Feedback


Similar Part No. - SL811HS

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
SL811HS CYPRESS-SL811HS Datasheet
499Kb / 29P
   Embedded USB Host/Slave Controller
SL811HST CYPRESS-SL811HST Datasheet
499Kb / 29P
   Embedded USB Host/Slave Controller
SL811HS CYPRESS-SL811HS_07 Datasheet
824Kb / 32P
   Embedded USB Host/Slave Controller
More results

Similar Description - SL811HS

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
SL811HS CYPRESS-SL811HS_07 Datasheet
824Kb / 32P
   Embedded USB Host/Slave Controller
SL811HS CYPRESS-SL811HS Datasheet
499Kb / 29P
   Embedded USB Host/Slave Controller
logo
Future Technology Devic...
VNC1L FTDI-VNC1L Datasheet
700Kb / 31P
   Embedded USB Host Controller IC
logo
Cypress Semiconductor
CY7C67300 CYPRESS-CY7C67300 Datasheet
668Kb / 119P
   EZ-Host Programmable Embedded USB Host/Peripheral Controller
CY7C67300 CYPRESS-CY7C67300_11 Datasheet
1Mb / 102P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller
logo
Future Technology Devic...
VNC1L-1A FTDI-VNC1L-1A Datasheet
767Kb / 32P
   Vinculum VNC1L Embedded USB Host Controller IC
VNC2-64L1B-REEL FTDI-VNC2-64L1B-REEL Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
VNC2-48Q1B-TRAY FTDI-VNC2-48Q1B-TRAY Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
VNC2-64L1B FTDI-VNC2-64L1B Datasheet
1Mb / 90P
   VINCULUM-II EMBEDDED DUAL USB HOST CONTROLLER IC
VNC2-32L1B-TRAY FTDI-VNC2-32L1B-TRAY Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com