Part Name
         Description
CYONSLENS2000-C

 OvationONS™ II Wired Gaming Laser Navigation System-on-Chip ( 36 Page)


CYPRESS
100% 
Zoom Out Zoom In
 25 page
background image
CYONS2100
Document Number: 001-44046 Rev. *G
Page 25 of 36
AC USB Specifications
The device includes an integrated Full-Speed USB block. Table 18 lists guaranteed maximum and minimum specifications for the
entire voltage and temperature ranges.
S
Table 18. AC Characteristics – USB Data Timing Specifications
Symbol
Description
Conditions
Min
Typ
Max
Units
Tdrate
Full speed data rate
Average bit rate
12–0.25%
12
12 + 0.25
MHz
Tdjr1
Receiver data jitter tolerance
To next transition
–18.5
18.5
ns
Tdjr2
Receiver data jitter tolerance
To pair transition
–9
9
ns
Tudj1
Driver differential jitter
To next transition
–3.5
3.5
ns
Tudj2
Driver differential jitter
To pair transition
–4.0
4.0
ns
Tfdeop
Source jitter for differential transition
To SE0 transition
–2
5
ns
Tfeopt
Source SE0 interval of EOP
175
ns
Tfeopr
Receiver SE0 interval of EOP
ns
Tfst
Width of SE0 interval during differential
transition
––
14
ns
Table 19. AC Characteristics – USB Driver
Symbol
Description
Conditions
Min
Typ
Max
Units
Tr
Transition rise time
50 pF
4
20
ns
Tf
Transition fall time
50 pF
4
20
ns
TR
Rise/fall time matching
0.8 V to 2.5 V
90
111
%
Vcrs
Output signal crossover voltage
1.3
2.0
V



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl