Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

947-11511-35D Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 947-11511-35D
Description  Jam Nut Mount Hermetic Bulkhead Feed-Thru
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

947-11511-35D Datasheet(HTML) 1 Page - Glenair, Inc.

  947-11511-35D Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
B-51
B
947-115
Jam Nut Mount Hermetic Bulkhead Feed-Thru
.250/.500inch Panel
MIL-DTL-38999 Series III Type
TABLE I: CONNECTOR DIMENSIONS
SHELL
SIZE
A THREAD
0.1 P-0.3L-TS-2
B
DIM
C DIM
MAX
D
DIA
E
DIM
F THREAD
x1-6g-0.100R
9
0.625
.875(22.2) 1.09(27.7)
.698(17.7)
.670(17.0)
M17
11
0.750
1.000(25.4) 1.28(32.5)
.822(20.9)
.770(19.6)
M20
13
0.875
1.250(31.8) 1.40(35.6) 1.010(27.6)
.955(24.3)
M25
15
1.000
1.375(34.9) 1.53(38.9) 1.135(28.8) 1.085(27.6)
M28
17
1.187
1.500(38.1) 1.66(42.2) 1.260(32.0) 1.210(30.7)
M32
19
1.250
1.625(41.3) 1.84(46.7) 1.385(35.2) 1.335(33.9)
M35
21
1.375
1.750(44.5) 1.97(50.5) 1.510(38.4) 1.460(37.1)
M38
23
1.500
1.875(47.6) 2.09(53.1) 1.635(41.5) 1.635(41.5)
M41
25
1.625
2.000(50.8) 2.21(56.1) 1.760(44.7) 1.710(43.4)
M44
D DIA
E
Recommended Panel Cut-Out
See MIL-DTL-1560 for
Insert Arrangement
B
C
.565
Ref
.150
Max
F Thread
A Thread
J
H
G Max Panel
TABLE III: PANEL
THICKNESS
DASH
NO
G
MAX
H
MAX
J
MAX
01
.250(6.4) 1.08(27.4) 1.79(45.5)
02
.500(12.7) 1.33(33.8) 2.04(51.8)
APPLICATION NOTES
Assembly identified with manufacturer’s name and PN, space
1.
permitting.
For pin/pin and skt/skt, symmetrical layouts only, consult factory for
2.
available insert arrangements.
Power to a given contact on one end will result in power to contact
3.
directly opposite, regardless of identification letter.
Hermeticity = less than 1 x 10
4.
-7
cc/sec at one atmosphere. Not for use
in liquid atmosphere.
Electrical safety limits must be established by user, peak
5.
voltage, switching surge, transient, etc. should be used
to determine the safety of the application.
Material/finish:
6.
Shell, lock ring, jam nut—stainless steel/passivate
Contacts—copper alloy/gold plate and alloy 52/gold plate
Insulators—high-grade rigid dielectric/N.A. and full glass.
Seals—fluorosilicone/ N.A.
Metric dimensions (mm) are indicated in parentheses.
7.
Product
Series
Dash
Number
Basic
Number
Contact Termination
P - Pin on Jam Nut Side
S - Socket on Jam Nut Side
PP - Pin to Pin
SS - Socket to Socket
Shell Size
Table I
947 - 115 - 21 - 35 B P 01
Alternate Key
Position
A, B, C, D, E
(N = Normal)
Insert Arrangement
Per MIL-DTL-38999
Series III
Direction of
Pressure
NASA SCREENING LEvELS AND MODIFICATION CODES
NASA Screening
Level
Special Screening
Only
Special Screening Plus Outgassing
Processing
8 Hour Oven
Bake
400° F.
Thermal vacuum
Outgassing
24 hrs. 125° C.
Level 1 Highest
Reliability
Mod 429B
Mod 429J
Mod 429C
Level 2 High
Reliability
Mod 429
Mod 429K
Mod 429A
Level 3 Standard
Reliability
(Use standard part
number)
Mod 186
Mod 186M
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
–585A
1 x 10-10 cc’s Helium per second
–585B
1 x 10-9 cc’s Helium per second
–585C
1 x 10-8 cc’s Helium per second
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
A
1 x 10-10 cc’s Helium per second
B
1 x 10-9 cc’s Helium per second
C
1 x 10-8 cc’s Helium per second
– 585B
Mod Code
585 – Increased Hermeticity Mod Code
Leak Rate Designator
B – (See Table Below)


Similar Part No. - 947-11511-35D

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
947-115 GLENAIR-947-115 Datasheet
290Kb / 1P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
More results

Similar Description - 947-11511-35D

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
231-103-H7FT09-35PA01 GLENAIR-231-103-H7FT09-35PA01 Datasheet
430Kb / 1P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
232-103-H7 GLENAIR-232-103-H7 Datasheet
185Kb / 1P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
947-120 GLENAIR-947-120 Datasheet
290Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
947-278 GLENAIR-947-278 Datasheet
513Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
232-103-H9 GLENAIR-232-103-H9 Datasheet
315Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
231-103-H7FT09-35PA01 GLENAIR-231-103-H7FT09-35PA01_09 Datasheet
425Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
947-120 GLENAIR-947-120 Datasheet
408Kb / 1P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
257-093 GLENAIR-257-093 Datasheet
356Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
232-103-H7Z108 GLENAIR-232-103-H7Z108_09 Datasheet
433Kb / 1P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
231-103-H9 GLENAIR-231-103-H9 Datasheet
310Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
947-115 GLENAIR-947-115 Datasheet
290Kb / 1P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com