Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62128EV30 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY62128EV30
Description  1-Mbit (128 K 횞 8) Static RAM Typical standby current: 1 關A
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62128EV30 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62128EV30 Datasheet HTML 1Page - Cypress Semiconductor CY62128EV30 Datasheet HTML 2Page - Cypress Semiconductor CY62128EV30 Datasheet HTML 3Page - Cypress Semiconductor CY62128EV30 Datasheet HTML 4Page - Cypress Semiconductor CY62128EV30 Datasheet HTML 5Page - Cypress Semiconductor CY62128EV30 Datasheet HTML 6Page - Cypress Semiconductor CY62128EV30 Datasheet HTML 7Page - Cypress Semiconductor CY62128EV30 Datasheet HTML 8Page - Cypress Semiconductor CY62128EV30 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CY62128EV30 MoBL®
Document #: 38-05579 Rev. *I
Page 4 of 15
Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device. User guidelines are not tested.
Storage temperature................................. –65 °C to +150 °C
Ambient temperature with
power applied ........................................... –55 °C to +125 °C
Supply voltage to ground
potential ........................................–0.3 V to VCC(max) + 0.3 V
DC voltage applied to outputs
in high Z State[4, 5]..........................–0.3 V to VCC(max) + 0.3 V
DC input voltage[4, 5] ......................–0.3 V to VCC(max) + 0.3 V
Output current into outputs (LOW) .............................. 20 mA
Static discharge voltage.......................................... > 2001 V
(MIL-STD-883, method 3015)
Latch-up current ..................................................... > 200 mA
Operating Range
Device
Range
Ambient
Temperature
VCC[6]
CY62128EV30LL
Industrial
–40 °C to +85 °C 2.2 V to
3.6 V
Electrical Characteristics
(Over the Operating Range)
Parameter
Description
Test Conditions
45 ns (Industrial)
Unit
Min
Typ[7]
Max
VOH
Output HIGH voltage
IOH = –0.1 mA
2.0
V
IOH = –1.0 mA, VCC > 2.70 V
2.4
V
VOL
Output LOW voltage
IOL = 0.1 mA
0.4
V
IOL = 2.1 mA, VCC > 2.70 V
0.4
V
VIH
Input HIGH voltage
VCC = 2.2 V to 2.7 V
1.8
VCC + 0.3 V
V
VCC= 2.7 V to 3.6 V
2.2
VCC + 0.3 V
V
VIL
Input LOW voltage
VCC = 2.2 V to 2.7 V
–0.3
0.6
V
VCC= 2.7 V to 3.6 V
–0.3
0.8
V
IIX
Input leakage current
GND < VI < VCC
–1
+1
µA
IOZ
Output leakage current
GND < VO < VCC, output disabled
–1
+1
µA
ICC
VCC operating supply current
f = fmax = 1/tRC
VCC = VCCmax IOUT =
0 mA CMOS levels
–11
16
mA
f = 1 MHz
1.3
2.0
mA
ISB1
Automatic CE
power-down
current — CMOS inputs
CE1 > VCC0.2 V, CE2 < 0.2 V
VIN > VCC – 0.2 V, VIN < 0.2 V
f = fmax (address and data Only),
f = 0 (OE and WE), VCC = 3.60 V
–1
4
µA
ISB2[8]
Automatic CE
power-down
current — CMOS inputs
CE1 > VCC – 0.2 V, CE2 < 0.2 V
VIN > VCC – 0.2 V or VIN < 0.2 V,
f = 0, VCC = 3.60 V
–1
4
µA
Notes
4. VIL(min) = –2.0 V for pulse durations less than 20 ns.
5. VIH(max) = VCC + 0.75 V for pulse durations less than 20 ns.
6. Full device AC operation assumes a 100
µs ramp time from 0 to VCC(min) and 200 µs wait time after VCC stabilization.
7. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25 °C.
8. Chip enables (CE1 and CE2) must be at CMOS level to meet the ISB2 / ICCDR spec. Other inputs can be left floating.
[+] Feedback


Similar Part No. - CY62128EV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
947Kb / 11P
   1 Mbit (128K x 8) Static RAM
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM Automatic power-down when deselected
CY62128EV30LL CYPRESS-CY62128EV30LL Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM Automatic power-down when deselected
CY62128EV30LL-45SXA CYPRESS-CY62128EV30LL-45SXA Datasheet
884Kb / 12P
   1 Mbit (128K x 8) Static RAM
CY62128EV30LL-45SXI CYPRESS-CY62128EV30LL-45SXI Datasheet
947Kb / 11P
   1 Mbit (128K x 8) Static RAM
More results

Similar Description - CY62128EV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1019DV-3310VXI CYPRESS-CY7C1019DV-3310VXI Datasheet
553Kb / 16P
   1-Mbit (128 K 횞 8) Static RAM
CY7C1019CV33 CYPRESS-CY7C1019CV33_12 Datasheet
463Kb / 13P
   1-Mbit (128 K 횞 8) Static RAM
CY62128ELL-45ZXIT CYPRESS-CY62128ELL-45ZXIT Datasheet
970Kb / 19P
   1-Mbit (128 K 횞 8) Static RAM
CY7C109D CYPRESS-CY7C109D_11 Datasheet
392Kb / 14P
   1-Mbit (128 K 횞 8) Static RAM Low active power
CY62128EV30LL-45ZXIT CYPRESS-CY62128EV30LL-45ZXIT Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM
CY62128E CYPRESS-CY62128E_13 Datasheet
970Kb / 19P
   1-Mbit (128 K x 8) Static RAM
CY621282BN_1106 CYPRESS-CY621282BN_1106 Datasheet
508Kb / 14P
   1-Mbit (128 K x 8) Static RAM
CY7C1019CV33 CYPRESS-CY7C1019CV33_11 Datasheet
463Kb / 13P
   1-Mbit (128 K 횞 8) Static RAM Center Power/Ground Pinout
CY7C1019D CYPRESS-CY7C1019D_11 Datasheet
870Kb / 15P
   1-Mbit (128 K 횞 8) Static RAM CMOS for optimum speed/power
CY7C1021BN CYPRESS-CY7C1021BN_11 Datasheet
503Kb / 14P
   1-Mbit (64 K 횞 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com