Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25823 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY25823
Description  CK-SSCD Spread Spectrum Differential Clock Specification
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25823 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY25823_11 Datasheet HTML 2Page - Cypress Semiconductor CY25823_11 Datasheet HTML 3Page - Cypress Semiconductor CY25823_11 Datasheet HTML 4Page - Cypress Semiconductor CY25823_11 Datasheet HTML 5Page - Cypress Semiconductor CY25823_11 Datasheet HTML 6Page - Cypress Semiconductor CY25823_11 Datasheet HTML 7Page - Cypress Semiconductor CY25823_11 Datasheet HTML 8Page - Cypress Semiconductor CY25823_11 Datasheet HTML 9Page - Cypress Semiconductor CY25823_11 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CY25823
Document Number: 38-07579 Rev. *D
Page 6 of 15
Bytes 2 through 5: Reserved Registers
1
1
0
1
Center
±0.80
1
1
1
0
Center
±1.00
1
1
1
1
Center
±1.10
Table 5. Spread Spectrum Select (Charge Pump = 11 and 01)
SS3
SS2
SS1
SS0
Spread Mode
Spread Amount %
(Charge pump = 11)
Spread Amount %
(Charge pump = 01)
0
0
0
0
Down
0.80
0.90
0
0
0
1
Down
0.90
1.10
0
0
1
0
Down
1.20
1.40
0
0
1
1
Down
1.40
1.60
0
1
0
0
Down
1.60
2.00
0
1
0
1
Down
1.75
2.20
0
1
1
0
Down
2.20
2.75
0
1
1
1
Down
2.60
3.30
1
0
0
0
Center
±0.38
±0.40
1
0
0
1
Center
±0.40
±0.50
1
0
1
0
Center
±0.50
±0.60
1
0
1
1
Center
±0.60
±0.70
1
1
0
0
Center
±0.75
±0.90
1
1
0
1
Center
±1.00
±1.25
1
1
1
0
Center
±1.15
±1.45
1
1
1
1
Center
±1.30
±1.65
Byte1[7:2] Control Register
Bit
@Pup
Pin#
Name
Pin Description
7
0
Reserved set equal to ‘0’
6
0
Reserved set equal to ‘0’
5
0
Reserved set equal to ‘0’
4
0
Reserved set equal to ‘0’
3
0
Reserved set equal to ‘0’
2
1
11,12
CLKEN
CLKOUT/CLKOUT# enable
0 =Disable, 1 = Enable
Byte 1: [1:0] Control Register (Charge Pump Settings)
Bit
@Pup
Default Value
One Step Higher Than Default
Two Steps Higher Than Default
10
0
1
1
00
0
1
0
Table 4. Spread Spectrum Select (Charge Pump = 00 or Default Condition) (continued)
SS3
SS2
SS1
SS0
Spread Mode
Spread Amount %
Byte 6: Vendor/Revision ID Register
Bit
@Pup
Pin#
Name
Pin Description
7
0
Revision ID Bit 3
6
0
Revision ID Bit 2
5
0
Revision ID Bit 1
[+] Feedback


Similar Part No. - CY25823_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25823ZXC CYPRESS-CY25823ZXC Datasheet
184Kb / 12P
   CK-SSCD Spread Spectrum Differential Clock Specification
CY25823ZXCT CYPRESS-CY25823ZXCT Datasheet
184Kb / 12P
   CK-SSCD Spread Spectrum Differential Clock Specification
More results

Similar Description - CY25823_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25823 CYPRESS-CY25823 Datasheet
184Kb / 12P
   CK-SSCD Spread Spectrum Differential Clock Specification
CY25822-2 CYPRESS-CY25822-2 Datasheet
74Kb / 9P
   CK-SSC Spread Spectrum Clock Generator
logo
Renesas Technology Corp
MK1493-05 RENESAS-MK1493-05 Datasheet
476Kb / 15P
   DIFFERENTIAL SPREAD SPECTRUM CLOCK DRIVER
051310
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
logo
Maxim Integrated Produc...
MAX31C80 MAXIM-MAX31C80 Datasheet
936Kb / 9P
   Spread-Spectrum Clock Generators
Rev 0; 4/10
logo
Fujitsu Component Limit...
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com