Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

720EA112NCT Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 720EA112NCT
Description  Connector to Adapter Pre-Terminated Assemblies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

720EA112NCT Datasheet(HTML) 2 Page - Glenair, Inc.

  720EA112NCT Datasheet HTML 1Page - Glenair, Inc. 720EA112NCT Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
B-5
E-Mail: sales@glenair.com
www.glenair.com
NOTES:
1. Metric dimensions (mm) are indicated in parentheses.
2. O-Ring not supplied with connector designator A.
*
Length tolerance is ± .250 (12.7) for lengths up to 24
inches (619.6 mm). Length tolerance for longer
lengths is ± one percent (1%) of the length.
**
Consult factory for fittings using 3.000" (76.2) con-
duit.
*** Pre-terminated assemblies using product Series 74
will be supplied with FEP material, standard wall
thickness, standard convolutions, tin copper braid,
and neoprene jacket. For other options consult
factory.
TABLE I
SYMBOL FINISH
B
Olive Drab over Cadmium Plate
J
Gold Iridite over Cadmium Plate over Nickel
M
Electroless Nickel
N
Olive Drab over Cadmium Plate over Nickel
NC
Zinc-Cobalt, Olive Drab
NF
Olive Drab over Cadmium Plate over
Electroless Nickel (500 Hour Salt Spray)
T
Bright Dip Cadmium Plate over Nickel
Z1
Passivate
Designator T
Transition Fitting
Designator M
M28840/22 Bushing
1.690
(42.9)
REF
Designator N Bulkhead Fitting
Flat for
D-Hole
Mounting
750-110, 750-111, 750-112 and 750-113
Connector to Adapter Pre-Terminated Assemblies
Series 72 & 74 Tubing & Series 75 Conduit


Similar Part No. - 720EA112NCT

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
720EA115B GLENAIR-720EA115B Datasheet
47Kb / 2P
   Connector to Connector Pre-Terminated Assemblies
720EA115J GLENAIR-720EA115J Datasheet
47Kb / 2P
   Connector to Connector Pre-Terminated Assemblies
720EA115M GLENAIR-720EA115M Datasheet
47Kb / 2P
   Connector to Connector Pre-Terminated Assemblies
720EA115N GLENAIR-720EA115N Datasheet
47Kb / 2P
   Connector to Connector Pre-Terminated Assemblies
720EA115NC GLENAIR-720EA115NC Datasheet
47Kb / 2P
   Connector to Connector Pre-Terminated Assemblies
More results

Similar Description - 720EA112NCT

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
750-100 GLENAIR-750-100 Datasheet
35Kb / 2P
   Adapter to Adapter Pre-Terminated Assemblies
750-102 GLENAIR-750-102 Datasheet
47Kb / 2P
   Connector to Connector Pre-Terminated Assemblies
750-106 GLENAIR-750-106 Datasheet
63Kb / 1P
   Pre-Terminated Assemblies
logo
Belden Inc.
MIPP BELDEN-MIPP Datasheet
825Kb / 4P
   MIPP Pre-Terminated MPO Cassette
logo
Glenair, Inc.
759-862AA16 GLENAIR-759-862AA16_10 Datasheet
305Kb / 2P
   Connector to Adapter
759-862AA16 GLENAIR-759-862AA16 Datasheet
326Kb / 2P
   Connector to Adapter
logo
List of Unclassifed Man...
AX104682 ETC2-AX104682 Datasheet
2Mb / 5P
   Cost effective pre-terminated cable support and flexible field termination options
logo
Glenair, Inc.
759-840-32-36-181 GLENAIR-759-840-32-36-181 Datasheet
55Kb / 2P
   Adapter to Adapter
550T007M GLENAIR-550T007M Datasheet
119Kb / 2P
   EMI/RFI D-Subminiature Split Backshell with Pre-Terminated Overall Shield Sock
logo
Integrated Device Techn...
83905-01 IDT-83905-01 Datasheet
409Kb / 20P
   Outputs able to drive 12 series terminated lines
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com