Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

527E109B3507 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 527E109B3507
Description  Solid EMI/RFI Strain-Relief Backshell for Hypertronics NPBY Connectors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

527E109B3507 Datasheet(HTML) 1 Page - Glenair, Inc.

  527E109B3507 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
H-3
CAGE Code 06324
527-109
Solid EMI/RFI Strain-Relief Backshell for
Hypertronics NPBY Connectors
1. Metric dimensions (mm) are indicated in
parentheses.
2. Material/Finish:
Backshell = Al Alloy/See Table III
Hardware = SST/Passivate
Dash
No.
01
02
03
04
05
06
07
08
09
10
TABLE II: CABLE ENTRY
E
Max
.781 (19.8)
.968 (24.6)
1.406 (35.7)
1.156 (29.4)
1.218 (30.9)
1.343 (34.1)
1.468 (37.3)
1.593 (40.5)
1.718 (43.6)
1.843 (46.8)
Min
.062
(1.6)
.125
(3.2)
.250
(6.4)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
Max
.125
(3.2)
.250
(6.4)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
Cable Range
B
C
E Max
A
Cable
Entry
527 E 109 M 35 09
Basic Part No.
Cable Entry Style
E = 45° Entry
Basic Part Number
Finish Symbol (Table III)
Shell Size (Table I)
Dash No. (Table II)
1.250
(31.8)
.800 (20.3)
Typ
1.40 (35.6)
Max
.125 (3.2)
Dia 4
Places
.06 (1.5)
3.00
(76.2)
1.55 (39.4)
Max
D
.312 (7.9) Dia
Symbol
B
J
M
N
NF
T
TABLE III - FINISH OPTIONS
Finish
Cadmium Plate, Olive Drab
Iridite, Gold Over Cadmium Plate over Nickel
Electroless Nickel
Cadmium Plate, Olive Drab, Over Nickel
Cadmium Plate, Olive Drab, Over Electroless
Nickel (1000 Hour Salt Spray)
Cadmium Plate, Bright Dip Over Nickel
(500 Hour Salt Spray)
CONSULT FACTORY FOR
OTHER AVAILABLE FINISHES
Shell
Size
31
35
45
TABLE I: SHELL SIZE & CONNECTOR INTERFACE
A
Dim
3.77
(95.8)
4.17 (105.9)
5.17 (131.3)
B
Dim
3.400 (86.4)
3.800 (96.5)
4.800 (121.9)
C
Dim
3.120 (79.2)
3.520 (89.4)
4.520 (114.8)
D
Dim
1.700 (43.2)
1.900 (48.3)
2.400 (61.0)


Similar Part No. - 527E109B3507

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527E118B2001 GLENAIR-527E118B2001 Datasheet
93Kb / 1P
   Solid EMI/RFI Strain-Relief Backshell
527E118B2002 GLENAIR-527E118B2002 Datasheet
93Kb / 1P
   Solid EMI/RFI Strain-Relief Backshell
527E118B2003 GLENAIR-527E118B2003 Datasheet
93Kb / 1P
   Solid EMI/RFI Strain-Relief Backshell
527E118B2004 GLENAIR-527E118B2004 Datasheet
93Kb / 1P
   Solid EMI/RFI Strain-Relief Backshell
527E118B2005 GLENAIR-527E118B2005 Datasheet
93Kb / 1P
   Solid EMI/RFI Strain-Relief Backshell
More results

Similar Description - 527E109B3507

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527T123B3501 GLENAIR-527T123B3501 Datasheet
93Kb / 1P
   Solid EMI/RFI Strain-Relief Backshell
527E118B2001 GLENAIR-527E118B2001 Datasheet
93Kb / 1P
   Solid EMI/RFI Strain-Relief Backshell
M85049-28-1 GLENAIR-M85049-28-1 Datasheet
84Kb / 1P
   EMI/RFI Strain-Relief Backshell
527-056 GLENAIR-527-056 Datasheet
56Kb / 2P
   EMI/RFI Strain-Relief Backshell
297W-003 GLENAIR-297W-003 Datasheet
91Kb / 2P
   EMI/RFI Strain Relief Backshell
527527BPA GLENAIR-527527BPA Datasheet
69Kb / 2P
   EMI/RFI Shield Sock Strain-Relief Backshell EMI/RFI Shield Sock Strain-Relief Backshell
380GH116B08 GLENAIR-380GH116B08 Datasheet
123Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA117B08 GLENAIR-380AA117B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA002B08 GLENAIR-380AA002B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA103B08 GLENAIR-380AA103B08 Datasheet
153Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com