Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B108N-ZSP25XIT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY14B108N-ZSP25XIT
Description  8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B108N-ZSP25XIT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY14B108N-ZSP25XIT Datasheet HTML 5Page - Cypress Semiconductor CY14B108N-ZSP25XIT Datasheet HTML 6Page - Cypress Semiconductor CY14B108N-ZSP25XIT Datasheet HTML 7Page - Cypress Semiconductor CY14B108N-ZSP25XIT Datasheet HTML 8Page - Cypress Semiconductor CY14B108N-ZSP25XIT Datasheet HTML 9Page - Cypress Semiconductor CY14B108N-ZSP25XIT Datasheet HTML 10Page - Cypress Semiconductor CY14B108N-ZSP25XIT Datasheet HTML 11Page - Cypress Semiconductor CY14B108N-ZSP25XIT Datasheet HTML 12Page - Cypress Semiconductor CY14B108N-ZSP25XIT Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
CY14B108L
CY14B108N
Document #: 001-45523 Rev. *I
Page 9 of 24
Maximum Ratings
Exceeding maximum ratings may impair the useful life of the
device. These user guidelines are not tested.
Storage temperature ................................ –65
°C to +150 °C
Maximum accumulated storage time
At 150
°C ambient temperature..........................1000 h
At 85
°C ambient temperature.................... .. 20 Years
Ambient temperature with
power applied ........................................... –55
°C to +150 °C
Supply voltage on VCC relative to VSS............–0.5 V to 4.1 V
Voltage applied to outputs
in High-Z state ..................................... –0.5 V to VCC + 0.5 V
Input voltage .........................................–0.5 V to Vcc + 0.5 V
Transient voltage (<20 ns) on
any pin to ground potential .................. –2.0 V to VCC + 2.0 V
Package power dissipation
capability (TA = 25 °C) ................................................. .1.0 W
Surface mount Pb soldering
temperature (3 Seconds).......................................... +260
°C
DC output current (1 output at a time, 1s duration) ..... 15 mA
Static discharge voltage.......................................... > 2001 V
(per MIL-STD-883, Method 3015)
Latch up current..................................................... > 200 mA
Operating Range
Range
Ambient Temperature
VCC
Industrial
–40
°C to +85 °C
2.7 V to 3.6 V
DC Electrical Characteristics
Over the Operating Range (VCC = 2.7 V to 3.6 V)
Parameter
Description
Test Conditions
Min
Typ[8]
Max
Unit
VCC
Power supply
2.7
3.0
3.6
V
ICC1
Average VCC current tRC = 20 ns
tRC = 25 ns
tRC = 45 ns
Values obtained without output loads (IOUT = 0 mA)
––
75
75
57
mA
mA
mA
ICC2
Average VCC current
during STORE
All inputs don’t care, VCC = Max
Average current for duration tSTORE
––
20
mA
ICC3
Average VCC current
at tRC= 200 ns,
VCC (Typ), 25 °C
All inputs cycling at CMOS levels.
Values obtained without output loads (IOUT = 0 mA).
–40
mA
ICC4
Average VCAPcurrent
during AutoStore
cycle
All inputs don’t care. Average current for duration tSTORE
––
10
mA
ISB
VCC standby current CE > (VCC – 0.2 V). VIN < 0.2 V or > (VCC – 0.2 V).
Standby current level after nonvolatile cycle is complete.
Inputs are static. f = 0 MHz.
––
10
mA
IIX[9]
Input leakage current
(except HSB)
VCC = Max, VSS < VIN < VCC
–2
+2
μA
Input leakage current
(for HSB)
VCC = Max, VSS < VIN < VCC
–200
+2
μA
IOZ
Off-state output
leakage current
VCC = Max, VSS < VOUT < VCC, CE or OE > VIH or
BHE/BLE > VIH or WE < VIL
–2
+2
μA
VIH
Input HIGH voltage
2.0
VCC + 0.5
V
VIL
Input LOW voltage
Vss – 0.5
0.8
V
VOH
Output HIGH voltage IOUT = –2 mA
2.4
V
VOL
Output LOW voltage IOUT = 4 mA
0.4
V
VCAP
Storage capacitor
Between VCAP pin and VSS, 5 V Rated
122
150
360
μF
Notes
8. Typical values are at 25°C, VCC= VCC (Typ). Not 100% tested.
9. The HSB pin has IOUT = -2 uA for VOH of 2.4 V when both active HIGH and LOW drivers are disabled. When they are enabled standard VOH and VOL are valid. This
parameter is characterized but not tested.
[+] Feedback


Similar Part No. - CY14B108N-ZSP25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B108N-ZSP25XIT CYPRESS-CY14B108N-ZSP25XIT Datasheet
860Kb / 24P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14B108N-ZSP25XIT CYPRESS-CY14B108N-ZSP25XIT Datasheet
952Kb / 25P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM Infinite Read, Write, and RECALL cycles
More results

Similar Description - CY14B108N-ZSP25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B108K CYPRESS-CY14B108K_12 Datasheet
1Mb / 34P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM with Real Time Clock
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_11 Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CG7501AA CYPRESS-CG7501AA Datasheet
498Kb / 20P
   4-Mbit (512 K 횞 8) nvSRAM
CY14V116N CYPRESS-CY14V116N Datasheet
1Mb / 25P
   16-Mbit (1024 K 횞 16) nvSRAM
CY14B116K CYPRESS-CY14B116K Datasheet
1Mb / 42P
   16-Mbit (2048 K 횞 8/1024 K 횞 16) nvSRAM with Real Time Clock
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B101LA CYPRESS-CY14B101LA_11 Datasheet
1,013Kb / 26P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B104K CYPRESS-CY14B104K_12 Datasheet
1Mb / 34P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CY14B104K CYPRESS-CY14B104K Datasheet
1Mb / 33P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com