Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B108L-BA25XIT Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY14B108L-BA25XIT
Description  8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B108L-BA25XIT Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY14B108L-BA25XIT Datasheet HTML 7Page - Cypress Semiconductor CY14B108L-BA25XIT Datasheet HTML 8Page - Cypress Semiconductor CY14B108L-BA25XIT Datasheet HTML 9Page - Cypress Semiconductor CY14B108L-BA25XIT Datasheet HTML 10Page - Cypress Semiconductor CY14B108L-BA25XIT Datasheet HTML 11Page - Cypress Semiconductor CY14B108L-BA25XIT Datasheet HTML 12Page - Cypress Semiconductor CY14B108L-BA25XIT Datasheet HTML 13Page - Cypress Semiconductor CY14B108L-BA25XIT Datasheet HTML 14Page - Cypress Semiconductor CY14B108L-BA25XIT Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
CY14B108L
CY14B108N
Document #: 001-45523 Rev. *I
Page 11 of 24
AC Switching Characteristics
Parameters
Description
20 ns
25 ns
45 ns
Unit
Cypress
Parameter
Alt
Parameter
Min
Max
Min
Max
Min
Max
SRAM Read Cycle
tACE
tACS
Chip enable access time
20
25
45
ns
tRC[11]
tRC
Read cycle time
20
25
45
ns
tAA[12]
tAA
Address access time
20
25
45
ns
tDOE
tOE
Output enable to data valid
10
12
20
ns
tOHA[12]
tOH
Output hold after address change
3
3–3–
ns
tLZCE[13, 14]
tLZ
Chip enable to output active
3
3–3–
ns
tHZCE[13, 14]
tHZ
Chip disable to output inactive
8
10
15
ns
tLZOE[13, 14]
tOLZ
Output enable to output active
0–
0–0–
ns
tHZOE[13, 14]
tOHZ
Output disable to output inactive
8
10
15
ns
tPU[13]
tPA
Chip enable to power active
0
0–0–
ns
tPD[13]
tPS
Chip disable to power standby
20
25
45
ns
tDBE
-
Byte enable to data valid
10
12
20
ns
tLZBE[13]
-
Byte enable to output active
0–
0–0–
ns
tHZBE[13]
-
Byte disable to output inactive
8
10
15
ns
SRAM Write Cycle
tWC
tWC
Write cycle time
20
25
45
ns
tPWE
tWP
Write pulse width
15
20
30
ns
tSCE
tCW
Chip enable to end of write
15
20
30
ns
tSD
tDW
Data setup to end of write
8
10
15
ns
tHD
tDH
Data hold after end of write
0
0–0–
ns
tAW
tAW
Address setup to end of write
15
20
30
ns
tSA
tAS
Address setup to start of write
0
0–0–
ns
tHA
tWR
Address hold after end of write
0
0–0–
ns
tHZWE[13, 14,15] tWZ
Write enable to output disable
8
10
15
ns
tLZWE[13, 14]
tOW
Output active after end of write
3
3–3–
ns
tBW
-
Byte enable to end of write
15
20
30
ns
Switching Waveforms
Figure 5. SRAM Read Cycle #1: Address Controlled[11, 12, 16]
Address
Data Output
Address Valid
Previous Data Valid
Output Data Valid
t
RC
t
AA
t
OHA
Notes
11. WE must be HIGH during SRAM read cycles.
12. Device is continuously selected with CE, OE and BHE / BLE LOW.
13. These parameters are guaranteed by design but not tested.
14. Measured ±200 mV from steady state output voltage.
15. If WE is LOW when CE goes LOW, the outputs remain in the high impedance state.
16. HSB must remain HIGH during READ and WRITE cycles.
[+] Feedback


Similar Part No. - CY14B108L-BA25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B108L-BA25XIT CYPRESS-CY14B108L-BA25XIT Datasheet
860Kb / 24P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14B108L-BA25XIT CYPRESS-CY14B108L-BA25XIT Datasheet
952Kb / 25P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM Infinite Read, Write, and RECALL cycles
More results

Similar Description - CY14B108L-BA25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B108K CYPRESS-CY14B108K_12 Datasheet
1Mb / 34P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM with Real Time Clock
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_11 Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CG7501AA CYPRESS-CG7501AA Datasheet
498Kb / 20P
   4-Mbit (512 K 횞 8) nvSRAM
CY14V116N CYPRESS-CY14V116N Datasheet
1Mb / 25P
   16-Mbit (1024 K 횞 16) nvSRAM
CY14B116K CYPRESS-CY14B116K Datasheet
1Mb / 42P
   16-Mbit (2048 K 횞 8/1024 K 횞 16) nvSRAM with Real Time Clock
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B101LA CYPRESS-CY14B101LA_11 Datasheet
1,013Kb / 26P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B104K CYPRESS-CY14B104K_12 Datasheet
1Mb / 34P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CY14B104K CYPRESS-CY14B104K Datasheet
1Mb / 33P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com