Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B108L-ZS20XI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY14B108L-ZS20XI
Description  8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B108L-ZS20XI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY14B108L-ZS20XI Datasheet HTML 1Page - Cypress Semiconductor CY14B108L-ZS20XI Datasheet HTML 2Page - Cypress Semiconductor CY14B108L-ZS20XI Datasheet HTML 3Page - Cypress Semiconductor CY14B108L-ZS20XI Datasheet HTML 4Page - Cypress Semiconductor CY14B108L-ZS20XI Datasheet HTML 5Page - Cypress Semiconductor CY14B108L-ZS20XI Datasheet HTML 6Page - Cypress Semiconductor CY14B108L-ZS20XI Datasheet HTML 7Page - Cypress Semiconductor CY14B108L-ZS20XI Datasheet HTML 8Page - Cypress Semiconductor CY14B108L-ZS20XI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
CY14B108L
CY14B108N
Document #: 001-45523 Rev. *I
Page 4 of 24
Table 1. Pin Definitions
Pin Name
I/O Type
Description
A0 – A19
Input
Address inputs. Used to select one of the 1,048,576 bytes of the nvSRAM for ×8 configuration.
A0 – A18
Address inputs. Used to select one of the 524,288 words of the nvSRAM for ×16 configuration.
DQ0 – DQ7 Input/Output Bidirectional data I/O lines for ×8 configuration. Used as input or output lines depending on operation.
DQ0 – DQ15
Bidirectional data I/O lines for ×16 configuration. Used as input or output lines depending on operation.
WE
Input
Write Enable input, Active LOW. When selected LOW, data on the I/O pins is written to the specific
address location.
CE
Input
Chip Enable input, Active LOW. When LOW, selects the chip. When HIGH, deselects the chip.
OE
Input
Output Enable, Active LOW. The active LOW OE input enables the data output buffers during read
cycles. I/O pins are tristated on deasserting OE HIGH.
BHE
Input
Byte High Enable, Active LOW. Controls DQ15 - DQ8.
BLE
Input
Byte Low Enable, Active LOW. Controls DQ7 - DQ0.
VSS
Ground
Ground for the device. Must be connected to the ground of the system.
VCC
Power supply Power supply inputs to the device.
HSB
Input/Output Hardware STORE Busy (HSB). When LOW this output indicates that a Hardware STORE is in progress.
When pulled LOW external to the chip it initiates a nonvolatile STORE operation. After each Hardware
and Software STORE operation, HSB is driven HIGH for a short time (tHHHD) with standard output high
current and then a weak internal pull-up resistor keeps this pin HIGH (external pull-up resistor
connection optional).
VCAP
Power supply AutoStore capacitor. Supplies power to the nvSRAM during power loss to store data from SRAM to
nonvolatile elements.
NC
No connect
No connect. This pin is not connected to the die.
[+] Feedback


Similar Part No. - CY14B108L-ZS20XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B108L-ZS20XI CYPRESS-CY14B108L-ZS20XI Datasheet
860Kb / 24P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14B108L-ZS20XI CYPRESS-CY14B108L-ZS20XI Datasheet
952Kb / 25P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM Infinite Read, Write, and RECALL cycles
CY14B108L-ZS20XIT CYPRESS-CY14B108L-ZS20XIT Datasheet
860Kb / 24P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14B108L-ZS20XIT CYPRESS-CY14B108L-ZS20XIT Datasheet
952Kb / 25P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM Infinite Read, Write, and RECALL cycles
More results

Similar Description - CY14B108L-ZS20XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B108K CYPRESS-CY14B108K_12 Datasheet
1Mb / 34P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM with Real Time Clock
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_11 Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CG7501AA CYPRESS-CG7501AA Datasheet
498Kb / 20P
   4-Mbit (512 K 횞 8) nvSRAM
CY14V116N CYPRESS-CY14V116N Datasheet
1Mb / 25P
   16-Mbit (1024 K 횞 16) nvSRAM
CY14B116K CYPRESS-CY14B116K Datasheet
1Mb / 42P
   16-Mbit (2048 K 횞 8/1024 K 횞 16) nvSRAM with Real Time Clock
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B101LA CYPRESS-CY14B101LA_11 Datasheet
1,013Kb / 26P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B104K CYPRESS-CY14B104K_12 Datasheet
1Mb / 34P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CY14B104K CYPRESS-CY14B104K Datasheet
1Mb / 33P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com