Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

759-861D32A Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 759-861D32A
Description  Connector to Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

759-861D32A Datasheet(HTML) 1 Page - Glenair, Inc.

  759-861D32A Datasheet HTML 1Page - Glenair, Inc. 759-861D32A Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A-80
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2010 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
www.glenair.com
E-Mail: sales@glenair.com
A
759-861
Connector to Connector
Factory Terminated Conduit Assembly
APPLICATION NOTES
Assembly identified with manufacurer’s code identification.
1.
Glenair 600 series backshell assembly tools are recommended
2.
for assembly installation.
Length
3.
tolerance is 0-24” = +1/4”, for longer lengths is +1% of length.
Material / Finish:
4.
Adapter, ferrule & coupling nut - AISI 316L stainless steel /
electroless nickel, matte finish.
Metric dimensions (mm) are indicated in
5.
parentheses.
Adapter “A”
Shell Size
(Table II)
Basic
Number
759-861
A
16
H
15 - 20 - 50.5
Adapter “A”
Connector
Designator
A,C,D,F,G,H & W
(Tables I & II)
Adapter “B”
Connector
Designator
A,C,D,F,G,H & W
(Tables I & II)
Adapter “B”
Shell Size
(Table II)
Conduit
Dash Number
(Table II)
Length
In Inches
(See Note 3)
A Thread
Wrench Flats
(Hex)
M24758-(Prf Size)
A Thread
B I.D
With Glenair "Blue Jacket"
Medium Raised Diamond Knurl
END
A
END
B
Length
1.500
(38.1)
Max
See P/n Development
(See Note 3)


Similar Part No. - 759-861D32A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
759-861D16 GLENAIR-759-861D16 Datasheet
215Kb / 2P
   Connector to Connector
More results

Similar Description - 759-861D32A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
759-861A16 GLENAIR-759-861A16 Datasheet
215Kb / 2P
   Connector to Connector
759-862AA16 GLENAIR-759-862AA16_10 Datasheet
305Kb / 2P
   Connector to Adapter
759-862AA16 GLENAIR-759-862AA16 Datasheet
326Kb / 2P
   Connector to Adapter
750-102 GLENAIR-750-102 Datasheet
47Kb / 2P
   Connector to Connector Pre-Terminated Assemblies
logo
Adam Technologies, Inc.
BB5-S-XX ADAM-TECH-BB5-S-XX Datasheet
152Kb / 1P
   BOARD TO BOARD CONNECTOR
logo
Kyocera Kinseki Corpota...
5015 KSS-5015 Datasheet
430Kb / 3P
   Board to Board Connector
5678 KSS-5678 Datasheet
675Kb / 2P
   Board to Board Connector
logo
Adam Technologies, Inc.
DMH-M-XX ADAM-TECH-DMH-M-XX Datasheet
85Kb / 1P
   WIRE TO WIRE CONNECTOR
logo
Kyocera Kinseki Corpota...
5608 KSS-5608 Datasheet
743Kb / 3P
   Board to Board Connector
5690 KSS-5690 Datasheet
554Kb / 2P
   Board to Board Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com