Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2342-5YTQ Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2342-5YTQ
Description  Dual-Slot PCI Express짰 Hot-Plug Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2342-5YTQ Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2342-5YTQ Datasheet HTML 3Page - Micrel Semiconductor MIC2342-5YTQ Datasheet HTML 4Page - Micrel Semiconductor MIC2342-5YTQ Datasheet HTML 5Page - Micrel Semiconductor MIC2342-5YTQ Datasheet HTML 6Page - Micrel Semiconductor MIC2342-5YTQ Datasheet HTML 7Page - Micrel Semiconductor MIC2342-5YTQ Datasheet HTML 8Page - Micrel Semiconductor MIC2342-5YTQ Datasheet HTML 9Page - Micrel Semiconductor MIC2342-5YTQ Datasheet HTML 10Page - Micrel Semiconductor MIC2342-5YTQ Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Micrel, Inc.
MIC2342/2342R
June 2008
7
M9999-062008-B
Pin Description (cont.)
Pin Number
Pin Name
Pin Function
1
36
/FAULT_MAINA
/FAULT_MAINB
/FAULT_MAIN[A/B] Outputs are open-drain, asserted active-LOW digital outputs
that are normally connected by an external 10k
Ω resistor to VSTBY. Asserted
whenever the primary or secondary circuit breaker trips because of an overcurrent
fault condition or an input undervoltage. Applying a high-to-low transition at the
ON[A/B] pin resets the /FAULT_MAIN[A/B] outputs if /FAULT_MAIN[A/B] was
asserted in response to a fault condition on one of the slot’s MAIN outputs (+12V or
+3.3V). If an overcurrent event asserted /FAULT_MAIN[A/B], the respective output’s
circuit breaker is reset when
/FAULT_MAIN[A/B] output signal is de-asserted. A 200ns minimum pulse width
(tLPW) for ON[A/B] will reset the MAIN outputs in the event of an overcurrent fault
once the fault is removed.
If a fault condition occurred on both the MAIN and VAUX outputs of the same slot,
then a high-to-low transition on both ON[A/B] and AUXEN[A/B] must be applied to
de-assert the /FAULT_MAIN[A/B] and /FAULT_AUX[A/B] outputs.
To simplify system fault reporting, the /FAULT_MAIN[A/B] output pins may be
connected together with the /FAULT_AUX[A/B] output pins.
4
39
/CRSWA
/CRSWB
Card Retention Switch Inputs [A/B]. These are level sensitive, asserted active- LOW
digital inputs with internal pull-up resistors to VSTBY[A]. These inputs can be
connected to the PRNST#1 or PRNST#2 pins on a PCIe connector to indicate to the
MIC2342 that a PCIe plug-in card is present and firmly mated. Internally, the
MIC2342’s +12VGATE[A/B], +3VGATE[A/B], and 3VAUX[A/B] gate drive circuits are
gated with the MIC2342’s ON[A/B] and the AUXEN[A/B] inputs to deliver power to
the connector only when a PCIe plug-in card is present. During operation, if the
/CRSW[A/B] inputs are disconnected or if there is a pc board trace failure, all
outputs on the respective slot are turned OFF without delay. Each of these inputs
exhibit an internal switch debounce delay of approximately 10ms.
48
37
/FAULT_AUXA
/FAULT_AUXB
/FAULT_AUX[A/B] Outputs are open-drain, asserted active-LOW digital outputs that
are normally connected by an external 10k
Ω resistor to VSTBY. Asserted whenever
the VAUX[A/B] circuit breaker trips because of an overcurrent fault condition or a
slot/die overtemperature condition. Applying a high-to-low transition at the
AUXEN[A/B] pin for at least 0.5µs resets the /FAULT_AUX[A/B] outputs if the
/FAULT_AUX[A/B] output signal was asserted in response to a fault condition on the
respective slot’s VAUX output. If an overcurrent event asserted /FAULT_AUX[A/B],
the respective output’s VAUX circuit breaker is reset when /FAULT_AUX[A/B] output
signal is de-asserted. A 200ns minimum pulse width (tLPW) for AUX_EN[A/B] will
reset the MAIN outputs in the event of an overcurrent fault once the fault is
removed.
If a fault condition occurred on both the MAIN and VAUX outputs of the same slot,
then a high-to-low transition on both ON[A/B] and AUXEN[A/B] must be applied to
de-assert the /FAULT_MAIN[A/B] and /FAULT_AUX[A/B] outputs.
To simplify system fault reporting, the /FAULT_AUX[A/B] output pins may be
connected together with the /FAULT_MAIN[A/B] output pins.
9
28
/FORCE_ONA
/FORCE_ONB
Force On Enable Inputs [A/B]: These active-LOW, level-sensitive inputs with internal
pull-up current (
µA) to VSTBY[A] will turn on all three of the respective slot’s outputs
(+12V, +3.3V, and VAUX), while specifically defeating all protections on those
supplies when asserted. This explicitly includes all overcurrent and short circuit
protections and on-chip thermal protection for the VAUX[A/B] supplies. Additionally
included are the UVLO protections for the +3.3V and +12V main supplies. The
/FORCE_ON[A/B] pins do not disable UVLO protection for the VAUX[A/B] supplies.
These input pins are intended for diagnostic purposes only.
Asserting /FORCE_ON[A/B] will cause the respective slot’s /PWRGD[A/B] and
/DLY_PWRGD[A/B] output signals to be asserted LOW and cause the
/FAULT_MAIN[A/B], the /FAULT_AUX[A/B], the /INT, and the SYSPWRGD output
signals to their open-drain state.


Similar Part No. - MIC2342-5YTQ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2341 MICREL-MIC2341 Datasheet
1Mb / 32P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2341R MICREL-MIC2341R Datasheet
1Mb / 32P
   Dual-Slot PCI Express Hot-Plug Controller
MIC23450 MICREL-MIC23450 Datasheet
1Mb / 22P
   3MHz, PWM, 2A Triple Buck Regulator with HyperLight Load짰 and Power Good
MIC23450-AAAYML MICREL-MIC23450-AAAYML Datasheet
1Mb / 22P
   3MHz, PWM, 2A Triple Buck Regulator with HyperLight Load짰 and Power Good
MIC23450-AAAYML MICREL-MIC23450-AAAYML Datasheet
1Mb / 22P
   3MHz, PWM, 2A Triple Buck Regulator with HyperLight Load짰 and Power Good
More results

Similar Description - MIC2342-5YTQ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2593 MICREL-MIC2593_08 Datasheet
225Kb / 26P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B Datasheet
190Kb / 24P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B_08 Datasheet
235Kb / 23P
   Dual-Slot PCI Hot Plug Controller
logo
STMicroelectronics
MIC2593 STMICROELECTRONICS-MIC2593 Datasheet
175Kb / 26P
   Dual-Slot PCI Hot Plug Controller
logo
Texas Instruments
TPS2340A TI-TPS2340A Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
logo
Micrel Semiconductor
MIC2591B MICREL-MIC2591B_05 Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2341 MICREL-MIC2341 Datasheet
1Mb / 32P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2591B MICREL-MIC2591B Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2592B MICREL-MIC2592B Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2592B MICREL-MIC2592B_05 Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com