Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2293C-34YML Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2293C-34YML
Description  High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2293C-34YML Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2293C-34YML Datasheet HTML 2Page - Micrel Semiconductor MIC2293C-34YML Datasheet HTML 3Page - Micrel Semiconductor MIC2293C-34YML Datasheet HTML 4Page - Micrel Semiconductor MIC2293C-34YML Datasheet HTML 5Page - Micrel Semiconductor MIC2293C-34YML Datasheet HTML 6Page - Micrel Semiconductor MIC2293C-34YML Datasheet HTML 7Page - Micrel Semiconductor MIC2293C-34YML Datasheet HTML 8Page - Micrel Semiconductor MIC2293C-34YML Datasheet HTML 9Page - Micrel Semiconductor MIC2293C-34YML Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Micrel, Inc.
MIC2292/93C
September 2009
9
M9999-091509-A
Dimming Control
There are two techniques for dimming control. One is
PWM dimming, and the other is continuous dimming.
1. PWM dimming control is implemented by
applying a PWM signal on EN pin as shown in
Figure 1. The MIC2292/93C is turned on and off
by the PWM signal. With this method, the LEDs
operate with either zero or full current. The
average LED current is increased proportionally
to the duty-cycle of the PWM signal. This
technique has high-efficiency because the IC
and the LEDs consume no current during the off
cycle of the PWM signal. Typical frequency
should be between 100Hz and 10kHz.
2. Continuous dimming control is implemented by
applying a DC control voltage to the FB pin of
the MIC2292/93C through a series resistor as
shown in Figure 2. The LED current is
decreased proportionally with the amplitude of
the control voltage. The LED intensity (current)
can be dynamically varied applying a DC voltage
to the FB pin. The DC voltage can come from a
DAC signal or a filtered PWM signal. The
advantage of this approach is that a high
frequency PWM signal (>10kHz) can be used to
control LED intensity.
PWM
VIN
EN
SW
FB
OUT
GND
VIN
Figure 1. PWM Dimming Method
VIN
EN
SW
FB
OUT
5.11k
49.9k
GND
DC
VIN
Equivalent
Figure 2. Continuous Dimming
Open-Circuit Protection
If the LEDs are disconnected from the circuit, or in case
an LED fails open, the sense resistor will pull the FB pin
to ground. This will cause the MIC2292/93C to switch
with a high duty-cycle resulting in output overvoltage.
This may cause the SW pin voltage to exceed its
maximum voltage rating, possibly damaging the IC and
the external components. To ensure the highest level of
protection, the MIC2292/93C has three product options
in the 8-pin MLF
® with overvoltage protection, OVP. The
extra pins of the 8-pin MLF
® package allow the use of a
dedicated OVP monitor with options for 15V or 34V (see
Figure 3). The reason for the three OVP levels is to let
users choose the suitable level of OVP for their
application. For example, a 3-LED application would
typically see an output voltage of no more than 12V, so a
15V OVP option would offer a suitable level of
protection. This allows the user to select the output
diode and capacitor with the lowest voltage ratings, and
accordingly, smallest size and lowest cost. The OVP will
clamp the output voltage to within the specified limits.
VIN
EN
GND
SW
FB
OUT
VIN
Figure 3. MLF
® Package OVP Circuit
Start-Up and Inrush Current
During start-up, inrush current of approximately double
the nominal current flows to set up the inductor current
and the voltage on the output capacitor. If the inrush
current needs to be limited, a soft-start circuit similar to
Figure 4 could be implemented. The soft-start capacitor,
Css, provides over-drive to the FB pin at start-up,
resulting in gradual increase of switch duty cycle and
limited inrush current.
VIN
EN
10k
2200pF
SW
OUT
FB
CSS
R
GND
VIN
Figure 4. One of Soft-Start Circuit


Similar Part No. - MIC2293C-34YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2293C-34YML MICREL-MIC2293C-34YML Datasheet
228Kb / 9P
   High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
More results

Similar Description - MIC2293C-34YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2292C MICREL-MIC2292C Datasheet
228Kb / 9P
   High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC2292 MICREL-MIC2292 Datasheet
78Kb / 9P
   High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC2292 MICREL-MIC2292_05 Datasheet
377Kb / 9P
   High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC2289C MICREL-MIC2289C_07 Datasheet
251Kb / 9P
   White LED Driver Internal Schottky Diode and OVP
MIC2289C MICREL-MIC2289C_11 Datasheet
252Kb / 9P
   White LED Driver Internal Schottky Diode and OVP
MIC2289C MICREL-MIC2289C Datasheet
273Kb / 10P
   White LED Driver Internal Schottky Diode and OVP
MIC2289 MICREL-MIC2289_11 Datasheet
273Kb / 10P
   White LED Driver Internal Schottky Diode and OVP
MIC2289 MICREL-MIC2289 Datasheet
88Kb / 9P
   2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
MIC3291 MICREL-MIC3291 Datasheet
830Kb / 17P
   1.2MHz PWM White LED Driver with Internal Schottky Diode and Single-Wire Linear Brightness Control
MIC3289_0706 MICREL-MIC3289_0706 Datasheet
613Kb / 16P
   1.2MHz PWM White LED Driver with Internal Schottky Diode and True 1-Wire Digital Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com