Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2287C-24BML Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2287C-24BML
Description  1.2MHz PWM White LED Driver with OVP in 2mm2mm MLF and Thin SOT-23
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2287C-24BML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2287C-24BML Datasheet HTML 1Page - Micrel Semiconductor MIC2287C-24BML Datasheet HTML 2Page - Micrel Semiconductor MIC2287C-24BML Datasheet HTML 3Page - Micrel Semiconductor MIC2287C-24BML Datasheet HTML 4Page - Micrel Semiconductor MIC2287C-24BML Datasheet HTML 5Page - Micrel Semiconductor MIC2287C-24BML Datasheet HTML 6Page - Micrel Semiconductor MIC2287C-24BML Datasheet HTML 7Page - Micrel Semiconductor MIC2287C-24BML Datasheet HTML 8Page - Micrel Semiconductor MIC2287C-24BML Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MIC2287C
Micrel
M0510-020906
4
February 2006
Typical Characteristics
90
91
92
93
94
95
96
97
98
99
100
0
2
4
6
8
10
12
VIN (V)
Feedback Voltage
vs. Input Voltage
0
1
2
3
4
5
0
2
4
6
8
10
12
VIN (V)
Shutdown Current
vs. Input Voltage
0
1
2
3
4
5
0
2
4
6
8
10
12
VIN (V)
Quiescent Current
vs. Input Voltage
70
72
74
76
78
80
82
84
IOUT (mA)
3 Series LED Efficiency
L = 10H
C
OUT = 0.22
F
V
IN = 4.2V
V
IN = 3.6V
V
IN = 3.0V
0
5
10
15
20
25
70
72
74
76
78
80
82
84
IOUT (mA)
6 Series LED Efficiency
L = 10H
C
OUT = 0.22
F
V
IN = 4.2V
V
IN = 3.6V
V
IN = 3.0V
0
5
10
15
20
25
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-40
0
40
80
120
TEMPERATURE (C)
Switch Frequency
vs. Temperature
0
5
10
15
20
25
30
35
40
45
50
-50
0
50
100
TEMPERATURE (C)
EN Pin Bias Current
vs. Temperature
I
EN = 4.2V
I
EN = 3.6V
I
EN = 3.0V
I
EN = 10V
300
350
400
450
500
550
-40
0
40
80
120
TEMPERATURE (C)
Saturation Voltage
vs. Temperature
ISW = 500mA
600
650
700
750
800
850
900
-40
0
40
80
120
TEMPERATURE (C)
Current Limit
vs. Temperature
V
IN = 2.5V
0
100
200
300
400
500
600
0
100
200
300
400
500
ISW (mA)
Switch Saturation Voltage
vs. Current
VIN = 2.5V
VIN = 5V


Similar Part No. - MIC2287C-24BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2287C-24BML MICREL-MIC2287C-24BML Datasheet
944Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287C-24BML MICREL-MIC2287C-24BML Datasheet
959Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
More results

Similar Description - MIC2287C-24BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2287 MICREL-MIC2287 Datasheet
111Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287 MICREL-MIC2287_05 Datasheet
398Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287C MICREL-MIC2287C Datasheet
944Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287CYD5TR MICREL-MIC2287CYD5TR Datasheet
959Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC3287 MICREL-MIC3287 Datasheet
339Kb / 9P
   1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
MIC3287 MICREL-MIC3287_10 Datasheet
355Kb / 9P
   1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
MIC2289 MICREL-MIC2289 Datasheet
88Kb / 9P
   2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
MIC2288 MICREL-MIC2288_05 Datasheet
253Kb / 11P
   1A 1.2MHz PWM Boost Converter in Thin SOT-23 and 2횞2 MLF
logo
Texas Instruments
TPS61165 TI-TPS61165_10 Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
logo
Linear Technology
LT3491 LINER-LT3491 Datasheet
267Kb / 16P
   White LED Driver with Integrated Schottky in SC70 and 2mm 횞 2mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com