Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2291 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2291
Description  1.2A PWM Boost Regulator Photo Flash LED Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2291 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2291_11 Datasheet HTML 2Page - Micrel Semiconductor MIC2291_11 Datasheet HTML 3Page - Micrel Semiconductor MIC2291_11 Datasheet HTML 4Page - Micrel Semiconductor MIC2291_11 Datasheet HTML 5Page - Micrel Semiconductor MIC2291_11 Datasheet HTML 6Page - Micrel Semiconductor MIC2291_11 Datasheet HTML 7Page - Micrel Semiconductor MIC2291_11 Datasheet HTML 8Page - Micrel Semiconductor MIC2291_11 Datasheet HTML 9Page - Micrel Semiconductor MIC2291_11 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Micrel, Inc.
MIC2291
May 2007
7
M9999-051507
Application Information
DC to DC PWM Boost Conversion
The MIC2291 is a constant frequency boost converter. It
operates by taking a DC input voltage and regulating
cur-rent through series LED’s by monitoring voltage
across the sense resistor (R2). LED current regulation is
achieved by turning on an internal switch, which draws
current through the inductor (L1). When the switch turns
off, the inductor’s magnetic field collapses, causing the
current to be discharged into the output capacitor
through an external schottkey diode (D1). Regulation is
then achieved by pulse width modulation (PWM) to
maintain a constant voltage on the FB pin. This in turn
provides constant LED current.
10µH
1µF
1-Cell
Li Ion
R2
MIC2291-34xML
VIN
EN
SW
OVP
FB
GND
3xLED
Schottky
1A/40V
D1
C2
VIN
VOUT
GND
GND
Figure 2. DC to DC PWM Boost Conversion
Duty Cycle Considerations
Duty cycle refers to the switch on-to-off time ratio and
can be calculated as follows for a boost regulator;
OUT
IN
V
V
1
D
=
The duty cycle required for voltage conversion should be
less than the maximum duty cycle of 85%. Also, in light
load conditions where the input voltage is close to the
output volt-age, the minimum duty cycle can cause pulse
skipping. This is due to the energy stored in the inductor
causing the output to overshoot slightly over the
regulated output voltage. During the next cycle, the error
amplifier detects the output as being high and skips the
following pulse. This effect can be reduced by increasing
the minimum load or by increasing the inductor value.
Increasing the inductor value reduces peak current,
which in turn reduces energy transfer in each cycle.
Over Voltage Protection
For MLF
® package of MIC2291, there is an over voltage
protection function. If the feedback resistors are
disconnected from the circuit or the feedback pin is
shorted to ground, the feedback pin will fall to ground
potential. This will cause the MIC2291 to switch at full
duty-cycle in an attempt to maintain the feedback
voltage. As a result the output voltage will climb out of
control. This may cause the switch node voltage to
exceed its maximum voltage rating, possibly damaging
the IC and the external components. To ensure the
highest level of protection, the MIC2291 OVP pin will
shut the switch off when an over-voltage condition is
detected saving itself and other sensitive circuitry
downstream.
Component Selection
Inductor
Inductor selection is a balance between efficiency,
stability, cost, size and rated current. For most
applications a 10µH is the recommended inductor value.
It
is
usually
a
good
balance
between
these
considerations.
Efficiency is affected by inductance value in that larger
inductance values reduce the peak to peak ripple
current. This has an effect of reducing both the DC
losses and the transition losses. There is also a
secondary effect of an inductors DC resistance (DCR).
The DCR of an inductor will be higher for more
inductance in the same package size. This is due to the
longer windings required for an increase in inductance.
Since the majority of input current (minus the MIC2291
operating current) is passed through the inductor, higher
DCR inductors will reduce efficiency.
Also, to maintain stability, increasing inductor size will
have to be met with an increase in output capacitance.
This is due to the unavoidable “right half plane zero”
effect for the continuous current boost converter
topology. The frequency at which the right half plane
zero occurs can be calculated as follows;
π
2
I
L
V
V
frhpz
OUT
OUT
2
IN
×
×
×
=
The right half plane zero has the undesirable effect of
increasing gain, while decreasing phase. This requires
that the loop gain is rolled off before this has significant
effect on the total loop response. This can be
accomplished by either reducing inductance (increasing
RHPZ frequency) or increasing the output capacitor
value (decreasing loop gain).


Similar Part No. - MIC2291_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2291-15BML MICREL-MIC2291-15BML Datasheet
107Kb / 9P
   1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291-15BML MICREL-MIC2291-15BML Datasheet
709Kb / 10P
   1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291-15YML MICREL-MIC2291-15YML Datasheet
107Kb / 9P
   1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291-15YML MICREL-MIC2291-15YML Datasheet
709Kb / 10P
   1.2A PWM Boost Regulator Photo Flash LED Driver
More results

Similar Description - MIC2291_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2291 MICREL-MIC2291 Datasheet
107Kb / 9P
   1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291 MICREL-MIC2291_07 Datasheet
709Kb / 10P
   1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2297 MICREL-MIC2297_08 Datasheet
281Kb / 11P
   40V PWM Boost Regulator White LED Driver
MIC2297 MICREL-MIC2297 Datasheet
272Kb / 12P
   40V PWM Boost Regulator White LED Driver
logo
NXP Semiconductors
AN10712 PHILIPS-AN10712_15 Datasheet
219Kb / 14P
   Photo flash LED driver
Rev. 1-28 October 2011
logo
Texas Instruments
LM3553 TI1-LM3553 Datasheet
1Mb / 26P
[Old version datasheet]   1.2A Dual Flash LED Driver System
logo
Sipex Corporation
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
   1.2A Buck/Boost Charge Pump LED Driver
SP7685 EXAR-SP7685 Datasheet
267Kb / 12P
   1.2A Buck/Boost Charge Pump LED Driver
logo
NXP Semiconductors
SSL3250A NXP-SSL3250A Datasheet
147Kb / 26P
   Photo flash dual LED driver
Rev. 03-30 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com