Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

750XA106M Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 750XA106M
Description  Pre-Terminated Assemblies
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

750XA106M Datasheet(HTML) 1 Page - Glenair, Inc.

  750XA106M Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
B-7
E-Mail: sales@glenair.com
www.glenair.com
TABLE I
DASH
CONDUIT
MIL-C-28840/4
A
NO.
I.D.
SIZE REF.
DIA
12
.375
(9.5)
03
.625 (15.9)
16
.500 (12.7)
04
.750 (19.1)
20
.625 (15.9)
05
.875 (22.2)
24
.750 (19.1)
06
1.000 (25.4)
32
1.000 (25.4)
08
1.375 (34.9)
40
1.250 (31.8)
10
1.625 (41.3)
48
1.500 (38.1)
12
1.875 (47.6)
64
2.000 (50.8)
16
2.375 (60.3)
Metric dimensions (mm) are indicated in parentheses.
* Length tolerance is
± .250 (12.7) for lengths up to 24
inches (619.6 mm). Length tolerance for longer
lengths is
± one percent (1%) of the length.
TABLE II
SYMBOL FINISH
B
Olive Drab over Cadmium Plate
J
Gold Iridite over Cadmium Plate over Nickel
MElectroless Nickel
NOlive Drab over Cadmium Plate over Nickel
NC
Zinc-Cobalt, Olive Drab
NF
Olive Drab over Cadmium Plate over
Electroless Nickel (500 Hour Salt Spray)
TBright Dip Cadmium Plate over Nickel
Z1
Passivate
LENGTH *
M28840/4 AC OR BC
CONDUIT
M28840/22
BUSHING
1.50
(44.5)
A DIA
Product Series
750 = Series 75
Neoprene Jacket
N = With Neoprene Jacket
X = Without Neoprene Jacket
Conduit Type
750 N A 106 M 24-36
Length in inches *
Dash No. (Table I)
Finish (Table II)
End Fitting Material
106 = Aluminum
107 = Brass
108 = Stainless Steel
USE WITH
ADAPTERS
M28840/5
M28840/25
M28840/27
M28840/30
750-106
Pre-Terminated Assemblies for
M28840/5, /25, /27 & /30 Adapters
Series 72 & 74 Tubing & Series 75 Conduit


Similar Part No. - 750XA106M

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
750XA100B06-36 GLENAIR-750XA100B06-36 Datasheet
35Kb / 2P
   Adapter to Adapter Pre-Terminated Assemblies
750XA100J06-36 GLENAIR-750XA100J06-36 Datasheet
35Kb / 2P
   Adapter to Adapter Pre-Terminated Assemblies
750XA100M06-36 GLENAIR-750XA100M06-36 Datasheet
35Kb / 2P
   Adapter to Adapter Pre-Terminated Assemblies
750XA100N06-36 GLENAIR-750XA100N06-36 Datasheet
35Kb / 2P
   Adapter to Adapter Pre-Terminated Assemblies
750XA100NC06-36 GLENAIR-750XA100NC06-36 Datasheet
35Kb / 2P
   Adapter to Adapter Pre-Terminated Assemblies
More results

Similar Description - 750XA106M

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
750-100 GLENAIR-750-100 Datasheet
35Kb / 2P
   Adapter to Adapter Pre-Terminated Assemblies
750-102 GLENAIR-750-102 Datasheet
47Kb / 2P
   Connector to Connector Pre-Terminated Assemblies
750-110 GLENAIR-750-110 Datasheet
97Kb / 2P
   Connector to Adapter Pre-Terminated Assemblies
logo
Belden Inc.
MIPP BELDEN-MIPP Datasheet
825Kb / 4P
   MIPP Pre-Terminated MPO Cassette
logo
List of Unclassifed Man...
AX104682 ETC2-AX104682 Datasheet
2Mb / 5P
   Cost effective pre-terminated cable support and flexible field termination options
logo
Glenair, Inc.
550T007M GLENAIR-550T007M Datasheet
119Kb / 2P
   EMI/RFI D-Subminiature Split Backshell with Pre-Terminated Overall Shield Sock
logo
Tripp Lite. All Rights ...
N261-015-6MM-BL TRIPPLITE-N261-015-6MM-BL Datasheet
494Kb / 2P
   Augmented Cat6/Cat6a Pre-Terminated Copper Trunk Bundle, (6x) RJ45 (M/M), 15 ft.
N261-006-6FF-BL TRIPPLITE-N261-006-6FF-BL Datasheet
489Kb / 2P
   Augmented Cat6/Cat6a Pre-Terminated Copper Trunk Bundle, (6x) RJ45 (F/F), 6 ft.
N261-006-6MM-BL TRIPPLITE-N261-006-6MM-BL Datasheet
498Kb / 2P
   Augmented Cat6/Cat6a Pre-Terminated Copper Trunk Bundle, (6x) RJ45 (M/M), 6 ft.
N261-015-6FF-BL TRIPPLITE-N261-015-6FF-BL Datasheet
489Kb / 2P
   Augmented Cat6/Cat6a Pre-Terminated Copper Trunk Bundle, (6x) RJ45 (F/F), 15 ft.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com