Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

233-105-G6MT21-21PCA Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 233-105-G6MT21-21PCA
Description  Environmental Plug Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

233-105-G6MT21-21PCA Datasheet(HTML) 1 Page - Glenair, Inc.

  233-105-G6MT21-21PCA Datasheet HTML 1Page - Glenair, Inc. 233-105-G6MT21-21PCA Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
D-18
D
233-105-G6
MIL-DTL-38999 Series III Type
Environmental Plug Connector
APPLICATION NOTES
1. Material/ Finishes:
Barrel, Coupling Nut - See Table II
(Composite Coupling Nut - No Plating Required).
Insulators- High Grade Rigid Dielectric/ N.A
Seals- Fluorosilicone/ N.A.
2. Assembly to be identified with Glenair’s name, part
number and date code space permitting.
3. Insert arrangement in accordance with MIL-STD-1560.
4. Insert arrangement shown is for reference only.
5. Blue Color Band indicates rear release retention system.
6. 16# AWG contact arrangements only. See available
arrangements opposite page.
7. Metric Dimensions (mm) are indicated in parentheses.
Knurl
Manufacturer s
Option
Blue Color Band
(See Note 6)
EE Thread
1.220 (31.0)
Max
x
O DD Max
See Note 2
Master Key
See Notes 3 and 4
O CC Ma
Insert Arrangement
(See Opposite Page)
Basic Part Number
233-105 - D38999 Series III Type
Power Connector
Alternate Key
Position
A, B, C, D, or E
(
N for Normal)
Contact Type
(See Table I)
Shell Size
11
13
15
17
19
21
23
25
233-105 - G6 M 11 - 21
S N
Shell Style
G6 - Plug
Finish Material
(See Table II)
Consult factory for available insert arrangements.


Similar Part No. - 233-105-G6MT21-21PCA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
233-105-G6 GLENAIR-233-105-G6 Datasheet
226Kb / 2P
   Environmental Plug Connector
233-105-G6XM09 GLENAIR-233-105-G6XM09 Datasheet
335Kb / 2P
   Environmental Plug Connector
233-105-G6XM11 GLENAIR-233-105-G6XM11 Datasheet
335Kb / 2P
   Environmental Plug Connector
233-105-G6XM13 GLENAIR-233-105-G6XM13 Datasheet
335Kb / 2P
   Environmental Plug Connector
233-105-G6XM15 GLENAIR-233-105-G6XM15 Datasheet
335Kb / 2P
   Environmental Plug Connector
More results

Similar Description - 233-105-G6MT21-21PCA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
233-105-G6 GLENAIR-233-105-G6 Datasheet
226Kb / 2P
   Environmental Plug Connector
233-105-G6XM09 GLENAIR-233-105-G6XM09 Datasheet
335Kb / 2P
   Environmental Plug Connector
227-015 GLENAIR-227-015 Datasheet
168Kb / 1P
   High-Pressure Environmental Plug
227-158 GLENAIR-227-158 Datasheet
95Kb / 2P
   High-Pressure Environmental Cable Plug
220-06 GLENAIR-220-06 Datasheet
174Kb / 2P
   High-Pressure Environmental Cable Plug
220-09 GLENAIR-220-09 Datasheet
173Kb / 2P
   High-Pressure Environmental Box-Mount Plug
227-163 GLENAIR-227-163 Datasheet
75Kb / 1P
   High-Pressure Environmental Box Mount Plug
180-070-6 GLENAIR-180-070-6 Datasheet
207Kb / 1P
   4 Channel Fiber Optic Plug / Receptacle Special Environmental Composite Connector
logo
Winchester Electronics ...
SD7760-000-00704Z WINCHESTER-SD7760-000-00704Z Datasheet
67Kb / 1P
   ENVIRONMENTAL BOOT AND CAP KIT SMPTE 304 PLUG
logo
Glenair, Inc.
233-105-00 GLENAIR-233-105-00 Datasheet
244Kb / 3P
   Wall Mount Environmental Receptacle Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com