Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

713GS103J11106-4 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 713GS103J11106-4
Description  Metal Straight, 45째, and 90째 M28840 Connector Adapters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

713GS103J11106-4 Datasheet(HTML) 2 Page - Glenair, Inc.

  713GS103J11106-4 Datasheet HTML 1Page - Glenair, Inc. 713GS103J11106-4 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
G-19
E-Mail: sales@glenair.com
www.glenair.com
713-102
Metal Straight, 45°, and 90° M28840 Connector Adapters
for Series 72 & 74 Tubing and Series 75 Conduit
TABLE III
SYMBOL FINISH
B
Olive Drab over Cadmium Plate
J
Gold Iridite over Cadmium Plate
over Nickel
M
Electroless Nickel
N
Olive Drab over Cadmium Plate
over Nickel
NC
Zinc-Cobalt, Olive Drab
NF
Olive Drab over Cadmium Plate
over Electroless Nickel
(500 Hour Salt Spray)
T
Bright Dip Cadmium Plate over
Nickel
Z1
Passivate
TABLE II
CONDUIT
AVAILABILITY
H THREAD
J DIA
DASH NO.
72
74
75
CLASS 2A
+ .015 (.4)
06
06
7/16 - 28 UNEF
.193 (4.9)
08
08
1/2 - 20 UNF
.255 (6.5)
09
09
09
9/16 - 24 UNEF
.286 (7.3)
10
10
9/16 - 24 UNEF
.317 (8.1)
12
12
12
12
5/8 - 24 UNEF
.380 (9.7)
14
14
11/16 - 24 UNEF
.442 (11.2)
16
16
16
16
3/4 - 20 UNEF
.505 (12.8)
20
20
20
20
7/8 - 20 UNEF
.630 (16.0)
24
24
24
24
1 - 20 UNEF
.755 (19.2)
28
28
28
1 3/16 - 18 UNEF
.880 (22.4)
32
32
32
32
1 5/16 - 18 UNEF
1.005 (25.5)
40
40
40
40
1 1/2 - 18 UNEF
1.255 (31.9)
48
48
48
1 3/4 - 18 UNS
1.505 (38.2)
56
56
56
2 - 18 UNS
1.755 (44.6)
64
64
64
2 1/4 - 16 UN
2.005 (50.9)
Consult factory for adapters using 3.000 inch (76.2) conduit
*
Dimensions D-E-F-G apply to connector shell size and conduit dash
number combinations listed. When larger conduit dash numbers are
selected, consult factory for dimensions.
TABLE I
MAX
SHELL
CONDUIT
D
E
F
G
SIZE
DASH NO.
MAX
MAX
MAX
MAX
MIL-C-28840
REF *
11
12
1.240 (31.5)
.920 (23.4)
1.380 (35.1)
1.060 (26.9)
13
16
1.260 (32.0)
.940 (23.9)
1.440 (36.6)
1.120 (28.4)
15
20
1.290 (32.8)
.970 (24.6)
1.500 (38.1)
1.190 (30.2)
17
24
1.310 (33.3)
.990 (25.1)
1.570 (39.9)
1.250 (31.8)
19
24
1.340 (34.0)
1.020 (25.9)
1.630 (41.4)
1.330 (33.8)
23
32
1.380 (35.1)
1.060 (26.9)
1.730 (43.9)
1.410 (35.8)
25
40
1.410 (35.8)
1.090 (27.7)
1.800 (45.7)
1.480 (37.6)
29
48
1.580 (40.1)
1.260 (32.0)
2.040 (51.8)
1.720 (43.7)
33
48
1.620 (41.1)
1.300 (33.0)
2.130 (54.1)
1.810 (46.0)


Similar Part No. - 713GS103J11106-4

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
713 GILWAY-713 Datasheet
143Kb / 2P
   T-1 Subminiature Lamps
logo
List of Unclassifed Man...
713 ETC2-713 Datasheet
170Kb / 1P
   Wiha Sockets
713-00001 ETC2-713-00001 Datasheet
819Kb / 16P
   Eddie Robot Platform
713-00005 ETC2-713-00005 Datasheet
819Kb / 16P
   Eddie Robot Platform
713-00015 ETC2-713-00015 Datasheet
819Kb / 16P
   Eddie Robot Platform
More results

Similar Description - 713GS103J11106-4

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
713-100 GLENAIR-713-100 Datasheet
99Kb / 2P
   Metal Straight, 45째, and 90째 Connector Adapters
712-387 GLENAIR-712-387 Datasheet
46Kb / 2P
   Straight, 45째 & 90째 Environmental User-Installable Fitting
710-114M32 GLENAIR-710-114M32 Datasheet
72Kb / 1P
   Metal Straight Tapered Pipe Thread Adapters
710-100M20 GLENAIR-710-100M20 Datasheet
86Kb / 2P
   Metal Bulkhead Adapters & Feed-Throughs for Conduit
logo
Molex Electronics Ltd.
85335-0009 MOLEX-85335-0009 Datasheet
72Kb / 1P
   Metal SC-ST & SC-SC Duplex Adapters
86024-3000 MOLEX-86024-3000 Datasheet
126Kb / 4P
   LC Connectors and Adapters
logo
Hamamatsu Corporation
E1341-01 HAMAMATSU-E1341-01 Datasheet
144Kb / 1P
   Housings, Power and Signal Cables, Connector Adapters
logo
Winchester Electronics ...
300038 WINCHESTER-300038 Datasheet
52Kb / 2P
   Modular Adapters and Couplers
logo
Ledil, Inc.
F16811 LEDIL-F16811 Datasheet
20Mb / 9P
   ~90째 90째 wide beam optimized for 1.0 mm metal sheet or profile.
F15523 LEDIL-F15523 Datasheet
12Mb / 13P
   ~90째 90째 wide beam optimized for 1.0 mm metal sheet or profile.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com